Part Number Hot Search : 
2N3500 2SC52 BD203 A7303 4056E ACT4418D TRPEG1EE MAXIM
Product Description
Full Text Search
 

To Download PCF7941 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Philips Semiconductors
Preliminary Information
Product Profile
Security Transponder and RISC Controller, STARC lite
Features * Compatible with Security Transponder, PCF7936AS. * RISC Programmable Keyless Entry features * 384 Bit EEPROM * 16-Pin SO package Transponder * 64/32 bit mutual authentication calculation unit * 32 bit unique device identification number * 48 bit Secre Key t * Fast mutual authentication (39 ms) * EEPROM read/write protection capability * Excellent sensitivity in read and write mode (3 T) 5 RISC Controller * Advanced 8-bit RISC architecture * 4 Kbyte ROM, 64 Byte RAM * On-chip RC oscillator ( 10%) < * Short instruction execution time (as fast as 1s) * 11 I/O ports, general purpose * Code hopping based on transponder calculation unit * Code hopping synchronization via transponder * Clock input to serve as external data rate reference * Programmable battery low detection * Low power consumption (300 A, PD 300 nA) * Single battery cell operation (2.1V to 5.5V) * Device supply can be derived from LF Field Typical Application General Description
PCF7941
The PCF7941 is a single chip high performance Security Transponder and Keyless Entry controller, ideally suited for vehicle immobilizer applications that incorporate keyless entry functions. The transponder circuitry is compatible with the Security Transponder PCF7936AS, for use in mixed systems that employ a STARC and a standard Security Transponder, PCF7936AS, at the same time. The Transponder circuitry meets the security and performance requirements of modern car immobilizer applications. Excellent device sensitivity and short authentication time ensure outstanding system performance. The Transponder circuitry does not require any battery supply and full operation is granted in a Keyless Entry battery low condition. The RISC Controller circuitry is powered by an advanced low power 8-Bit RISC. The device features 11 I/O ports including up to four wake-up inputs for command button sensing. Code hopping generation may employ the transponder Calculation Unit, while telegram transmission characteristics are controlled by the RISC. If the same security algorithm is applied for the Transponder and the Code Hopping function, separate Secret Keys are provided to ensure independent code characteristics. Contactless code hopping synchronization may be accomplished via the conatctless interface. The system timing is derived from a low tolerant on-chip RCOscillator. If desired, an external data rate reference clock may be applied for use with common PLL transmitter devices.
www..com
optional
VDD
VBAT
P15 (XCLK) P17 (DOUT) P16 (XON)
PCF7941
Security Transponder Contactless Interface IN1 EEPROM 384 Bit Calculation Unit Control Logic Transponder Interface RISC Controller 4 K ROM Timer Modulator Interrupt Control RC Oscillator
Transmitter IR or UHF (PLL)
P20 P21 P22
User Extensions
8 Bit RISC
P14 (LED)
I/O
P13 (B3) P12 (B2) P11 (B1) P10 (B0)
IN2
Power Management VSS
Buttons
RAM
Li 3V
November 1999
DataSheet 4 U .com
www..com www..com 4U


▲Up To Search▲   

 
Price & Availability of PCF7941

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X