Part Number Hot Search : 
LV4924VH 02M48RT KCU20A30 CHIPS LB11990W 476M0 5ETP12 220MC
Product Description
Full Text Search
 

To Download MRF5175 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MRF5175
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI MRF5175 is Designed for High Power Class C Amplifier in, 225 to 400 MHz Military Communication Equipment.
PACKAGE STYLE .280 4L STUD
A 45
C
FEATURES:
* Class C Operation * PG = 11 dB at 5.0 W/400 MHz * OmnigoldTM Metalization System
B
E B
D C
E
J E F I
MAXIMUM RATINGS
IC VCB VCE PDISS TJ TSTG JC 1.0 A
DIM MINIMUM
inches / mm
G H K #8-32 UNC MAXIMUM
inches / mm
60 V 33 V 12 W @ TC = 25 C -65 OC to +200 OC -65 C to +150 C 12 C/W
O O O O
A B C D E F G H I J K
1.010 / 25.65 .220 / 5.59 .270 / 6.86 .003 / 0.08 .117 / 2.97 .572 / 14.53 .130 / 3.30 .245 / 6.22 .640 / 16.26 .175 / 4.45 .275 / 6.99
1.055 / 26.80 .230 /5.84 .285 / 7.24 .007 / 0.18 .137 / 3.48
.255 / 6.48 .217 / 5.51 .285 / 7.24
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE Cob PG D IC = 30 mA IC = 30 mA IE = 1.0 mA VCB = 30 V
TC = 25 C
O
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
33 60 4.0 0.5
UNITS
V V V mA --pF dB %
VCE = 5.0 V VCB = 30 V VCC = 28 V
IC = 250 mA f = 1.0 MHz POUT = 5.0 W f = 400 MHz
10
100 15
11 50
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of MRF5175

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X