Part Number Hot Search : 
T480005 10725B MAX9651 00130 2RS280SG 13N50 CX3VSM APT150
Product Description
Full Text Search
 

To Download LUY9253H-1M-R1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
AXIAL TYPE LED LAMPS
Pb
Lead-Free Parts
LUY9253H-1M/R1
DATA SHEET
DOC. NO : REV. DATE
QW0905-LUY9253H-1M/R1
:A : 26 - May. - 2009
DCC
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUY9253H-1M/R1 Page 1/6
Package Dimensions
9.25 8.5 1.65
1.95
0.6 TYP
4.0MIN
0.25 TYP
7.62
0.90.15
1 -
2 +
Note : 1.All dimension are in millimeter tolerance is 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
1 -
2 +
Directivity Radiation
0 -30 30
-60
60
100% 75% 50%
25%
0
25% 50% 75% 100%
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUY9253H-1M/R1 Page 2/6
Absolute Maximum Ratings at Ta=25
Ratings Parameter Symbol UY(H) Forward Current Peak Forward Current Duty 1/10@10KHz Power Dissipation Reverse Current @5V Electrostatic Discharge Operating Temperature Storage Temperature IF IFP PD Ir ESD Topr Tstg 50 100 130 10 2000 -40 ~ +85 -40 ~ +100 mA mA mW UNIT
A V
Static Electricity or power surge will the Use of anti-electrosatic * glove is recommended when handingdamageLED.LED.devices, a conductive wrist band or must be properly these All equipment and machinery grounded.
Typical Electrical & Optical Characteristics (Ta=25 )
COLOR PART NO MATERIAL Emitted
LUY9253H-1M/R1
Dominant wave length
Dnm
Spectral Forward halfwidth voltage nm @20mA(V)
Luminous intensity
@20mA(mcd)
Viewing angle 2 1/2 (deg)
Lens 590 20
Min. Max. Min. Typ. 1.7 2.6 200 320 100
AlGaInP/GaP Yellow Water Clear
Note : 1.The forward voltage data did not including 0.1V testing tolerance. 2. The luminous intensity data did not including 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUY9253H-1M/R1 Page3/6
Typical Electro-Optical Characteristics Curve
UY(H) CHIP
Fig.1 Forward Current vs. Forward Voltage
1000
Fig.2 Relative Intensity vs. Forward Current
3.0
Forward Current(mA)
100 10 1.0
Relative Intensity Normalize @20mA
2.5 2.0 1.5 1.0 0.5 0.0 1.0 10 100 1000
0.1 1.0 2.0 3.0 4.0 5.0
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
1.2
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
3.0
Forward Voltage@20mA Normalize @25
Relative Intensity@20mA Normalize @25
2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1
1.0
0.9 0.8 -40 -20 0 20 40 60 80 100
Ambient Temperature()
Ambient Temperature()
Fig.5 Relative Intensity vs. Wavelength
Fig.6 Directivity Radiation
0
Relative Intensity@20mA
1.0
-30
30
0.5
-60
60
0.0 500 550 600 650
100% 75% 50%
25%
0
25% 50% 75% 100%
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUY9253H-1M/R1 Recommended Soldering Conditions 1. Hand Solder
Basic spec is 280 3 sec one time only.
Page 4/6
2. Wave Solder
Soldering heat Max. 260 2455 within 5 sec 120 ~ 150 Preheat
120 ~ 180 sec
3. LEAD Reflow Solder
Temp. () 240
Rising +5/sec Cooling -5/sec
150 120
Preheat
60 ~ 120 sec
5sec
Time
4. PB-Free Reflow Solder
1~5C/sec 260C MaX. 10sec.Max
Preheat 180~200 C 1~5 C/sec
Above 220 C 60 sec.Max.
120 sec.Max.
Note: 1.Wave solder and reflow soldering should not be made more than one time. 2.You can just only select one of the soldering conditions as above.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUY9253H-1M/R1 Page 5/6
Precautions For Use: Storage time:
1.The operation of Temperatures and RH are : 5 ~35,RH<60%. 2.Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with descanting agent. Considering the tape life, we suggest our customers to use our products within a year(from production date). 3.If opened more than one week in an atmosphere 5 ~ 35,RH<60%, they should be treated at 605 fo r 15hrs.
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series with the LED. Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd current should not be allowed to change by more than 40 % of its desired value.
Circuit model A LED
Circuit model B LED
(A) Recommended circuit. (B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LUY9253H-1M/R1 Reliability Test: Page 6/6
Classification
Test Item
Test Condition
1.Ta=Under Room Temperature As Per Data Sheet Maximum Rating. 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Reference Standard
MIL-STD-750D: 1026 MIL-STD-883D: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test Endurance Test Low Temperature Storage Test
1.Ta=105 5 2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-883D:1008 JIS C 7021: B-10
1.Ta=-40 5 2.t=1000 hrs (-24hrs, +72hrs)
JIS C 7021: B-12
High Temperature High Humidity Storage Test
1.IR-Reflow In-Board, 2 Times 2.Ta=65 5 3.RH=90 %~95 % 4.t=1000hrs 2hrs 1.IR-Reflow In-Board,2 times 2.Ta=105 5& -405 (10min) (10min) 3.total 10 cycles
MIL-STD-202F:103B JIS C 7021: B-11
Thermal Shock Test
MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1011
Solder Resistance Test
1.T.Sol=260 5 2.Dwell Time= 10 1sec. 1.T.Sol=235 5 2.Immersion time 2 0.5sec 3.Immersion rate 25 2.5mm/sec 4.Immersion rate 25 2.5mm/sec 5.Coverage 95% of the dipped surface 1.105 ~ 25 ~ 55 ~ 25 30mins 5mins 30mins 5mins 2.10 Cyeles
MIL-STD-202F: 210A MIL-STD-750D: 2031 JIS C 7021: A-1 MIL-STD-202F: 208D MIL-STD-750D: 2026 MIL-STD-883D: 2003 IEC 68 Part 2-20 JIS C 7021: A-2 MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1010 JIS C 7021: A-4
Solderability Test Environmental Test Temperature Cycling
Solderability Test
Ramp-up rate(183 to Peak) +3 second max Temp. maintain at 125( 25) 120 seconds max Temp. maintain above 183 60-150 seconds Peak temperature range 235 +5-0 Time within 5 of actual Peak Temperature(tp) 10-30 seconds Ramp-down rate +6 /second max
MIL-STD-750D:2031.2 J-STD-020


▲Up To Search▲   

 
Price & Availability of LUY9253H-1M-R1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X