Part Number Hot Search : 
HD74AC SLT50L5 2N3053 098BC1 LL4448 TBC152M FDB52N20 EMK13H
Product Description
Full Text Search
 

To Download IS1-2981RHPROTO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS-2981RH
TM
Data Sheet
June 2000
File Number
4869.1
Radiation Hardened 8-Channel Source Driver
The Star*Power Radiation Hardened IS-2981RH is a monolithic device designed for use in high-side switching applications that benefit from separate grounds for the logic and loads. The device has a 5V to 80V operating supply voltage range and is capable of sourcing -200mA continuously from each output. The outputs are controlled by active-high inputs and may be paralleled to increase the drive current. Output clamp diodes prevent device damage, when switching inductive loads.
TM
Features
* Electrically Screened to SMD # 5962-00520 * QML Qualified Per MIL-PRF-38535 Requirements * Radiation Environment - Single Event Latch-up Immune. . . . . . . . . . . DI Process - Total Dose. . . . . . . . . . . . . . . . . . . 1 x 105 rad(Si) (Max) * Input Voltage Range . . . . . . . . . . . 0.0V to VCC (20V Max) * Supply Voltage Range . . . . . . . . . . . . . . . . . . . . 5V to 80V * Turn-on Delay Time . . . . . . . . . . . . . . . . . . . . . . 2s (Max) * Turn-off Delay Time . . . . . . . . . . . . . . . . . . . . .11s (Max) * Output Clamp Diode, VF . . . . . . . . . . . . . . . -1.75V (Max)
Constructed with the Intersil bonded wafer, dielectrically isolated HVTDLM process, these single event latch-up immune devices have been specifically designed to provide highly reliable performance in harsh radiation environments. They are fully guaranteed for 100krad(Si) total dose performance through wafer-by-wafer radiation testing, and are production tested over the full military temperature range. Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed here must be used when ordering. Detailed Electrical Specifications for these devices are contained in SMD 5962-00520. A "hot-link" is provided on our homepage for downloading. www.intersil.com/spacedefense/space.htm
Applications
* Drivers for Various Loads - Relays, Solenoids and Motors * Reliable Replacement of Discrete Solutions * Interfacing Between Low-Level Logic and High-Current Loads
Pinout
IS1-2981RH-Q (CDIP2-T18, SBDIP) TOP VIEW
IN 1 1 18 OUT 1 17 OUT 2 16 OUT 3 15 OUT 4 14 OUT 5 13 OUT 6 12 OUT 7 11 OUT 8 10 GND
Ordering Information
ORDERING NUMBER 5962R0052001VVC 5962R0052001QVC IS1-2981RH/Proto INTERNAL MKT. NUMBER IS1-2981RH-Q IS1-2981RH-8 IS1-2981RH/Proto TEMP. RANGE (oC) -55 to 125 -55 to 125 -55 to 125
IN 2 2 IN 3 3 IN 4 4 IN 5 5 IN 6 6 IN 7 7 IN 8 8 VCC 9
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil and Design is a trademark of Intersil Corporation. | Copyright (c) Intersil Corporation 2000
IS-2981RH Die Characteristics
DIE DIMENSIONS: 2667m x 5131m (105 mils x 202 mils) Thickness: 483m 25.4m (19 mils 1 mil) INTERFACE MATERIALS Glassivation Type: Nitride (Si3N4) over Silox (SiO2) Nitride Thickness: 4.0kA 1.0kA Silox Thickness: 12.0kA 4.0kA Metallization Top Metal 2: Ti/AlCu Thickness: 1.6m 0.02m Metal 1: Ti/AlCu Thickness: 0.8m 0.01m Substrate HVTDLM, Bonded Wafer, Dielectric Isolation Backside Finish Silicon ASSEMBLY RELATED INFORMATION Substrate Potential Must be tied to GND. ADDITIONAL INFORMATION Worst Case Current Density <1.0 x 105 A/cm2 Transistor Count 68
Metallization Mask Layout
IS-2981RH
8 7 6 5 4 3 2 1
9 9
9
9
10
10A 10 11 12 13 14 15 16 17 18
NOTES: 1. Pad numbers correspond to package pin functions. 2. Bond to all four pad 9 locations for VCC current sharing purposes. 3. Bond to both pad 10 locations for GND current sharing purposes. 4. Pad 10A is not used in die applications. 5. Die backside must be connected to GND.
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site www.intersil.com 2


▲Up To Search▲   

 
Price & Availability of IS1-2981RHPROTO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X