Part Number Hot Search : 
MA4E1339 JANTX 56F8335 00BGC BP51L05 MC10EL 3EVKIT ARF463A
Product Description
Full Text Search
 

To Download IRF2807 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91517
IRF2807
HEXFET(R) Power MOSFET
l l l l l l
Advanced Process Technology Ultra Low On-Resistance Dynamic dv/dt Rating 175C Operating Temperature Fast Switching Fully Avalanche Rated
D
VDSS = 75V RDS(on) = 13m
G S
ID = 82A
Description
Advanced HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.
TO-220AB
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C VGS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 srew
Max.
82 58 280 230 1.5 20 43 23 5.9 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V A mJ V/ns C
Thermal Resistance
Parameter
RJC RCS RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient
Typ.
--- 0.50 ---
Max.
0.65 --- 62
Units
C/W
www.irf.com
1
3/16/01
IRF2807
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss EAS
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Single Pulse Avalanche Energy
Min. 75 --- --- 2.0 38 --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- ---
Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 13 m VGS = 10V, ID = 43A 4.0 V VDS = VGS, ID = 250A --- S VDS = 50V, ID = 43A 25 VDS = 75V, VGS = 0V A 250 VDS = 60V, VGS = 0V, TJ = 150C 100 VGS = 20V nA -100 VGS = -20V 160 ID = 43A 29 nC VDS = 60V 55 VGS = 10V, See Fig. 6 and 13 --- VDD = 38V --- ID = 43A ns --- RG = 2.5 --- VGS = 10V, See Fig. 10 Between lead, 4.5 --- 6mm (0.25in.) nH G from package 7.5 --- and center of die contact 3820 --- VGS = 0V 610 --- VDS = 25V 130 --- pF = 1.0MHz, See Fig. 5 1280340 mJ IAS = 50A, L = 370H
Typ. --- 0.074 --- --- --- --- --- --- --- --- --- --- 13 64 49 48
D
S
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton Notes:
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 82 showing the A G integral reverse --- --- 280 S p-n junction diode. --- --- 1.2 V TJ = 25C, IS = 43A, VGS = 0V --- 100 150 ns TJ = 25C, IF = 43A --- 410 610 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
Pulse width 400s; duty cycle 2%. This is a typical value at device destruction and represents
operation outside rated limits.
Starting TJ = 25C, L = 370H
RG = 25, IAS = 43A, VGS=10V (See Figure 12)
ISD 43A, di/dt 300A/s, VDD V(BR)DSS,
TJ 175C
This is a calculated value limited to TJ = 175C . Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
2
www.irf.com
IRF2807
1000
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
1000
I D , Drain-to-Source Current (A)
100
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
4.5V
4.5V
20s PULSE WIDTH TJ = 25 C
1 10 100
10 0.1
10 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
3.0
ID = 71A
RDS(on) , Drain-to-Source On Resistance (Normalized)
I D , Drain-to-Source Current (A)
2.5
TJ = 25 C TJ = 175 C
2.0
100
1.5
1.0
0.5
10 4.0
V DS = 25V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0
0.0 -60 -40 -20
VGS = 10V
0 20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF2807
7000 6000 5000 4000 3000 20 VGS = 0V, f = 1 MHZ Ciss = C + C , C gs gd ds SHORTED Crss = C gd Coss = C + C ds gd
ID = 43A VDS = 60V VDS = 37V VDS = 15V
VGS , Gate-to-Source Voltage (V)
16
C, Capacitance(pF)
Ciss
12
Coss
2000 1000 0 1 10 100
8
Crss
4
0 0 40 80
FOR TEST CIRCUIT SEE FIGURE 13
120 160
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000 OPERATION IN THIS AREA LIMITED BY R DS (on)
ISD , Reverse Drain Current (A)
100
TJ = 175 C
ID , Drain-to-Source Current (A)
100 100sec
10
TJ = 25 C
1
10
1msec
0.1 0.0
V GS = 0 V
0.4 0.8 1.2 1.6 2.0 2.4
1 1
Tc = 25C Tj = 175C Single Pulse 10
10msec 100 1000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF2807
100
LIMITED BY PACKAGE
80
VDS VGS RG
RD
D.U.T.
+
I D , Drain Current (A)
-VDD
60
VGS
40
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
20
VDS 90%
0 25 50 75 100 125 150 175
TC , Case Temperature
( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50
0.20 0.1 0.10 P DM 0.05 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF2807
600
EAS , Single Pulse Avalanche Energy (mJ)
1 5V
TOP
500
VD S
L
D R IV E R
BOTTOM
ID 18A 30A 43A
400
RG
VGS 20V
D .U .T IA S tp 0 .0 1
+ - VD D
A
300
Fig 12a. Unclamped Inductive Test Circuit
V (B R )D SS tp
200
100
0 25 50 75 100 125 150 175
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
IAS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
VGS
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
IG
ID
Charge
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRF2807
Peak Diode Recovery dv/dt Test Circuit
+
D.U.T* Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
+
-
+
RG VGS * dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ VDD
*
Reverse Polarity of D.U.T for P-Channel
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 14. For N-channel HEXFET(R) power MOSFETs
www.irf.com
7
IRF2807
Package Outline
TO-220AB Dimensions are shown in millimeters (inches)
2.87 (.11 3) 2.62 (.10 3) 10 .54 (.4 15) 10 .29 (.4 05) 3 .7 8 (.149 ) 3 .5 4 (.139 ) -A 6.47 (.25 5) 6.10 (.24 0) -B 4.69 ( .18 5 ) 4.20 ( .16 5 ) 1 .32 (.05 2) 1 .22 (.04 8)
4 1 5.24 (.60 0) 1 4.84 (.58 4)
1.15 (.04 5) M IN 1 2 3
L E A D A S S IG NM E NT S 1 - GATE 2 - D R A IN 3 - S O U RC E 4 - D R A IN
1 4.09 (.55 5) 1 3.47 (.53 0)
4.06 (.16 0) 3.55 (.14 0)
3X 3X 1 .4 0 (.0 55 ) 1 .1 5 (.0 45 )
0.93 (.03 7) 0.69 (.02 7) M BAM
3X
0.55 (.02 2) 0.46 (.01 8)
0 .3 6 (.01 4)
2.54 (.10 0) 2X N O TE S : 1 D IM E N S IO N IN G & TO L E R A N C ING P E R A N S I Y 1 4.5M , 1 9 82. 2 C O N TR O L LIN G D IM E N S IO N : IN C H
2 .92 (.11 5) 2 .64 (.10 4)
3 O U T LIN E C O N F O R M S TO JE D E C O U T LIN E TO -2 20 A B . 4 H E A TS IN K & LE A D M E A S U R E M E N T S D O N O T IN C LU DE B U R R S .
Part Marking Information
TO-220AB
E X A M P L E : TH IS IS A N IR F1 0 1 0 W IT H A S S E M B L Y LOT C ODE 9B1M
A
IN TE R N A TIO N A L R E C TIF IE R LOGO ASSEMBLY LOT CO DE
PART NU MBER IR F 10 1 0 9246 9B 1M
D A TE C O D E (Y Y W W ) YY = YEAR W W = W EEK
Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 3/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF2807

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X