Part Number Hot Search : 
2N2060JX 25201 58X25 10102 GL194 YSS220 XC6115A 1N250
Product Description
Full Text Search
 

To Download ICE2B0565 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Datasheet V4.5, Jan 2004
CoolSETTM-F2
ICE2A0565/165/265/365 ICE2B0565/165/265/365 ICE2A0565Z ICE2A180Z/280Z ICE2A765I/2B765I ICE2A765P2/ICE2B765P2
Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOSTM
Power Management & Supply
Never
stop
thinking.
CoolSETTM-F2 Revision History: Previous Version: Page Subjects (major changes since last revision) 2004-01-28 Datasheet V4.5
For questions on technology, delivery and prices please contact the Infineon Technologies Offices in Germany or the Infineon Technologies Companies and Representatives worldwide: see our webpage at http:// www.infineon.com. CoolMOSTM, CoolSETTM are trademarks of Infineon Technologies AG.
Edition 2004-01-28 Published by Infineon Technologies AG, St.-Martin-Strasse 53, D-81541 Munchen
(c) Infineon Technologies AG 1999. All Rights Reserved.
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
CoolSETTM-F2
Off-Line SMPS Current Mode Controller with integrated 650V/800V
Product Highlights
P-DIP-7-1
P-DIP-7-1
* * * *
Best in class in DIP8, DIP7, TO220 packages No heatsink required for DIP8, DIP7 Lowest standby power dissipation Enhanced protection functions all with Auto Restart Mode * Isolated drain package for TO220 * Increased creepage distance for TO220 packages
P-DIP-8-6
P-DIP-8-4, -6
P-TO220-6-46 P-TO220-6-46
P-TO220-6-47 P-TO220-6-47
Features
* * * * * * * * * * * * * 650V/800V avalanche rugged CoolMOSTM Only few external components required Input Vcc Undervoltage Lockout 67kHz/100kHz switching frequency Max duty cycle 72% Low Power Standby Mode to meet European Commission Requirements Thermal Shut Down with Auto Restart Overload and Open Loop Protection Overvoltage Protection during Auto Restart Adjustable Peak Current Limitation via external resistor Overall tolerance of Current Limiting < 5% Internal Leading Edge Blanking User defined Soft Start Soft Switching for low EMI
Description
The second generation CoolSETTM-F2 provides several special enhancements to satisfy the needs for low power standby and protection features. In standby mode frequency reduction is used to lower the power consumption and support a stable output voltage in this mode. The frequency reduction is limited to 20kHz/21.5 kHz to avoid audible noise. In case of failure modes like open loop, overvoltage or overload due to short circuit the device switches in Auto Restart Mode which is controlled by the internal protection unit. By means of the internal precise peak current limitation the dimension of the transformer and the secondary diode can be lower which leads to more cost efficiency.
Typical Application
+
85 ... 270 VAC
RStart-up CVCC
Snubber
Converter DC Output
-
VCC
Low Power StandBy Power Management
Drain Feedback
CoolMOSTM
SoftS
Soft-Start Control
PWM Controller Current Mode Precise Low Tolerance Peak Current Limitation
CSoft Start
Isense RSense
FB
Protection Unit
PWM-Controller
GND
Feedback
CoolSETTM-F2
Datasheet V4.5
3
Jan 2004
CoolSETTM-F2
Ordering Codes
Type
ICE2A0565 ICE2A165 ICE2A265 ICE2A365 ICE2B0565 ICE2B165 ICE2B265 ICE2B365 ICE2A0565Z ICE2A180Z ICE2A280Z
1) 2)
Ordering Code
Q67040-S4542 Q67040-S4426 Q67040-S4414 Q67040-S4415 Q67040-S4540 Q67040-S4489 Q67040-S4478 Q67040-S4490 Q67040-S4541 Q67040-S4546 Q67040-84547
Package
P-DIP-8-6 P-DIP-8-6 P-DIP-8-6 P-DIP-8-6 P-DIP-8-6 P-DIP-8-6 P-DIP-8-6 P-DIP-8-6 P-DIP-7-1 P-DIP-7-1 P-DIP-7-1
VDS
650V 650V 650V 650V 650V 650V 650V 650V 650V 800V 800V
FOSC
100kHz 100kHz 100kHz 100kHz 67kHz 67kHz 67kHz 67kHz 100kHz 100kHz 100KHz
RDSon1) 230VAC 15%2)
4.7 3.0 0.9 0.45 4.7 3.0 0.9 0.45 4.7 3.0 0.8 23W 31W 52W 67W 23W 31W 52W 67W 23W 29W 50W
85-265 VAC2)
13W 18W 32W 45W 13W 18W 32W 45W 13W 17W 31W
typ @ T=25C Maximum power rating at Ta=75C, Tj=125C and with copper area on PCB = 6cm
Type
ICE2A765I ICE2B765I ICE2A765P2 ICE2B765P2
1) 2)
Ordering Code
Q67040-S4609 Q67040-S4607 Q67040-S4610 Q67040-S4608
Package
P-TO-220-6-46 P-TO-220-6-46 P-TO-220-6-47 P-TO-220-6-47
VDS
650V 650V 650V 650V
FOSC
100kHz 67kHz 100kHz 67kHz
RDSon1) 230VAC 15%2)
0.45 0.45 0.45 0.45 240W 240W 240W 240W
85-265 VAC2)
130W 130W 130W 130W
typ @ T=25C Maximum practical continuous power in an open frame design at Ta=75C, Tj=125C and Rth=2.7K/W
Datasheet V4.5
4
Jan 2004
CoolSETTM-F2
Table of Contents
1 1.1 1.2 1.3 1.4 2 3 3.1 3.2 3.2.1 3.2.2 3.3 3.4 3.4.1 3.4.2 3.5 3.5.1 3.5.2 3.6 3.7 3.8 3.8.1 3.8.2 3.8.3 4 4.1 4.2 4.3 4.4 4.4.1 4.4.2 4.4.3 4.4.4 4.4.5 4.4.6 5 6 7
Page
Pin Configuration and Functionality . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6 Pin Configuration with P-DIP-8-6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6 Pin Configuration with P-DIP-7-1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6 Pin Configuration with P-TO220-6-46/47 . . . . . . . . . . . . . . . . . . . . . . . . . . . .7 Pin Functionality . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7 Representative Blockdiagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8 Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9 Power Management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9 Improved Current Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9 PWM-OP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 PWM-Comparator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10 Soft-Start . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11 Oscillator and Frequency Reduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Oscillator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Frequency Reduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Current Limiting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Leading Edge Blanking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Propagation Delay Compensation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13 PWM-Latch . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13 Driver . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .13 Protection Unit (Auto Restart Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14 Overload / Open Loop with Normal Load . . . . . . . . . . . . . . . . . . . . . . . .14 Overvoltage due to Open Loop with No Load . . . . . . . . . . . . . . . . . . . . .15 Thermal Shut Down . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16 Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16 Thermal Impedance (ICE2X765I and ICE2X765P2) . . . . . . . . . . . . . . . . . .18 Operating Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .18 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19 Supply Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .19 Internal Voltage Reference . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20 Control Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20 Protection Unit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21 Current Limiting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .21 CoolMOSTM Section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22 Typical Performance Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .24 Layout Recommendation for C18 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30 Outline Dimension . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
Datasheet V4.5
5
Jan 2004
CoolSETTM-F2
Pin Configuration and Functionality
1
1.1
Pin Configuration and Functionality
Pin Configuration with P-DIP-8-6 1.2 Pin Configuration with P-DIP-7-1
Pin 1 2 3 4 5 6 7 8
1) 2)
Symbol SoftS FB Isense Drain Drain N.C VCC GND
Function Soft-Start Feedback Controller Current Sense Input, CoolMOSTM Source Output 650V1)/800V2) CoolMOSTM Drain 650V /800V CoolMOSTM Drain Not connected Controller Supply Voltage Controller Ground
1) 2)
Pin 1 2 3 4 5 7 8
1) 2)
Symbol SoftS FB Isense N.C. Drain VCC GND
Function Soft-Start Feedback Controller Current Sense Input, CoolMOSTM Source Output Not connected 650V1)/800V2) CoolMOSTM Drain Controller Supply Voltage Controller Ground
at Tj = 110C at Tj = 25C
at Tj = 110C at Tj = 25C
Package P-DIP-8-6
Package P-DIP-7-1
SoftS
1 2 3 4
8 7 6 5
GND
SoftS
1 2 3 4
8 7
GND
FB
VCC
FB
VCC
Isense
N.C
Isense
Drain
Drain
n.c.
5
Drain
Figure 1
Pin Configuration (top view)
Figure 2
Pin Configuration (top view)
Datasheet V4.5
6
Jan 2004
CoolSETTM-F2
Pin Configuration and Functionality
1.3 Pin Conuration with P-TO220-6-46/47 1.4 Pin Functionality
Pin 1 3 4 5 6 7
1)
Symbol Drain Isense GND VCC SoftS FB
Function 650V1) CoolMOSTM Drain 650V1) CoolMOSTM Source Controller Ground Controller Supply Voltage Soft-Start Feedback
SoftS (Soft Start & Auto Restart Control) This pin combines the function of Soft Start in case of Start Up and Auto Restart Mode and the controlling of the Auto Restart Mode in case of an error detection. FB (Feedback) The information about the regulation is provided by the FB Pin to the internal Protection Unit and to the internal PWM-Comparator to control the duty cycle. Isense (Current Sense) The Current Sense pin senses the voltage developed on the series resistor inserted in the source of the integrated CoolMOSTM. When Isense reaches the internal threshold of the Current Limit Comparator, the Driver output is disabled. By this means the Over Current Detection is realized. Furthermore the current information is provided for the PWM-Comparator to realize the Current Mode. Drain (Drain of integrated CoolMOSTM) Pin Drain is the connection to the Drain of the internal CoolMOSTM. VCC (Power supply) This pin is the positiv supply of the IC. The operating range is between 8.5V and 21V. To provide overvoltage protection the driver gets disabled when the voltage becomes higher than 16.5V during Start Up Phase.
at Tj = 110C
Package P-TO220-6-46/47
1
2
3
4
5
6
7
GND (Ground) This pin is the ground of the primary side of the SMPS.
Isense
SoftS
Drain
GND
VCC
Figure 3
Pin Configuration (top view)
Datasheet V4.5
FB
7
Jan 2004
2
Figure 4
CLine Snubber + Converter DC Output VOUT CVCC
Datasheet V4.5
Drain
Power Management Undervoltage Lockout Internal Bias
13.5V 8.5V Duty Cycle Max 0.72
85 ... 270 VAC
RStart-up
VCC
C1 Power-Down Reset Oscillator
Duty Cycle max Clock
Representative Blockdiagram
Voltage Reference Power-Up Reset Soft Start PWM-Latch
S Q
16.5V
6.5V
4.0V
C2 fstandby-fnorm
G1
6.5V 5.3V 4.8V 4.0V
RSoft-Start Soft-Start Comparator
SoftS
CoolMOSTM
5.6V G3 G4
R Q S Q R Q
CSoft-Start Spike Blanking 5s Gate Driver PWM Comparator 0.3V C5 fosc Vcsth UFB x3.65 PWM OP Improved Current Mode Current Limiting Propagation-Delay Compensation
0.8V
C4
Representative Blockdiagram
8
Error-Latch Current-Limit Comparator Leading Edge Blanking 220ns 10k D1 fnorm fstandby Standby Unit
5.3V
T1
6.5V
G2
4.8V
RFB
C3
FB
RSense
Thermal Shutdown
Tj >140C
Isense
Protection Unit
Optocoupler
CoolSETTM-F2
GND
ICE2Axxxx
ICE2Bxxxx 100kHz 21.5kHz 67kHz 20kHz
fnorm fstandby
Representative Blockdiagram
CoolSETTM-F2
Jan 2004
CoolSETTM-F2
Functional Description
3
3.1
Functional Description
Power Management
M ain Line (10 0V -3 80 V )
3.2
Improved Current Mode
S o ft-S ta rt C o m p a ra to r P W M -L a tch
R Q
R S tart-U p
P rim ary W ind in g
C VC C
VCC Po w er M anagem ent U nd ervo ltag e L ock out 1 3.5V 8 .5V P o w er-D ow n R e set V olta ge R e fe renc e P o w e r-U p R ese t 6.5 V 5.3 V 4.8 V 4.0 V Intern al B ia s
FB
D rive r P W M C o m p a ra to r
S 0 .8 V Q
PW M OP x3 .6 5 Im proved Current M ode Ise n se
R
Q P W M -La tc h
6.5V S Q
Figure 6
E rro r-Latch S oft-S tart C o m pa ra tor
Current Mode
R S oft-S tart
S o ftS
Current Mode means that the duty cycle is controlled by the slope of the primary current. This is done by comparison the FB signal with the amplified current sense signal.
C S oft-Start
T1
E rror-D e te ctio n
Amplified Current Signal
Figure 5 Power Management
The Undervoltage Lockout monitors the external supply voltage VVCC. In case the IC is inactive the current consumption is max. 55A. When the SMPS is plugged to the main line the current through RStart-up charges the external Capacitor CVCC. When VVCC exceeds the on-threshold VCCon=13.5V the internal bias circuit and the voltage reference are switched on. After that the internal bandgap generates a reference voltage VREF=6.5V to supply the internal circuits. To avoid uncontrolled ringing at switch-on a hysteresis is implemented which means that switch-off is only after active mode when Vcc falls below 8.5V. In case of switch-on a Power Up Reset is done by reseting the internal error-latch in the protection unit. When VVCC falls below the off-threshold VCCoff=8.5V the internal reference is switched off and the Power Down reset let T1 discharging the soft-start capacitor CSoft-Start at pin SoftS. Thus it is ensured that at every switch-on the voltage ramp at pin SoftS starts at zero.
FB 0.8V Driver t
T on t
Figure 7 Pulse Width Modulation
In case the amplified current sense signal exceeds the FB signal the on-time Ton of the driver is finished by reseting the PWM-Latch (see Figure 7).
Datasheet V4.5
9
Jan 2004
CoolSETTM-F2
Functional Description
The primary current is sensed by the external series resistor RSense inserted in the source of the integrated CoolMOSTM. By means of Current Mode the regulation of the secondary voltage is insensitive on line variations. Line variation causes varition of the increasing current slope which controls the duty cycle. The external RSense allows an individual adjustment of the maximum source current of the integrated CoolMOSTM.
VOSC
max. Duty Cycle
S o ft-S ta rt C o m p a ra to r P W M C o m p a ra to r FB P W M -L a tch O scilla to r V OSC 1 0 k x3 .6 5 T2 C1 V oltage R am p
Figure 8 Improved Current Mode
Voltage Ramp
0.8V FB 0.3V
t
0 .3 V C5 G a te D rive r 0.8V R1 20pF
Gate Driver
t
t
Figure 9 Light Load Conditions
V1
PW M OP
3.2.1
PWM-OP
To improve the Current Mode during light load conditions the amplified current ramp of the PWM-OP is superimposed on a voltage ramp, which is built by the switch T2, the voltage source V1 and the 1st order low pass filter composed of R1 and C1(see Figure 8, Figure 9). Every time the oscillator shuts down for max. duty cycle limitation the switch T2 is closed by VOSC. When the oscillator triggers the Gate Driver T2 is opened so that the voltage ramp can start. In case of light load the amplified current ramp is to small to ensure a stable regulation. In that case the Voltage Ramp is a well defined signal for the comparison with the FB-signal. The duty cycle is then controlled by the slope of the Voltage Ramp. By means of the Comparator C5, the Gate Driver is switched-off until the voltage ramp exceeds 0.3V. It allows the duty cycle to be reduced continously till 0% by decreasing VFB below that threshold.
The input of the PWM-OP is applied over the internal leading edge blanking to the external sense resistor RSense connected to pin ISense. RSense converts the source current into a sense voltage. The sense voltage is amplified with a gain of 3.65 by PWM OP. The output of the PWM-OP is connected to the voltage source V1. The voltage ramp with the superimposed amplified current singal is fed into the positive inputs of the PWMComparator, C5 and the Soft-Start-Comparator.
3.2.2
PWM-Comparator
The PWM-Comparator compares the sensed current signal of the integrated CoolMOSTM with the feedback signal VFB (see Figure 10). VFB is created by an external optocoupler or external transistor in combination with the internal pullup resistor RFB and provides the load information of the feedback circuitry. When the amplified current signal of the integrated CoolMOSTM exceeds the signal VFB the PWMComparator switches off the Gate Driver.
Datasheet V4.5
10
Jan 2004
CoolSETTM-F2
Functional Description
pullup resistor RSoft-Start. The Soft-Start-Comparator compares the voltage at pin SoftS at the negative input with the ramp signal of the PWM-OP at the positive input. When Soft-Start voltage VSoftS is less than Feedback voltage VFB the Soft-Start-Comparator limits the pulse width by reseting the PWM-Latch (see Figure 11). In addition to Start-Up, Soft-Start is also activated at each restart attempt during Auto Restart. By means of the above mentioned CSoft-Start the Soft-Start can be defined by the user. The Soft-Start is finished when VSoftS exceeds 5.3V. At that time the Protection Unit is activated by Comparator C4 and senses the FB by Comparator C3 wether the voltage is below 4.8V which means that the voltage on the secondary side of the SMPS is settled. The internal Zener Diode at SoftS with breaktrough voltage of 5.6V is to prevent the internal circuit from saturation (see Figure 12).
6 .5 V 5 .6 V
6 .5 V R FB FB S o ft-S ta rt C o m p a ra to r P W M -L a tch
P W M C o m p a ra to r
0 .8 V
O p to co u p le r
PW M OP Ise n se x3 .6 5 Im proved Current M ode
P o w e r-U p R e s e t E rro r-L a tc h
R Q
R S o ft-S ta rt S o ftS 6 .5 V 5 .3 V C4 G2
S
Q
Figure 10
PWM Controlling
3.3
Soft-Start
FB
4 .8 V R FB
C3 C lo c k
R
Q
G a te D riv e r
S Q
V S o ftS
5 .6 V 5 .3 V
P W M -L a tch
Figure 12
Activation of Protection Unit
T S o ft-S ta rt G a te D rive r
The Start-Up time TStart-Up within the converter output voltage VOUT is settled must be shorter than the SoftStart Phase TSoft-Start (see Figure 13).
t
T Soft - Start C Soft - Start = ------------------------------------R Soft - Start x 1.69
By means of Soft-Start there is an effective minimization of current and voltage stresses on the integrated CoolMOSTM, the clamp circuit and the output overshoot and prevents saturation of the transformer during Start-Up.
t
Figure 11 Soft-Start Phase
The Soft-Start is realized by the internal pullup resistor RSoft-Start and the external Capacitor CSoft-Start (see Figure 2). The Soft-Start voltage VSoftS is generated by charging the external capacitor CSoft-Start by the internal
Datasheet V4.5
11
Jan 2004
CoolSETTM-F2
Functional Description
V S oftS 5 .3 V
kHz
100
T S o ft-S ta rt V FB 4 .8 V t
fOSC
65
21.5 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0
V
IC E2Axxxx fnorm fstandby 100kHz 21.5kH z
ICE2Bxxxx 67kH z 20kH z
VFB
Figure 14
Frequency Dependence
VOUT V OUT T S ta rt-U p
t
3.5
Current Limiting
t
Figure 13 Start Up Phase
3.4
Oscillator and Frequency Reduction Oscillator
There is a cycle by cycle current limiting realised by the Current-Limit Comparator to provide an overcurrent detection. The source current of the integrated CoolMOSTM is sensed via an external sense resistor RSense . By means of RSense the source current is transformed to a sense voltage VSense. When the voltage VSense exceeds the internal threshold voltage Vcsth the Current-Limit-Comparator immediately turns off the gate drive. To prevent the Current Limiting from distortions caused by leading edge spikes a Leading Edge Blanking is integrated at the Current Sense. Furthermore a Propagation Delay Compensation is added to support the immedeate shut down of the CoolMOSTM in case of overcurrent.
3.4.1
The oscillator generates a frequency fswitch = 67kHz/ 100kHz. A resistor, a capacitor and a current source and current sink which determine the frequency are integrated. The charging and discharging current of the implemented oscillator capacitor are internally trimmed, in order to achieve a very accurate switching frequency. The ratio of controlled charge to discharge current is adjusted to reach a max. duty cycle limitation of Dmax=0.72.
3.5.1
Leading Edge Blanking
V S en s e V cs th tLE B = 2 2 0 n s
3.4.2
Frequency Reduction
The frequency of the oscillator is depending on the voltage at pin FB. The dependence is shown in Figure 14. This feature allows a power supply to operate at lower frequency at light loads thus lowering the switching losses while maintaining good cross regulation performance and low output ripple. In case of low power the power consumption of the whole SMPS can now be reduced very effective. The minimal reachable frequency is limited to 20kHz/21.5 kHz to avoid audible noise in any case.
t
Figure 15 Leading Edge Blanking Each time when CoolMOSTM is switched on a leading spike is generated due to the primary-side capacitances and secondary-side rectifier reverse recovery time. To avoid a premature termination of the switching pulse this spike is blanked out with a time constant of tLEB = 220ns. During that time the output of
Datasheet V4.5
12
Jan 2004
CoolSETTM-F2
Functional Description
the Current-Limit Comparator cannot switch off the gate drive. The propagation delay compensation is done by means of a dynamic threshold voltage Vcsth (see Figure 17). In case of a steeper slope the switch off of the driver is earlier to compensate the delay. E.g. Ipeak = 0.5A with RSense = 2 . Without propagation delay compensation the current sense threshold is set to a static voltage level Vcsth=1V. A current ramp of dI/dt = 0.4A/s, that means dVSense/dt = 0.8V/s, and a propagation delay time of i.e. tPropagation Delay =180ns leads then to a Ipeak overshoot of 12%. By means of propagation delay compensation the overshoot is only about 2% (see Figure 18).
3.5.2
Propagation Delay Compensation
In case of overcurrent detection by ILimit the shut down of CoolMOSTM is delayed due to the propagation delay of the circuit. This delay causes an overshoot of the peak current Ipeak which depends on the ratio of dI/dt of the peak current (see Figure 16). .
Signal1 ISense Ipeak2 Ipeak1 ILimit IOvershoot2
Signal2 tPropagation Delay
with compensation
without compensation
V
1.3 1.25
VSense
IOvershoot1
1.2 1.15 1.1
1.05 1
t
Figure 16 Current Limiting The overshoot of Signal2 is bigger than of Signal1 due to the steeper rising waveform. A propagation delay compensation is integrated to bound the overshoot dependent on dI/dt of the rising primary current. That means the propagation delay time between exceeding the current sense threshold Vcsth and the switch off of CoolMOSTM is compensated over temperature within a range of at least.
0.95 0.9 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
V/us
dVSense dt
Figure 18
Overcurrent Shutdown
3.6
PWM-Latch
dI peak dV Sense 0 R Sensex ----------- --------------dt dt
So current limiting is now capable in a very accurate way (see Figure 18).
The oscillator clock output applies a set pulse to the PWM-Latch when initiating CoolMOSTM conduction. After setting the PWM-Latch can be reset by the PWMOP, the Soft-Start-Comparator, the Current-LimitComparator, Comparator C3 or the Error-Latch of the Protection Unit. In case of reseting the driver is shut down immediately.
VOSC
max. Duty Cycle
3.7
off time
Driver
VSense Vcsth
t
Propagation Delay
t Signal1
Figure 17
Signal2
The driver-stage drives the gate of the CoolMOSTM and is optimized to minimize EMI and to provide high circuit efficiency. This is done by reducing the switch on slope when reaching the CoolMOSTM threshold. This is achieved by a slope control of the rising edge at the driver's output (see Figure 19). Thus the leading switch on spike is minimized. When CoolMOSTM is switched off, the falling shape of the driver is slowed down when reaching 2V to prevent an overshoot below ground. Furthermore the driver circuit is designed to eliminate cross conduction of the output stage. At voltages below the undervoltage lockout threshold VVCCoff the gate drive is active low.
Dynamic Voltage Threshold Vcsth
Datasheet V4.5
13
Jan 2004
CoolSETTM-F2
Functional Description
V G a te
ca . t = 1 3 0 n s
FB 4.8V Failure Detection
Overload / Open Loop with Normal Load
5s Blanking
5V
t
t
Figure 19 Gate Rising Slope
SoftS 5.3V Soft-Start Phase
3.8
Protection Unit (Auto Restart Mode)
TBurst1 TRestart t
An overload, open loop and overvoltage detection is integrated within the Protection Unit. These three failure modes are latched by an Error-Latch. Additional thermal shutdown is latched by the Error-Latch. In case of those failure modes the Error-Latch is set after a blanking time of 5s and the CoolMOSTM is shut down. That blanking prevents the Error-Latch from distortions caused by spikes during operation mode.
Driver
3.8.1
Overload / Open Loop with Normal Load
t VCC 13.5V 8.5V
Figure 20 shows the Auto Restart Mode in case of overload or open loop with normal load. The detection of open loop or overload is provided by the Comparator C3, C4 and the AND-gate G2 (see Figure 21). The detection is activated by C4 when the voltage at pin SoftS exceeds 5.3V. Till this time the IC operates in the Soft-Start Phase. After this phase the comparator C3 can set the Error-Latch in case of open loop or overload which leads the feedback voltage VFB to exceed the threshold of 4.8V. After latching VCC decreases till 8.5V and inactivates the IC. At this time the external Soft-Start capacitor is discharged by the internal transistor T1 due to Power Down Reset. When the IC is inactive VVCC increases till VCCon = 13.5V by charging the Capacitor CVCC by means of the Start-Up Resistor RStart-Up. Then the Error-Latch is reset by Power Up Reset and the external Soft-Start capacitor CSoft-Start is charged by the internal pullup resistor RSoft-Start . During the Soft-Start Phase which ends when the voltage at pin SoftS exceeds 5.3V the detection of overload and open loop by C3 and G2 is inactive. In this way the Start Up Phase is not detected as an overload.
t
Figure 20
Auto Restart Mode
6 .5 V P o w e r U p R e se t S o ftS R S o ft-S tart
C S oft-S ta rt 5 .3 V T1 4 .8 V
C4 G2
E rro r-L a tc h
C3 FB
R FB
6 .5 V
Figure 21
FB-Detection
Datasheet V4.5
14
Jan 2004
CoolSETTM-F2
Functional Description
But the Soft-Start Phase must be finished within the Start Up Phase to force the voltage at pin FB below the failure detection threshold of 4.8V. normal operation mode is prevented from overvoltage detection due to varying of VCC concerning the regulation of the converter output. When the voltage VSoftS is above 4.0V the overvoltage detection by C1 is deactivated.
3.8.2
Overvoltage due to Open Loop with No Load
VCC
O pen loop & no load condition
FB 4 .8 V F a ilu re D e te ctio n 5 s B la n k in g
6 .5 V 1 6 .5 V R S oft-S ta rt 4 .0 V S o ftS
t
C1
E rro r L a tc h G1
C2
S o ftS 5 .3 V 4 .0 V
S o ft-S ta rt P h a s e
C S oft-S ta rt T1 P o w e r U p R e se t
O v e rv o lta g e D e te c tio n P h a s e
D rive r
T B u rs t2 T R es tart
t
Figure 23
Overvoltage Detection
3.8.3
Thermal Shut Down
Thermal Shut Down is latched by the Error-Latch when junction temperature Tj of the pwm controller is exceeding an internal threshold of 140C. In that case the IC switches in Auto Restart Mode.
O v e rv o lta g e D e te ctio n VCC 1 6 .5 V 1 3 .5 V 8 .5 V t
t
Figure 22
Auto Restart Mode
Figure 22 shows the Auto Restart Mode for open loop and no load condition. In case of this failure mode the converter output voltage increases and also VCC. An additional protection by the comparators C1, C2 and the AND-gate G1 is implemented to consider this failure mode (see Figure 23).The overvoltage detection is provided by Comparator C1 only in the first time during the Soft-Start Phase till the Soft-Start voltage exceeds the threshold of the Comparator C2 at 4.0V and the voltage at pin FB is above 4.8V. When VCC exceeds 16.5V during the overvoltage detection phase C1 can set the Error-Latch and the Burst Phase during Auto Restart Mode is finished earlier. In that case TBurst2 is shorter than TSoft-Start . By means of C2 the
Note:
All the values which are mentioned in the functional description are typical. Please refer to Electrical Characteristics for min/max limit values.
Datasheet V4.5
15
Jan 2004
CoolSETTM-F2
Electrical Characteristics
4
4.1
Note:
Electrical Characteristics
Absolute Maximum Ratings
Absolute maximum ratings are defined as ratings, which when being exceeded may lead to destruction of the integrated circuit. For the same reason make sure, that any capacitor that will be connected to pin 6 (VCC) is discharged before assembling the application circuit.
Parameter
Symbol
Limit Values min. max. 650
Unit
Remarks
Drain Source Voltage ICE2A0565/165/265/365/765I/765P2 ICE2B0565/165/265/365/765I/765P2 ICE2A0565Z Drain Source Voltage ICE2A180Z/280Z Avalanche energy, repetitive tAR limited by max. Tj=150C1) ICE2A0565 ICE2A165 ICE2A265 ICE2A365 ICE2B0565 ICE2B165 ICE2B265 ICE2B365
VDS
-
V
Tj = 110C
VDS EAR1 EAR2 EAR3 EAR4 EAR5 EAR6 EAR7 EAR8 EAR10 EAR11 EAR12 EAR13
-
800 0.01 0.07 0.40 0.50 0.01 0.07 0.40 0.50 0.01 0.07 0.40 0.50 0.50 0.50 0.50
V mJ mJ mJ mJ mJ mJ mJ mJ mJ mJ mJ mJ mJ mJ mJ
Tj = 25C
ICE2A0565Z EAR9 ICE2A180Z ICE2A280Z ICE2A765I ICE2B765I
ICE2A765P2 EAR14 ICE2B765P2 EAR15
1)
Repetitive avalanche causes additional power losses that can be calculated as PAV=EAR* f
Datasheet V4.5
16
Jan 2004
CoolSETTM-F2
Electrical Characteristics
Parameter
Symbol
Limit Values min. max. 0.5 1 2 3 0.5 1 2 3 0.5 1 2 7 7 7 7 22 6.5 6.5 3 150 150 90 96 22)
Unit
Remarks
Avalanche current, ICE2A0565 repetitive tAR limited by ICE2A165 max. Tj=150C ICE2A265 ICE2A365 ICE2B0565 ICE2B165 ICE2B265 ICE2B365
IAR1 IAR2 IAR3 IAR4 IAR5 IAR6 IAR7 IAR8 IAR10 IAR11 IAR12 IAR13
-0.3 -0.3 -0.3 -0.3 -40 -50 -
A A A A A A A A A A A A A A A V V V V C C K/W K/W kV P-DIP-8-6 P-DIP-7-1 Human Body Model Controller & CoolMOSTM
ICE2A0565Z IAR9 ICE2A180Z ICE2A280Z ICE2A765I ICE2B765I
ICE2A765P2 IAR14 ICE2B765P2 IAR15 VCC Supply Voltage FB Voltage SoftS Voltage ISense Junction Temperature Storage Temperature Thermal Resistance Junction-Ambient ESD Robustness1)
1) 2)
VCC VFB VSoftS ISense Tj TS RthJA1 RthJA2 VESD
Equivalent to discharging a 100pF capacitor through a 1.5 k series resistor 1kV at pin drain of ICE2x0565, ICE2A0565Z
Datasheet V4.5
17
Jan 2004
CoolSETTM-F2
Electrical Characteristics
4.2 Thermal Impedance (ICE2X765I and ICE2X765P2)
Parameter
Symbol
Limit Values min. max. 74
Unit
Remarks
Thermal Resistance Junction-Ambient
ICE2A765I RthJA3 ICE2B765I ICE2A765P2 ICE2B765P2 ICE2A765I RthJC ICE2B765I ICE2A765P2 ICE2B765P2
-
K/W
Free standing with no heatsink
Junction-Case
-
2.5
K/W
4.3
Note:
Operating Range
Within the operating range the IC operates as described in the functional description.
Parameter
Symbol
Limit Values min. max. 21 130 150
Unit
Remarks
VCC Supply Voltage Junction Temperature of Controller Junction Temperature of CoolMOSTM
VCC TJCon TJCoolMOS
VCCoff -25 -25
V C C Limited due to thermal shut down of controller
Datasheet V4.5
18
Jan 2004
CoolSETTM-F2
Electrical Characteristics
4.4
Note:
Characteristics
The electrical characteristics involve the spread of values given within the specified supply voltage and junction temperature range TJ from - 25 C to 125 C.Typical values represent the median values, which are related to 25C. If not otherwise stated, a supply voltage of VCC = 15 V is assumed.
4.4.1
Supply Section
Parameter
Symbol min.
Limit Values typ. 27 5.0 5.3 6.5 6.7 8.5 5.2 5.5 6.1 7.1 5.3 6.5 7.7 8.5 7.1 8.5 7.1 13.5 8.5 5 max. 55 6.6 6.7 7.8 8.0 9.8 6.7 7.0 7.3 8.3 6.7 7.8 9.0 9.8 8.3 9.8 8.3 14 5.5
Unit
Test Condition
Start Up Current Supply Current with Inactive Gate Supply Current ICE2A0565 with Active Gate ICE2A165 ICE2A265 ICE2A365 ICE2B0565 ICE2B165 ICE2B265 ICE2B365 ICE2A0565Z ICE2A180Z ICE2A280Z Supply Current with Activ Gate ICE2A765I ICE2B765I ICE2A765P2 ICE2B765P2 VCC Turn-On Threshold VCC Turn-Off Threshold VCC Turn-On/Off Hysteresis
IVCC1 IVCC2 IVCC3 IVCC4 IVCC5 IVCC6 IVCC7 IVCC8 IVCC9 IVCC10 IVCC11 IVCC12 IVCC13 IVCC14 IVCC15 IVCC16 IVCC17 VCCon VCCoff VCCHY
13 4.5
A mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA mA V V V
VCC=VCCon -0.1V VSoftS = 0 IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0 VSoftS = 5V IFB = 0
Datasheet V4.5
19
Jan 2004
CoolSETTM-F2
Electrical Characteristics
4.4.2 Internal Voltage Reference
Parameter
Symbol min.
Limit Values typ. 6.50 max. 6.63
Unit
Test Condition
Trimmed Reference Voltage
VREF
6.37
V
measured at pin FB
4.4.3
Control Section
Parameter
Symbol min.
Limit Values typ. 100 max. 107
Unit
Test Condition
Oscillator Frequency ICE2A0565/165/265/365/765I/765P2 ICE2A0565Z/180Z/280Z Oscillator Frequency ICE2B0565/165/265/365/765I/765P2 Reduced Osc. Frequency ICE2A0565/165/265/365/765I/765P2 ICE2A0565Z/180Z/280Z Reduced Osc. Frequency ICE2B0565/165/265/365/765I/765P2 Frequency Ratio fosc1/fosc2 ICE2A0565/165/265/365/765I/765P2 ICE2A0565Z/180Z/280Z Frequency Ratio fosc3/fosc4 ICE2B0565/165/265/365/765I/765P2 Max Duty Cycle Min Duty Cycle PWM-OP Gain VFB Operating Range Min Level VFB Operating Range Max level Feedback Resistance Soft-Start Resistance
fOSC1
93
kHz
VFB = 4V
fOSC3 fOSC2
62 -
67 21.5
72 -
kHz kHz
VFB = 4V VFB = 1V
fOSC4
4.5
20 4.65
4.9
kHz
VFB = 1V
3.18 Dmax Dmin AV VFBmin VFBmax RFB RSoft-Start 0.67 0 3.45 0.3 3.0 42
3.35 0.72 3.65 3.7 50
3.53 0.77 3.85 4.6 4.9 62 V V k k VFB < 0.3V
Datasheet V4.5
20
Jan 2004
CoolSETTM-F2
Electrical Characteristics
4.4.4 Protection Unit
Parameter
Symbol min.
Limit Values typ. 4.8 5.3 4.0 16.5 140 5 max. 4.95 5.46 4.12 17.2 150 -
Unit
Test Condition
Over Load & Open Loop Detection Limit Activation Limit of Overload & Open Loop Detection Deactivation Limit of Overvoltage Detection Overvoltage Detection Limit Latched Thermal Shutdown Spike Blanking
1)
VFB2 VSoftS1 VSoftS2 VVCC1 TjSD tSpike
4.65 5.15 3.88 16 130 -
V V V V C s
VSoftS > 5.5V VFB > 5V VFB > 5V VCC > 17.5V VSoftS < 3.8V VFB > 5V
1)
The parameter is not subject to production test - varified by design/characterization
4.4.5
Current Limiting
Parameter
Symbol min.
Limit Values typ. 1.0 220 max. 1.05 -
Unit
Test Condition
Peak Current Limitation (incl. Propagation Delay Time) Leading Edge Blanking
Vcsth tLEB
0.95 -
V ns
dVsense / dt = 0.6V/s
Datasheet V4.5
21
Jan 2004
CoolSETTM-F2
Electrical Characteristics
4.4.6 CoolMOSTM Section
Parameter
Symbol min.
Limit Values typ. max. -
Unit
Test Condition
Drain Source Breakdown Voltage ICE2A0565/165/265/365/765I/765P2 ICE2B0565/165/265/365/765I/765P2 ICE2A0565Z Drain Source Breakdown Voltage ICE2A180Z/280Z Drain Source On-Resistance ICE2A0565 ICE2A165 ICE2A265 ICE2A365 ICE2B0565 ICE2B165 ICE2B265 ICE2B365 ICE2A0565Z ICE2A180Z ICE2A280Z ICE2A765I ICE2B765I ICE2A765P2 ICE2B765P2
V(BR)DSS
600 650
V V
Tj=25C Tj=110C
V(BR)DSS RDSon1 RDSon2 RDSon3 RDSon4 RDSon5 RDSon6 RDSon7 RDSon8 RDSon9 RDSon10 RDSon11 RDSon12 RDSon13 RDSon14 RDSon15
800 870 -
4.7 10.0 3 6.6 0.9 1.9 0.45 0.95 4.7 10.0 3 6.6 0.9 1.9 0.45 0.95 4.7 10.0 3 6.6 0.8 1.7 0.45 0.95 0.45 0.95 0.45 0.95 0.45 0.95
5.5 12.5 3.3 7.3 1.08 2.28 0.54 1.14 5.5 12.5 3.3 7.3 1.08 2.28 0.54 1.14 5.5 12.5 3.3 7.3 1.06 2.04 0.54 1.14 0.54 1.14 0.54 1.14 0.54 1.14
V V
Tj=25C Tj=110C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C Tj=25C Tj=125C
Datasheet V4.5
22
Jan 2004
CoolSETTM-F2
Electrical Characteristics
Parameter
Symbol min.
Limit Values typ. 4.751 7 21 30 4.751 7 21 30 4.751 7 22 30 30 30 30 0.5 301) 301) max. -
Unit
Test Condition
Effective output capacitance, energy related
ICE2A0565 ICE2A165 ICE2A265 ICE2A365 ICE2B0565 ICE2B165 ICE2B265 ICE2B365 ICE2A0565Z ICE2A180Z ICE2A280Z ICE2A765I ICE2B765I ICE2A765P2 ICE2B765P2
Co(er)1 Co(er)2 Co(er)3 Co(er)4 Co(er)5 Co(er)6 Co(er)7 Co(er)8 Co(er)9 Co(er)10 Co(er)11 Co(er)12 Co(er)13 Co(er)14 Co(er)15 IDSS trise tfall
-
pF pF pF pF pF pF pF pF pF pF pF pF pF pF pF A ns ns
VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VDS =0V to 480V VVCC=0V
Zero Gate Voltage Drain Current Rise Time Fall Time
1)
Measured in a Typical Flyback Converter Application
Datasheet V4.5
23
Jan 2004
CoolSETTM-F2
Typical Performance Characteristics
5
40 38
Typical Performance Characteristics
7,1 6,9
ICE2B365
Start Up Current IVCC1 [A]
36 34
PI-001-190101
Supply Current IVCCi [mA]
6,7 6,5 6,3 6,1 5,9 5,7 5,5 5,3 5,1 4,9 4,7 4,5 -25 -15
ICE2B0565 ICE2B165
PI-002-190101
ICE2B265
32 30 28 26 24 22 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 24
5,9 5,7
Start Up Current IVCC1 vs. Tj
Figure 27
8,5 8,3 8,1
Supply Current IVCCI vs. Tj
Supply Current IVCC2 [mA]
Supply Current IVCCi [mA]
7,9 7,7 7,5 7,3 6,9 6,7 6,5 6,3 6,1 5,9 5,7 5,5 -25 -15
ICE2A180Z
PI-002-190101
5,5 5,3 5,1 4,9 4,7 4,5 -25 -15
ICE2A280Z
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
PI-003-190101
7,1
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 25
Static Supply Current IVCC2 vs. Tj
Figure 28
9,0
Supply Current IVCCI vs. Tj
8,8 8,4
ICE2A365
8,8 8,6
Supply Current IVCCi [mA]
Supply Current IVCCi [mA]
8,0 7,6 7,2
PI-002-190101
8,4 8,2 8,0 7,6 7,4 7,2 7,0 6,8 6,6 6,4 6,2 -25 -15
ICE2B765P2
PI-002-190101
ICE2A765P2
6,8 6,4 6,0 5,6 5,2 4,8 4,4 4,0 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
ICE2A0565 /Z ICE2A265 ICE2A165
7,8
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 26
Supply Current IVCCI vs. Tj
Figure 29
Supply Current IVCCI vs. Tj
Datasheet V4.5
24
Jan 2004
CoolSETTM-F2
Typical Performance Characteristics
13,58 6,510
Trimmed Reference Voltage V REF [V]
VCC Turn-On Threshold VCCon [V]
13,56 13,54 13,52
PI-004-190101
6,505 6,500 6,495 6,490 6,485 6,480 6,475 6,470 -25 -15
PI-007-190101
13,50 13,48 13,46 13,44 13,42 -25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 30
8,67
VCC Turn-On Threshold VVCCon vs. Tj
Figure 33
102,0
Trimmed Reference VREF vs. Tj
VCC Turn-Off Threshold VVCCoff [V]
Oscillator Frequency fOSC1 [kHz]
8,64 8,61 8,58
PI-005-190101
101,5 101,0 100,5 100,0 99,5 99,0 98,5 98,0 97,5 97,0 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
ICE2A0565 /Z ICE2A165 ICE2A265 ICE2A365 ICE2A180Z ICE2A280Z ICE2A765P2
8,52 8,49 8,46 8,43 8,40 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 31
5,10 5,07 5,04 5,01
VCC Turn-Off Threshold VVCCoff vs. Tj
Figure 34
70,0
Oscillator Frequency fOSC1 vs. Tj
VCC Turn-On/Off Hysteresis V CCHY [V]
Oscillator Frequency f OSC3 [kHz]
69,5 69,0 68,5 68,0 67,5 67,0 66,5 66,0 65,5 65,0 64,5 64,0 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
ICE2B0565 ICE2B165 ICE2B265 ICE2B365 ICE2B765P2
PI-008a-190101
4,95 4,92 4,89 4,86 4,83 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
Junction Temperature [C]
PI-006-190101
4,98
Junction Temperature [C]
Figure 32
VCC Turn-On/Off HysteresisVVCCHY vs. Tj
Figure 35
Oscillator Frequency fOSC3 vs. Tj
Datasheet V4.5
25
Jan 2004
PI-008-190101
8,55
CoolSETTM-F2
Typical Performance Characteristics
22,0
3,45 3,43
Reduced Osc. Frequency f OSC2 [kHz]
21,8
Frequency Ratio fOSC3/fOSC4
21,6 21,4 21,2 21,0 20,8 20,6 20,4 20,2 20,0 -25 -15 -5 5 15 25 35 45
3,35 3,33 3,31 3,29 3,27 3,25 -25 -15 -5 5 15 25 35 45
55
65
75
85
95 105 115 125
55
65
75
85
95 105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 36
21,0
Reduced Osc. Frequency fOSC2 vs. Tj
Figure 39
0,730 0,728
Frequency Ratio fOSC3 / fOSC4 vs. Tj
Reduced Osc. Frequency fOSC4 [kHz]
20,8 20,6 20,4 20,2 20,0 19,8 19,6 19,4 19,2 19,0 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
ICE2B0565 ICE2B165 ICE2B265 ICE2B365 ICE2B765P2
PI-009a-190101
0,726
Max. Duty Cycle
0,724 0,722 0,720 0,718 0,716 0,714 0,712 0,710 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
PI-011-190101
Junction Temperature [C]
Junction Temperature [C]
Figure 37
4,75 4,73
Reduced Osc. Frequency fOSC4 vs. Tj
Figure 40
3,70 3,69 3,68
Max. Duty Cycle vs. Tj
Frequency Ratio fOSC1/fOSC2
4,71
4,67 4,65 4,63 4,61 4,59 4,57 4,55 -25 -15 -5 5 15 25 35 45
PWM-OP Gain AV
4,69
PI-010-190101
3,65 3,64 3,63 3,62 3,61
55
65
75
85
95 105 115 125
3,60 -25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 38
Frequency Ratio fOSC1 / fOSC2 vs. Tj
Figure 41
PWM-OP Gain AV vs. Tj
Datasheet V4.5
26
Jan 2004
PI-012-190101
ICE2A0565 /Z ICE2A165 ICE2A265 ICE2A365 ICE2A180Z ICE2A280Z ICE2A765P2
3,67 3,66
PI-010a-190101
PI-009-190101
ICE2A0565 /Z ICE2A165 ICE2A265 ICE2A365 ICE2A180Z ICE2A280Z ICE2A765P2
3,41 3,39 3,37
ICE2B0565 ICE2B165 ICE2B265 ICE2B365 ICE2B765P2
CoolSETTM-F2
Typical Performance Characteristics
4,00 5,320 5,315
Feedback Resistance R FB [kOhm]
3,95 3,90 3,85 3,80
PI-013-190101
Detection Limit VSoft-Start1 [V]
5,310 5,305 5,300 5,295 5,290 5,285 5,280 5,275 5,270 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
PI-016-190101
3,75 3,70 3,65 3,60 3,55 3,50 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 42
58 56
Feedback Resistance RFB vs. Tj
Figure 45
4,05 4,04
Detection Limit VSoft-Start1 vs. Tj
Soft-Start Resistance RSoft-Start [kOhm]
Detection Limit VSoft-Start2 [V]
54 52
PI-014-190101
4,03 4,02 4,01 4,00 3,99 3,98 3,97 3,96 3,95 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
PI-017-190101
50 48 46 44 42 40 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 43
4,810
Soft-Start Resistance RSoft-Start vs. Tj
Figure 46
16,80 16,75 16,70 16,65 16,60 16,55 16,50 16,45 16,40 16,35 16,30 16,25 16,20 -25 -15
Detection Limit VSoft-Start2 vs. Tj
4,805
4,800
PI-015-190101
Overvoltage Detection Limit VVCC1 [V]
Detection Limit VFB2 [V]
4,795
4,790
4,785
4,780 -25 -15
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 44
Detection Limit VFB2 vs. Tj
Figure 47
Overvoltage Detection Limit VVCC1 vs. Tj
Datasheet V4.5
27
Jan 2004
PI-018-190101
CoolSETTM-F2
Typical Performance Characteristics
1,010 2,2 2,0
Peak Current Limitation Vcsth [V]
1,008 1,006 1,004 1,002
PI-019-190101
On-Resistance Rdson [Ohm]
1,8 1,6
PI-022-190101
1,4 1,2 1,0 0,8 0,6 0,4 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
ICE2A265 ICE2B265 ICE2A280Z
1,000 0,998 0,996 0,994 0,992 0,990 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 48
280
Peak Current Limitation Vcsth vs. Tj
Figure 51
Drain Source On-Resistance RDSon vs. Tj
Leading Edge Blanking tLEB [ns]
270 260 250 240
PI-020-190101
9,5
On-Resistance Rdson [Ohm]
8,5 7,5 6,5 5,5 4,5 3,5 2,5 1,5 -25 -15
ICE2A165 ICE2B165 ICE2A180Z ICE2A0565 /Z ICE2B0565
PI-022-190101
230 220 210 200 190 180 -25 -15 -5 5 15 25 35 45 55 65 75 85 95 105 115 125
-5
5
15
25
35
45
55
65
75
85
95
105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 49
1,0 0,9
Leading Edge Blanking VVCC1 vs. Tj
Figure 52
1,0 0,9
Drain Source On-Resistance RDSon vs. Tj
On-Resistance Rdson [Ohm]
0,8 0,7
PI-022-190101
On-Resistance Rdson [Ohm]
0,8 0,7 0,6 0,5 0,4 0,3 0,2 -25 -15
ICE2A765P2 ICE2B765P2
PI-022-190101
0,6 0,5 0,4 0,3 0,2 -25 -15
ICE2A365 ICE2B365
-5
5
15
25
35
45
55
65
75
85
95
105 115 125
-5
5
15
25
35
45
55
65
75
85
95
105 115 125
Junction Temperature [C]
Junction Temperature [C]
Figure 50
Drain Source On-Resistance RDSon vs. Tj
Figure 53
Drain Source On-Resistance RDSon vs. Tj
Datasheet V4.5
28
Jan 2004
CoolSETTM-F2
Typical Performance Characteristics
720
Breakdown Voltage V(BR)DSS [V]
700 680 660 640 620 600 580 560 -25 -15
ICE2A0565 /Z ICE2A165 ICE2A265 ICE2A365 ICE2B0565 ICE2B165 ICE2B265 ICE2B365 ICE2A765P2 ICE2B765P2
PI-025-190101
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
Junction Temperature [C]
Figure 54
Breakdown Voltage VBR(DSS) vs. Tj
940
Breakdown Voltage V(BR)DSS [V]
920 900 880 860 840 820 800 780 -25 -15
PI-025-190101
ICE2A180Z ICE2A280Z
-5
5
15
25
35
45
55
65
75
85
95 105 115 125
Junction Temperature [C]
Figure 55
Breakdown Voltage VBR(DSS) vs. Tj
Datasheet V4.5
29
Jan 2004
CoolSETTM-F2
Layout Recommendation for C18
6
Note:
Layout Recommendation for C18
Only for ICE2A765I/P2 and ICE2B765I/P2
Soft Start Capacitor Layout Recommendation in Detail
Detail X
Figure 56B Detail X, Soft Start Capacitor C18 Layout Recommendation
Place Soft Start capacitor C18 in the same way as shown in Detail X (blue mark).
Figure 56A
Layout of Board EVALSF2_ICE2B765P2
To improve the startup behavior of the IC during startup or auto restart mode, place the soft start capacitor C18 (red section Detail X in Figure 56A) as close as possible to the soft start PIN 6 and GND PIN 4. More details see Detail X in Figure 56B.
Figure 56
Layout Recommendation for ICE2A765I/P2 and ICE2B765I/P2
Datasheet V4.5
30
Jan 2004
CoolSETTM-F2
Outline Dimension
7
Outline Dimension
P-DIP-8-6 (Plastic Dual In-line Package)
Figure 57
P-DIP-8-6 (Plastic Dual In-line Package)
4.37 MAX.
0.38 MIN.
P-DIP-7-1 (Plastic Dual In-line Package)
1.7 MAX.
7.87 0.38
3.25 MIN.
2.54 0.46 0.1
7
0.25 +0.1
0.35 7x
5
6.35 0.25 1)
8.9 1
4 1 9.52 0.25 1)
Index Marking
1)
Does not include plastic or metal protrusion of 0.25 max. per side
Figure 58
P-DIP-7-1 (Plastic Dual In-line Package) Dimensions in mm
Datasheet V4.5
31
Jan 2004
CoolSETTM-F2
Outline Dimension P-TO220-6-46 Isodrain Package
9.9 7.5 4.4 1.3 +0.1 -0.02 B
A
10.2 0.3
(0.8)
6.6
12.10.3
1)
7.62 0...0.15 4 x 1.27
8.6 0.3
9.2 0.2
0.50.1 8.4 0.3
4.4
8
0.05
0.25 6 x 0.6 0.1
M
AB 2.4 5.3 0.3
1) Shear and punch direction no burrs this surface Back side, heatsink contour All metal surfaces tin plated, except area of cut.
Figure 59
P-TO220-6-46 (Isodrain Package)
9.9 0.2 9.5 0.2 6.6 7.5
P-TO220-6-47 Isodrain Package
A
2.8 0.2
1.3 +0.1 -0.02 B
17.5 0.3
15.6 0.3
13
3.7 -0.15
1)
7.62 0...0.15 4 x 1.27
8.6 0.3
9.2 0.2
0.5 0.1 8.4 0.3
0.05
0.25 6 x 0.6 0.1
M
AB 2.4 5.3 0.3
1) Shear and punch direction no burrs this surface Back side, heatsink contour All metal surfaces tin plated, except area of cut.
Figure 60
P-TO220-6-47 (Isodrain Package) Dimensions in mm
Datasheet V4.5
32
Jan 2004
Total Quality Management
Qualitat hat fur uns eine umfassende Bedeutung. Wir wollen allen Ihren Anspruchen in der bestmoglichen Weise gerecht werden. Es geht uns also nicht nur um die Produktqualitat - unsere Anstrengungen gelten gleichermaen der Lieferqualitat und Logistik, dem Service und Support sowie allen sonstigen Beratungs- und Betreuungsleistungen. Dazu gehort eine bestimmte Geisteshaltung unserer Mitarbeiter. Total Quality im Denken und Handeln gegenuber Kollegen, Lieferanten und Ihnen, unserem Kunden. Unsere Leitlinie ist jede Aufgabe mit Null Fehlern" zu losen - in offener Sichtweise auch uber den eigenen Arbeitsplatz hinaus - und uns standig zu verbessern. Unternehmensweit orientieren wir uns dabei auch an top" (Time Optimized Processes), um Ihnen durch groere Schnelligkeit den entscheidenden Wettbewerbsvorsprung zu verschaffen. Geben Sie uns die Chance, hohe Leistung durch umfassende Qualitat zu beweisen. Wir werden Sie uberzeugen. Quality takes on an allencompassing significance at Semiconductor Group. For us it means living up to each and every one of your demands in the best possible way. So we are not only concerned with product quality. We direct our efforts equally at quality of supply and logistics, service and support, as well as all the other ways in which we advise and attend to you. Part of this is the very special attitude of our staff. Total Quality in thought and deed, towards co-workers, suppliers and you, our customer. Our guideline is "do everything with zero defects", in an open manner that is demonstrated beyond your immediate workplace, and to constantly improve. Throughout the corporation we also think in terms of Time Optimized Processes (top), greater speed on our part to give you that decisive competitive edge. Give us the chance to prove the best of performance through the best of quality - you will be convinced.
http://www.infineon.com
Published by Infineon Technologies AG


▲Up To Search▲   

 
Price & Availability of ICE2B0565

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X