Part Number Hot Search : 
SC1EXXX 1N4728 ON1269 TBWB2A0O 8671A LT4363 UF1JF AN731
Product Description
Full Text Search
 

To Download HS0-26C31RH-Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HS-26C31RH
Data Sheet August 1999 File Number
3401.3
Radiation Hardened Quad Differential Line Driver
The Intersil HS-26C31RH is a quad differential line driver designed for digital data transmission over balanced lines and meets the requirements of EIA standard RS-422. Radiation hardened CMOS processing assures low power consumption, high speed, and reliable operation in the most severe radiation environments. The HS-26C31RH accepts CMOS signal levels and converts them to RS-422 compatible outputs. This circuit uses special outputs that enable the drivers to power down without loading down the bus. Enable and disable pins allow several devices to be connected to the same data source and addressed independently. Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed here must be used when ordering. Detailed Electrical Specifications for these devices are contained in SMD 5962-96663. A "hot-link" is provided on our homepage for downloading. http://www.intersil.com/spacedefense/space.htm
Features
* Electrically Screened to SMD # 5962-96663 * QML Qualified per MIL-PRF-38535 Requirements * 1.2 Micron Radiation Hardened CMOS - Total Dose Up to . . . . . . . . . . . . . . . . . . . . 300kRAD(Si) - Dose Rate Upset . . . . . . . > 1x109 RAD/s (20ns Pulse) * Latchup Free * EIA RS-422 Compatible Outputs (Except for IOS) * CMOS Inputs * High Impedance Outputs when Disabled or Powered Down * Low Power Dissipation . . . . . . . . . 2.75mW Standby (Max) * Single 5V Supply * Low Output Impedance . . . . . . . . . . . . . . . . . 10 or Less * Full -55oC to 125oC Military Temperature Range
Pinouts
HS1-26C31RH (SBDIP) CDIP2-T16 TOP VIEW
AIN 1 AO AO 2 3 16 VDD 15 DIN 14 DO 13 DO 12 ENABLE 11 CO 10 CO 9 CIN
Ordering Information
ORDERING NUMBER 5962F9666301QEC 5962F9666301QXC 5962F9666301V9A 5962F9666301VEC 5962F9666301VXC INTERNAL MKT. NUMBER HS1-26C31RH-8 HS9-26C31RH-8 HS0-26C31RH-Q HS1-26C31RH-Q HS9-26C31RH-Q TEMP. RANGE (oC) -55 to 125 -55 to 125 25 -55 to 125 -55 to 125 -55 to 125 -55 to 125
ENABLE 4 BO 5 BO 6 BIN 7 GND 8
HS1-26C31RH/PROTO HS1-26C31RH/PROTO HS9-26C31RH/PROTO HS9-26C31RH/PROTO
Logic Diagram
ENABLE ENABLE DIN CIN BIN AIN AIN AO AO ENABLE BO BO DO DO CO CO BO BO AO AO BIN GND
HS9-26C31RH (FLATPACK) CDFP4-F16 TOP VIEW
1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD DIN DO DO ENABLE CO CO CIN
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
HS-26C31RH Die Characteristics
DIE DIMENSIONS: 96.5 mils x 195 mils x 21 mils (2450 x 4950) INTERFACE MATERIALS: Glassivation: Type: PSG (Phosphorus Silicon Glass) Thickness: 10kA 1kA Metallization: M1: Mo/TiW Thickness: 5800A M2: Al/Si/Cu (Top) Thickness: 10kA 1kA Substrate: AVLSI1RA Backside Finish: Silicon ASSEMBLY RELATED INFORMATION: Substrate Potential (Powered Up): VDD ADDITIONAL INFORMATION: Worst Case Current Density: <2.0 x 105A/cm2 Bond Pad Size: 110m x 100m
Metallization Mask Layout
HS-26C31RH
(16) VDD (16) VDD (15) DIN (14) DO (13) DO (12) ENABLE (11) CO (10) CO CIN (9) (1) AIN AO (2) AO (3) ENABLE (4) BO (5) BO (6) BIN (7)
GND (8)
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
2
GND (8)


▲Up To Search▲   

 
Price & Availability of HS0-26C31RH-Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X