Part Number Hot Search : 
CA3338M BCM61 24052 1N5819 FP1601 D1425 MSO2TM LM319H
Product Description
Full Text Search
 

To Download EC2D02B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN7503
EC2D02B
Shottky Barrier Diode
EC2D02B
30V, 100mA Rectifier
Applications
*
Package Dimensions
unit : mm 1325
[EC2D02B]
High frequency rectification (switching regulators, converters and choppers).
Features
* *
*
0.4 1.0
0.05
0.25
1
1
0.6
0.05 0.6
0.5
1 : Anode 2 : Cathode
0.5
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg 50Hz sine wave, 1 cycle Conditions
SANYO : ECSP1006-2T
Ratings 30 35 100 2 --55 to +125 --55 to +125
1.0
Low Switching noise. Low forward voltage (IF=50mA, VF max=0.4V) (IF=100mA, VF max=0.48V). Ultrasmall-size package (1006), thin (0.5mm) leadless package.
Bottom View 0.5 0.05
0.25
Top View Marking
2
0.05
2
Unit V V mA A C C
Electrical Characteristics at Ta=25C
Parameter Reverse Voltage Forward Voltage Reverse Current Interterminal Capacitance Reverse Recovery Time Symbol VR VF 1 VF 2 IR C trr IR=200A IF=50mA IF=100mA VR=15V VR=10V, f=1MHz IF=IR=10mA, See specified Test Circuit. 3 10 Conditions Ratings min 30 0.4 0.48 100 typ max Unit V V V A pF ns
Marking : DC
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
42004 TS IM TA-3593 No.7503-1/3
EC2D02B
Type No. Indication(Top view) Electrical Connection(Top view)
Cathode Mark (Top)
DC
Anode Cathode *Electorodes : on the bottom Cathode Mark (Top)
Anode
trr Test Circuit
Duty10%
10mA 1mA
Cathode
5V
10mA
10s
50
100
10
trr
3 2 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 0 0.1 0.2
IF -- VF
10000 7 5 3 2
IR -- VR
Ta=125C
100C
75C
Forward Current, IF -- mA
Reverse Current, IR -- A
1000 7 5 3 2 100 7 5 3 2 10 7 5 3 2 1.0 0 5 10
Ta =1 2 10 5C 0C 75 50 C 25 C C
50C
25C
0.3
0.4
0.5
0.6 IT05886 2.8
15
20
25
30 IT05887
Forward Voltage, VF -- V
3 2
C -- VR
Reverse Voltage, VR -- V
IFSM -- t
IS
Surge Forward Current, IFSM(Peak) -- A
f=1MHz
Current waveform 50Hz sine wave
2.4
Interterminal Capacitance, C -- pF
10 7 5
2.0
20ms t
1.6
1.2
3 2
0.8
0.4 0 0.01
1.0 1.0 2 3 5 7 10 2 3 5 ID00242
2
3
5
7
0.1
2
3
5
7 1.0
2
3
Reverse Voltage, VR -- V
Time, t -- s
ID00243
No.7503-2/3
EC2D02B
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of April, 2004. Specifications and information herein are subject to change without notice.
PS No.7503-3/3


▲Up To Search▲   

 
Price & Availability of EC2D02B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X