Part Number Hot Search : 
C4150 TDA440S SZ5709K 0AS054M0 SMBJ100C DUR06C MMC4078 HD74HC
Product Description
Full Text Search
 

To Download DNLS160-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DNLS160
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
Please click here to visit our online spice models database.
Features
* * * * * * Epitaxial Planar Die Construction Complementary PNP Type Available (DPLS160) Surface Mount Package Suited for Automated Assembly Lead Free/RoHS Compliant (Note 1) "Green Device" (Note 2) Qualified to AEC-Q101 Standards for High Reliability
NEW PRODUCT
SOT-23
Mechanical Data
* * * * * * * Case: SOT-23 Case Material: Molded Plastic, "Green" Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Finish Matte Tin annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 Marking Information: See Page 4 Ordering Information: See Page 4 Weight: 0.008 grams (approximate)
C
B
E
Schematic and Pin Configuration
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC ICM IB Value 80 60 5 1 2 300 Unit V V V A A mA
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous Peak Pulse Collector Current Base Current (DC)
Thermal Characteristics
Characteristic Power Dissipation (Note 3) @ TA = 25C Thermal Resistance, Junction to Ambient (Note 3) @ TA = 25C Operating and Storage Temperature Range
Notes:
Symbol PD RJA TJ, TSTG
Value 300 417 -55 to +150
Unit mW C/W C
1. No purposefully added lead. 2. Diode's Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 3. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on page 4 or in Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
DS31390 Rev. 3 - 2
1 of 4 www.diodes.com
DNLS160
(c) Diodes Incorporated
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 4) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage
@TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICES IEBO Min 80 60 5 250 200 100 150 Typ 320 280 165 80 80 140 140 0.91 0.81 7 270 Max 100 50 100 100 110 140 250 250 1.1 0.9 10 Unit V V V nA A nA nA Test Condition IC = 100A, IE = 0 IC = 10mA, IB = 0 IE = 100A, IC = 0 VCB = 60V, IE = 0 VCB = 60V, IE = 0, TA = 150C VCE = 60V, VBE = 0 VEB = 5V, IC = 0 VCE = 5V, IC = 1mA VCE = 5V, IC = 500mA VCE = 5V, IC = 1A IC = 100mA, IB = 1mA IC = 500mA, IB = 50mA IC = 1A, IB = 100mA IC = 1A, IB = 100mA IC = 1A, IB = 50mA VCE = 5V, IC = 1A VCB = 10V, f = 1.0MHz VCE = 10V, IC = 50mA, f = 100MHz
NEW PRODUCT
Collector Cutoff Current Collector Cutoff Current Emitter Cutoff Current ON CHARACTERISTICS (Note 4) DC Current Gain
hFE
V
Collector-Emitter Saturation Voltage Collector-Emitter Saturation Resistance Base-Emitter Saturation Voltage Base-Emitter Turn On Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Current Gain-Bandwidth Product
Notes:
VCE(SAT) RCE(SAT) VBE(SAT) VBE(ON) Cobo fT
mV m V V pF MHz
4. Measured under pulsed conditions. Pulse width = 300s. Duty cycle 2%.
300
PD, POWER DISSIPATION (mW)
250
200
150
100
50 0 0 25 50 100 125 75 TA, AMBIENT TEMPERATURE (C) Fig. 1 Maximum Power Dissipation vs. Ambient Temperature 150
Fig. 2 Typical Collector Current vs. Collector-Emitter Voltage
DS31390 Rev. 3 - 2
2 of 4 www.diodes.com
DNLS160
(c) Diodes Incorporated
NEW PRODUCT
Fig. 3 Typical DC Current Gain vs. Collector Current
Fig. 4 Typical Collector-Emitter Saturation Voltage vs. Collector Current
0.001
Fig. 5 Typical Base-Emitter Turn-On Voltage vs. Collector Current
0.01
0.1
1
10
Fig. 6 Typical Base-Emitter Saturation Voltage vs. Collector Current
120
100
80
60
40
VCE =10V f = 100MHz
20
0
Fig. 7 Typical Capacitance Characteristics
Fig. 8 Typical Gain-Bandwidth Product vs. Collector Current
DS31390 Rev. 3 - 2
3 of 4 www.diodes.com
DNLS160
(c) Diodes Incorporated
Ordering Information
Device DNLS160-7
Notes: 5.
(Note 5) Packaging SOT-23 Shipping 3000/Tape & Reel
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
NEW PRODUCT
Marking Information
NK1 = Product Type Marking Code YM = Date Code Marking Y = Year ex: V = 2008 M = Month ex: 9 = September
NK1
Date Code Key Year Code Month Code
2008 V Jan 1 Feb 2
2009 W Mar 3
2010 X Apr 4 May 5
YM
2011 Y Jun 6
2012 Z Jul 7 Aug 8
2013 A Sep 9
2014 B Oct O Nov N
2015 C Dec D
Package Outline Dimensions
A
BC
G H K M
J
D
F
L
SOT-23 Dim Min Max A 0.37 0.51 B 1.20 1.40 C 2.30 2.50 D 0.89 1.03 F 0.45 0.60 G 1.78 2.05 H 2.80 3.00 J 0.013 0.10 K 0.903 1.10 L 0.45 0.61 M 0.085 0.180 0 8 All Dimensions in mm
Suggested Pad Layout
Y Z C
Dimensions Value (in mm) Z 2.9 X 0.8 Y 0.9 C 2.0 E 1.35
X
E
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS31390 Rev. 3 - 2
4 of 4 www.diodes.com
DNLS160
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DNLS160-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X