|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DB-960-60W 60W / 26V / 925-960 MHz PA using 1x PD57070S The LdmosST FAMILY PRELIMINARY DATA N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETs * EXCELLENT THERMAL STABILITY * COMMON SOURCE CONFIGURATION * POUT = 60 W min. with 13 dB gain over 925 - 960 MHz * 10:1 LOAD VSWR CAPABILITY * BeO FREE AMPLIFIER. DESCRIPTION The DB-960-60W is a common source N-Channel enhancement-mode lateral Field-Effect RF power amplifier designed for GSM / GPRS / EDGE base station applications. The DB-960-60W is designed in cooperation with Europeenne de Telecommunications S.A (www.etsa.fr), for high gain and broadband performance operating in common source mode at 26 V, capable of withstanding load mismatch up to 10:1 all phases and with harmonics lower than 30 dBc. ORDER CODE DB-960-60W MECHANICAL SPECIFICATION L=60 mm W=30 mm H=10 mm ABSOLUTE MAXIMUM RATINGS (TCASE = 25 C) Symbol VDD ID PDISS TCASE Pamb Supply voltage Drain Current Power Dissipation Operating Case Temperature Max. Ambient Temperature Parameter Value 32 8 95 -20 to +85 +55 Unit V A W o o C C November, 20 2002 1/4 DB-960-60W ELECTRICAL SPECIFICATION (Tamb = +25 oC, Vdd = 26 V, Idq = 200 mA) Symbol FREQ. Gain P1dB Flatness Flatness ND at P1dB IRTL Harmonic VSWR Spurious IMD3 Frequency Range POUT = 60 W Over frequency range: 925 - 960 MHz Over frequency range and @ POUT = 60 W POUT from 0.1 W to 60 W P1dB Input return Loss POUT from 0.1 W to 60 W POUT = 60 W Load Mismatch all phases @ POUT = 60 W 10:1 VSWR all phases and POUT from 0.1 to 60 W POUT = 60 WPEP 10:1 -76 -25 dBc dBc 45 52 -15 -10 -30 Test Conditions Min. 925 13 60 14 65 +/- 0.5 1 Typ. Max. 960 Unit MHz dB W dB dB % dB dBc TYPICAL PERFORMANCE P1dB and Efficiciency Vs Frequency 80 60 Power Gain Vs Frequency (POUT = 60 W) 18 Efficienc y 76 56 17 16 72 P1dB (W) 52 Gp (dBm) 15 Nd (%) 14 68 48 13 P1dB 64 Vdd = 26 V Idq = 200 m A 60 910 920 930 940 f (MHz) 950 960 970 40 44 12 11 Vdd = 26 V Idq = 200 m A 910 920 930 940 f (MHz ) 950 960 970 10 2/4 DB-960-60W TEST FIXTURE COMPONENT LAYOUT TEST CIRCUIT PHOTOMASTER TEST CIRCUIT COMPONENT PART LIST Re f. 1 C V1, C V2 C4 C 10, C 12 C9 C5 , C7, C13 C6, C8 C3 C2 C1 R1 R2 P1 D1 T1 Va lue RF Powe r Am plifier Circu it Trim capacitor HQ 0.6-4 .5 pF 500 V C hip C apacitor HQ 0603 1 00pF TA 5% 50V Chip Cap acitor HQ 3.3p F TB +/- 0,25p F 500 V Chip Cap acitor HQ 8,2p F TB +/- 0,25p F 500 V Chip Cap acitor HQ 10 pF TB 5% 500 V Chip Cap acitor HQ 47 pF TB 5% 500 V Ch ip Ca pacitor HQ 1 00p F TB 5% 500V Capa cito r 12 06 100 nF 63V X7R 10% Capa citor CMS ta ntale 1F 20 % 3 5V Re s is tor CMS 4,7K 120 6 1/4W 5% Res is to r CMS 10 K 12 06 1/4W 5% Trim res is tor CMS cerm et 3 224 W 10 K Zen er Diod e 5.1V 500 m W SOD8 0 R F LDMOS Trans is to r 28V 7 0W 1 3dB GSM Re f. Ma nufa cture r PCIR5 010 03 AT272 73 5 00-CHA-101 -JVLE 501-CHB-3R3 -CVLE 501-CHB-8R2 -CVLE 5 01-CHB-100 -JVLE 5 01-CHB-470 -JVLE 5 01-CHB-101 -JVLE VJ120 6Y10 4KXAT/630 293D 105X9035 B 2759 7 2760 5 32 24W-103 BZV55C 5V1 PD57 070S Ma nufa cture r ETSA TECK TEKELEC TEKELEC TEKELEC TEKELEC TEKELEC TEKELEC VISH AY Vis ha y-Sprague BOURNS BOURNS BOURNS OMNITECH STMicroelectronics 3/4 DB-960-60W Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is registered trademark of STMicroelectronics (R) 2002 STMicroelectronics - All Rights Reserved All other names are the property of their respective owners. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com 4/4 |
Price & Availability of DB-960-60W |