Part Number Hot Search : 
SK8050 MAX038 21210 2N167A SK8GD126 SG6520 3223C D7677
Product Description
Full Text Search
 

To Download CLP6C-FKB-CKNPRGJBB7A363 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cree(R) PLCC6 3 in 1 SMD LED CLP6C-FKB
Data Sheet
Cree PLCC full-color LEDs offer high-intensity light output and a wide viewing angle in an industry-standard package. Designed to work in a wide array of environmental conditions, Cree PLCC full-color LEDs are suited for indoor video screen, decorative lighting and amusement applications.
FEATURES * Size (mm): 6.0 x 5.0 * Dominant Wavelength (nm): Red (619-624 ) Green (520-540) Blue (460-480) * Luminous Intensity (mcd) Red (560-1120) Green (1120-2240) Blue (280-560) * Lead-Free * Viewing Angle: 120 degree * RoHS Compliant
APPLICATIONS * Full-Color Video Screen * Decorative lighting * Amusement
D-CT933.002 Data Sheet: CL
Subject to change without notice. www.cree.com/ledlamps
1
Absolute Maximum Ratings (TA = 25C)
Absolute Maximum Rating R 50 200 5 130 G 50 100 5 200 -40 ~ +100 -40 ~ +100 110 450 650 300 450 110 400 580 280 430 1000 V 110 450 680 300 480 B 50 100 5 200
Items Forward Current
Note 1
Symbol IF
Note 2
Unit mA mA V mW C C C C/W C/W C/W C/W
Peak Forward Current Reverse Voltage Power Dissipation
IFP VR PD Topr Tstg TJ RTHJA RTHJA RTHJS RTHJS ESD
Operation Temperature Storage Temperature Junction Temperature Junction/ambient 1 chip on Junction/ambient 3 chips on Junction/solder point 1 chip on Junction/solder point 3 chips on Electrostatic Discharge Classification(MIL-STD-883E)
Note:
1. 2.
Single-color light. Pulse width 0.1 msec, duty 1/10.
Typical Electrical & Optical Characteristics (TA = 25C)
Characteristics Wavelength at peak emission Dominant Wavelength Spectral bandwidth at 50% IREL max Viewing Angle at 50% IV Forward Voltage Condition IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA IF = 20 mA VR = 5 V Symbol PEAK DOM 21/2 VF(avg) VF(max) IV(min) IV(avg) IR Values R 630 619~624 24 120 2.0 2.6 560 700 10 G 527 520~540 38 120 3.2 4.0 1120 1600 10 B 470 460~480 28 120 3.2 4.0 280 400 10 Unit nm nm nm deg V V mcd mcd A
Luminous Intensity Reverse Current (max)
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
CLD-CT933.002
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Intensity Bin Limit (IF = 20 mA)
Red
Bin Code K M N Min.(mcd) 560 710 900 Max.(mcd) 710 900 1120
Green
Bin Code P Q R Min.(mcd) 1120 1400 1800 Max.(mcd) 1400 1800 2240
Blue
Bin Code G H J Min.(mcd) 280 355 450 Max.(mcd) 355 450 560
Tolerance of measurement of luminous intensity is 10%
Color Bin Limit (IF = 20 mA)
Red
Bin Code RB Min.(nm) 619 Max.(nm) 624
Green
Bin Code G7 G8 G9 Ga Min.(nm) 520 525 530 535 Max.(nm) 525 530 535 540
Blue
Bin Code B3 B4 B5 B6 Min.(nm) 460 465 470 475 Max.(nm) 465 470 475 480
Tolerance of measurement of dominant wavelength is 1 nm
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
CLD-CT933.002
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Order Code Table*
Luminous Intensity (mcd) Kit Number Color Red CLP6C-FKB-CKNPRGJBB7A363 Green Blue Red CLP6C-FKB-CK1P1G1BB7R3R3 Green Blue Red CLP6C-FKB-CM1Q1H1BB7R3R3 Green Blue Min. 560 1120 280 Max. 1120 2240 560 Dominant Wavelength (nm) Color Bin RB G7 B3 RB Min. (nm) 619 520 460 619 Color Bin RB Ga B6 RB Max. (nm) 624 540 480 624 Package Reel Reel Reel Reel Reel Reel Reel Reel Reel
Any 1 Intensity bin from K(560) - N(1120) Any 1 Intensity bin from P(1120) - R(2240) Any 1 Intensity bin from G(280) - J(560) Any 1 Intensity bin from M(710) - N(1120) Any 1 Intensity bin from Q(1400) - R(2240) Any 1 Intensity bin from H(355) - J(560)
Any 1 hue bin from G7(520) - Ga(540) Any 1 hue bin from B3(460) - B6(480) RB 619 RB 624
Any 1 hue bin from G7(520) - Ga(540) Any 1 hue bin from B3(460) - B6(480)
Notes: 1. The above kit numbers represent the order codes which include multiple intensity-bin and color-bin codes.Only one intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color bin code will be orderable in certain quantities.For example, any 1 intensity bin from K - N means only 1 intensity bin (K or M or N) will be shipped by Cree. For example, any 1 color bin from G7 - Ga means only 1 color bin (G7 or G8 or G9 or Ga) will be shipped by Cree. 2. Please refer to the "Cree LED Lamp Reliability Test Standards" document for reliability test conditions. 3. Please refer to the "Cree LED Lamp Soldering & Handling" document for information about how to use this LED product safely.
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
CLD-CT933.002
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Graphs
The above data are collected from statistical figures that do not necessarily correspond to the actual parameters of each single LED. Hence, these data will be changed without further notice.
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
5
CLD-CT933.002
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Graphs
The above data are collected from statistical figures that do not necessarily correspond to the actual parameters of each single LED. Hence, these data will be changed without further notice.
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
6
CLD-CT933.002
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Mechanical Dimensions
All dimensions are in mm.
Notes
RoHS Compliance The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or otherwise restricted materials in this product are below the maximum concentration values (also referred to as the threshold limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as amended through April 21, 2006. Vision Advisory Claim Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
CLD-CT933.002
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Kit Number System
Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color, forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to the "Cree LED Lamp Packaging Standard" document for more information about shipping and packaging options. Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following manner:
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
CLD-CT933.002
Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Package
* * * * * The boxes are not water resistant and they must be kept away from water and moisture. The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags. Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation. The reel pack is applied in SMD LED. Max 900 pcs per reel.


Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.313.5300 Fax: +1.919.313.5778 www.cree.com/ledlamps
Copyright (c) 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
9
CLD-CT933.002


▲Up To Search▲   

 
Price & Availability of CLP6C-FKB-CKNPRGJBB7A363

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X