Part Number Hot Search : 
JBT6N81S SH77640 P1300 PCR06A CY7C42 T24C0 014014 CY621
Product Description
Full Text Search
 

To Download C1501YGW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 American Opto Plus LED C/A1501Y G/W
1.50'' Single Digit Seven Segment Display
1.50inch (38.10 mm) height Low power consumption RoHS Compliance Case mold type
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches)
2. Tolerance is 0.25mm (0.01") unless otherwise specified
Feb. 2005 Rev. 1.0
American Opto Plus LED C/A1501Y G/W
1.50'' Single Digit Seven Segment Display
1.50inch (38.10 mm) height Low power consumption RoHS Compliance Case mold type
DEVICE SELECTION GUIDE
Part Number C/A 1501Y G/W Material AlGaAs Chip Emitted Color Yellow Face / Segment Gray / White
ABSOLUTE MAXIMUM RATINGS
Parameter
Power Dissipation per segment Peak Current per segment (1/10 Duty Cycle @1KHz ) Continuous Forward Current per segment Reverse Voltage Operating Temperature Range Storage Temperature Range
(Ta=25C)
Symbol
PAD IAF IPF VR TOPR TSTG
Max Rating
50 100 30 5.0 -40~+85 -40~+85
Unit
mW mA mA V C C
Solder temperature 1.6 mm from body for 3 seconds at 260C
OPTICAL-ELECTRICAL CHARACTERISTICS
Parameter
Ave. Luminous Intensity Forward Voltage/segment Reverse Current/segment Spectrum Line Half-Width Dominant Wavelength Peak Wavelength
Symbol Test Condition
IV VF IR d p IF = 10mA IF = 10mA VR = 5V IF = 10mA IF = 10mA IF = 10mA
Min
3000
Typ
8000 4.1
Max
Unit
cd
5.2 10
V uA nm nm nm
30 590 589
American Opto Plus LED C/A1501Y G/W
1.50'' Single Digit Seven Segment Display
1.50inch (38.10 mm) height Low power consumption RoHS Compliance Case mold type
TYPICAL ELECTRO-OPTICAL CHARACTERISTIC CURVES: YELLOW (Y)
American Opto Plus LED C/A1501Y G/W
1.50'' Single Digit Seven Segment Display
1.50inch (38.10 mm) height Low power consumption RoHS Compliance Case mold type
WAVE SOLDERING
American Opto Plus LED C/A1501Y G/W
1.50'' Single Digit Seven Segment Display
1.50inch (38.10 mm) height Low power consumption RoHS Compliance Case mold type
LAMP HANDLING AND APPLICATION PRECAUTIONS STORAGE
1. It is recommended to store the products in the following conditions: a. Humidity: 60% RH Max Temperature: 5C ~ 40C (41F ~ 105F) b. Shelf life in sealed bag: 3 month < 40C and 90% RH
FORMING
1. Any forming on lead pin must be done before solding, not during or after soldering 2. Avoid applying any stress to resin in order to prevent the epoxy fracture and break on bonding wire. 3. While forming, please use a tie bar cut or equivalent ot hold or bend the pin. 4. 2mm from the base of resin is the minimum distance for the place bending the lead pin 5. Avoid bending the lead pin at the same point twice or more
SOLDERING
1. No stress can be applied to lead pins when they are heated, otherwise disconnection may occur. 2. When an LED is mounted into a P.C. board, pitch spacing should be aligned carefully to avoid causing any stress to the lead wires. 3. Mounting direction (electrode direction) of SMD LED and Display should be perpendicular to direction of PCB curve 4. After soldering, don't bend the PCB
CLEANING
1. Avoid using any unspecified chemical solvent to clean LED. For example, Trichoroethylene, Chlorosen, Acetone, and Diflon S3MC. 2. Any cleaning method can only be taken under normal temperature in one minute or less if it is required 3. Special attention should be taken when using any chemicals for claning because some chemicals may damage the surface of epoxy.


▲Up To Search▲   

 
Price & Availability of C1501YGW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X