Part Number Hot Search : 
CM3503 D452A 100MB D452A LTC18 431BC 100MB STP85N
Product Description
Full Text Search
 

To Download BWR-12335-D5A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
(R)
INNOVATION and EXCELLENCE
Dual Output
A-Series, BWR Models
A-SERIES
High-Reliability, 2" x 1" 7-10 Watt, DC/DC Converters
Features
s s s s s s s
Low cost! Highly reliable! Proven SMT-on-pcb construction Qual tested; HALT tested; EMC tested Designed to meet UL1950 and EN60950 (basic insulation) Output voltages: 5, 12 or 15 Volts Wide input voltage ranges: 4.7-7.25V, 9-18V or 18-72V Small packages, 2" x 1" x 0.375" Industry-standard pinouts Fully isolated, 1500Vdc guaranteed Guaranteed efficiencies to 82% -40 to +100C operating temperature Modifications and customs for OEM's
s s s s s s
It's hard to beat the combination of low cost, small size (standard 2" x 1" x 0.375" package) proven reliability and outstanding electrical performance offered by the 7-10W, dual-output models of DATEL's new A-Series DC/DC converters. These highly efficient, rugged converters combine straightforward circuit topologies, the newest components, proven SMT-on-pcb construction methods, and highly repeatable automatic-assembly techniques. Their superior durability is substantiated by a rigorous in-house qualification program that includes HALT (Highly Accelerated Life Testing). The wide input voltage ranges of these A-Series duals (4.7-7.25V for "D5A" models, 9-18V for "D12A" models and 18-72V for "D48A" models) make them excellent candidates for battery-powered systems or for distributed power architectures. Their 5, 12 or 15 Volt outputs cover virtually all standard applications. These popular power converters are fully isolated (1500Vdc guaranteed) and display excellent line and load regulation (0.3% max. for line and 1% max. for load). They are completely I/O protected (input overvoltage shutdown and reverse-polarity protection, output current limiting and overvoltage protection) and contain input (pi type) and output filtering to reduce noise. They require no external components and offer true "plug-and-play" convenience. These extremely reliable, cost-effective power converters carry industry-standard pinouts making them ideal replacements for other more costly, less reliable power converters in computer, telecom/datacom, instrumentation and ATE applications. They are an excellent choice for both new design-ins and upgrading older systems.
+VIN
+VOUT
COMMON
-VIN
-VOUT
PWM CONTROLLER
OPTO ISOLATION
REFERENCE & ERROR AMP
Figure 1. Simplified Schematic
DATEL, Inc., Mansfield, MA 02048 (USA) * Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 * Email: sales@datel.com * Internet: www.datel.com
A Series
7 - 1 0 W, D UA L O U T P U T D C / D C C O N V E RT E R S
Performance Specifications and Ordering Guide
Output VOUT (Volts)
5 5 5 12 12 12 15 15 15
Input Regulation (Max.) Line
0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3% 0.3%
Model
BWR-5/700-D5A BWR-5/900-D12A* BWR-5/700-D48A* BWR-12/335-D5A BWR-12/415-D12A* BWR-12/415-D48A* BWR-15/275-D5A BWR-15/330-D12A* BWR-15/330-D48A*

IOUT (Amps)
700 900 700 335 415 415 275 330 330
R/N (mVp-p) Typ.
50 75 50 75 100 75 75 75 75
Max.
75 100 100 120 120 120 120 120 120
Load
1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0%
VIN Nom. (Volts)
5 12 48 5 12 48 5 12 48
Range (Volts)
4.7-7.25 9-18 18-72 4.7-7.25 9-18 18-72 4.7-7.25 9-18 18-72
IIN (mA)
25/1772 25/930 15/180 40/1846 20/986 15/249 40/2089 25/980 15/247
Efficiency Min.
76% 81% 79% 76% 83% 80.5% 75% 83% 81.5%
Typ.
79% 82% 81% 78% 84% 84% 79% 84% 84%
Package (Case, Pinout)
C2, P12 C2, P12 C2, P12 C2, P12 C2, P12 C2, P12 C2, P12 C2, P12 C2, P12
Typical at TA = +25C under nominal line voltage and full-load conditions unless otherwise noted. Ripple/Noise (R/N) measured over a 20MHz bandwidth. Balanced loads, 20% to 100% load. Nominal line voltage, no-load/full-load conditions.
* Magnetic feedback.
PART NUMBER STRUCTURE
MECHANICAL SPECIFICATIONS
B WR - 15 / 330 - D12 A
Output Configuration: B = Bipolar Wide Range Input Nominal Output Voltages: 5, 12 or 15 Volts A-Series High Reliability Input Voltage Range: D5 = 4.7-7.25 Volts (5V nominal) D12 = 9-18 Volts (12V nominal) D48 = 18-72 Volts (48V nominal) Maximum Output Current in mA from each output
0.375 (9.53) 2.00 (50.80) METAL CASE
Case C2
INSULATED BASE
0.20 MIN (5.08)
0.040 0.002 DIA. (1.016 0.051)
0.800 (20.32)
0.60 (15.24)
3 1
0.100 (2.54) 0.800 (20.32) 0.400 (10.16)
TEMPERATURE DERATING
1.00 (25.40)
4
2 5
10 9 8
A, B A C D C E, F D, E B
0.200 (5.08) BOTTOM VIEW 0.10 (2.54)
Output Power (Watts)
7 6 5 4 3 2 1 0 -40 0
F
I/O Connections Pin 1 2 3 4 5 Function P12 +Input -Input +Output Common -Output
BWR-5/700-D5A BWR-5/900-D12A BWR-5/700-D48A BWR-12/335-D5A BWR-12/415-D12A BWR-12/415-D48A BWR-15/275-D5A BWR-15/330-D12A BWR-15/330-D48A
E C F D A A D A B
Notes:
For "D5A" and "D12A"models, the case is connected to pin 2 (-VIN). For "D48A" models, the case is connected to pin 1 (+VIN).
40
45
50
55
60
65
70
75
80
85
90
95
100
Ambient Temperature (C)
2
7 - 1 0 W, D UA L O U T P U T D C / D C C O N V E RT E R S
BWR Models
Performance/Functional Specifications
Typical @ TA = +25C under nominal line voltage and full-load conditions, unless noted.
Input
Input Voltage Range: D5A Models D12A Models D48A Models Input Current Input Filter Type Reverse-Polarity Protection VOUT Accuracy (50% load): 5V Outputs 12/15V Outputs Temperature Coefficient Ripple/Noise (20MHz BW) Line/Load Regulation Efficiency Isolation Voltage Isolation Capacitance Current Limiting Overvoltage Protection Transient Response (50% load step) Switching Frequency Operating Temperature (ambient): Without Derating With Derating Storage Temperature Dimensions Shielding Case Connection: D5A and D12A Models D48A Models Case Material 4.7-7.25 Volts (5V nominal) 9-18 Volts (12V nominal) 18-72 Volts (48V nominal) See Ordering Guide Pi Yes (Instantaneous, 6A maximum) Input Voltage: D5 Models D12 Models D48 Models
Absolute Maximum Ratings
10 Volts 20 Volts 80Volts Current must be <6A. Brief duration only. Fusing recommended. 13 Volts, limited duration 28 Volts, limited duration 36 Volts, limited duration Current limited. Max. current and short-circuit duration are model dependent. -40 to +105C +300C
Input Reverse-Polarity Protection Output Overvoltage Protection 5V Outputs 12V Outputs 15V Outputs Output Current
Output
1.5%, maximum 1%, maximum 0.02% per C See Ordering Guide See Ordering Guide See Ordering Guide 1500Vdc, minimum 200pF Auto-recovery Zener/transorb clamps, magnetic feedback
Storage Temperature Lead Temperature (soldering, 10 sec.)
These are stress ratings. Exposure of devices to any of these conditions may adversely affect long-term reliability. Proper operation under conditions other than those listed in the Performance/Functional Specifications Table is not implied.
TECHNICAL
NOTES
Dynamic Characteristics
200sec max. to 1.5% of final value 165kHz (15kHz)
Floating Outputs Since these are isolated DC/DC converters, their outputs are "floating." Any BWR model may be configured to produce an output of 10V, 24V or 30V (for 5V, 12V or 15V models, respectively) by applying the load across the +Output and -Output pins (pins 3 and 5), with either output grounded. The Common pin (pin 4) should be left open. Minimum 20% loading is recommended under these conditions. Filtering and Noise Reduction All A-Series BWR 7-10 Watt DC/DC Converters achieve their rated ripple and noise specifications without the use of external input/output capacitors. In critical applications, input/output ripple and noise may be further reduced by installing electrolytic capacitors across the input terminals and/or low-ESR tantalum or electrolytic capacitors across the output terminals. Output capacitors should be connected between their respective output pin (pin 3 or 5) and Common (pin 4) as shown in Figure 2. The caps should be located as close to the power converters as possible. Typical values are listed in the tables below. In many applications, using values greater than those listed will yield better results. To Reduce Input Ripple "D5A" Models "D12A" Models "D48A" Models 47F, 10V 20F, 35V 10F, 100V
Environmental
-40 to +65/70C (Model dependent) to +100C (See Derating Curves) -40 to +105C
Physical
2" x 1" x 0.375" (51 x 25 x 9.5mm) 5-sided Pin 2 (-VIN) Pin 1 (+VIN) Corrosion resistant steel with non-conductive, epoxy-based black enamel finish and palstic baseplate Brass, solder coated 1.3 ounces (37 grams)
Pin Material Weight
These power converters require a minimum 20% loading on each output to maintain specified regulation. Operation under no-load conditions will not damage these devices; however they may not meet all listed specifications. Application-specific internal input/output filtering can be recommended or perhaps added internally upon request. Contact DATEL Applications Engineering for details. Devices can be screened or modified for higher guaranteed isolation voltages. Contact DATEL Applications Engineering for details. D5A Models: Zener/transorb only
To Reduce Output Ripple 5V Output 47F, 10V, Low ESR 12/15V Outputs 22F, 20V, Low ESR In critical, space-sensitive applications, DATEL may be able to tailor the internal input/output filtering of these units to meet your specific requirements. Contact our Applications Engineering Group for additional details.
3
A Series
7 - 1 0 W, D UA L O U T P U T D C / D C C O N V E RT E R S
E M I R A D I AT E D E M I S S I O N S
3 + +INPUT + CIN 2 -INPUT 5 -OUTPUT COMMON + COUT 4 COUT
+OUTPUT 1
If you're designing with EMC in mind, please note that all of DATEL's BWR 7-10 Watt A-Series DC/DC Converters have been characterized for radiated and conducted emissions in our new EMI/EMC laboratory. Testing is conducted in an EMCO 5305 GTEM test cell utilizing EMCO automated EMC test software. Radiated emissions are tested to the limits of FCC Part 15, Class B and CISPR 22 (EN 55022), Class B. Correlation to other specifications can be supplied upon request. Radiated emissions plots to FCC and CISPR 22 for model BWR-15/330-D48A appear below. Published EMC test reports are available for each model number. Contact DATEL's Applications Engineering Department for more details.
BWR-15/330-D48A Radiated Emissions FCC Part 15 Class B, 3 Meters Converter Output = 15Vdc @ 300mA
80 70 60
Figure 2. Using External Capacitors to Reduce Input/Output Ripple/Noise
Input Fusing
Radiated Emissions (dBV/M)
Certain applications and/or safety agencies may require the installation of fuses at the inputs of power conversion components. For DATEL A-Series BWR 7-10 Watt DC/DC Converters, you should use slow-blow type fuses with values no greater than the following: VIN Range "D5A" "D12A" "D48A"
CUSTOM
FCC Class B Limit
50 40 30 20 10 0
Radiated Emissions
Fuse Value 3A 2A 1A
-10 -20
CAPABILITIES
100
1000
Frequency (MHz)
DATEL's world-class design, development and manufacturing team stands ready to work with you to deliver the exact power converter you need for your demanding, large volume, OEM applications. And ... we'll do it on time and within budget! Our experienced applications and design staffs; quick-turn prototype capability; highly automated, SMT assembly facilities; and in-line SPC qualitycontrol techniques combine to give us the unique ability to design and deliver any quantity of power converters to the highest standards of quality and reliability. We have compiled a large library of DC/DC designs that are currently used in a variety of telecom, medical, computer, railway, aerospace and industrial applications. We may already have the converter you need. Contact us. Our goal is to provide you the highest-quality, most cost-effective power converters available.
80 70 60
BWR-15/330-D48A Radiated Emissions EN 55022 Class B, 10 Meters Converter Output = 15Vdc @ 300mA
Radiated Emissions (dBV/M)
50
EN 55022 Class B Limit
40 30 20 10 0
Radiated Emissions
-10 -20 100 1000
Frequency (MHz)
4
7 - 1 0 W, D UA L O U T P U T D C / D C C O N V E RT E R S
BWR Models
up until products eventually fail. After corrective actions and/or design changes, stresses are stepped up again and the cycle is repeated until the "fundamental limit of the technology" is determined. DATEL has invested in a Qualmark OVS-1 HALT tester capable of applying voltage and temperature extremes as well as 6-axis, linear and rotational, random vibration. A typical HALT profile (shown above) consists of thermal cycling (-55 to +125C, 30C/minute) and simultaneous, gradually increasing, random longitudinal and rotational vibration up to 20G's with load cycling and applied-voltage extremes added as desired. Many devices in DATEL's new A-Series could not be made to fail prior to reaching either the limits of the HALT chamber or some previously known physical limit of the device. We also use the HALT chamber and its ability to rapidly cool devices to verify their "cold-start" capabilities. Qualification For each new product, electrical performance is verified via a comprehensive characterization process and long-term reliability is confirmed via a rigorous qualification procedure. The qual procedure includes such strenuous tests as thermal shock and 500 hour life. Qual testing is summarized below.
Qualification Testing
Qualification Test HALT High Temperature Storage Thermal Shock Temperature/Humidity Lead Integrity Life Test Marking Permanency End Point Electrical Tests
* Interim electrical test at 200 hours.
Quality and Reliability
The A-Series are the first DC/DC Converters to emerge from DATEL's new, company-wide approach to designing and manufacturing the most reliable power converters available. The five-pronged program draws our Quality Assurance function into all aspects of new-product design, development, characterization, qualification and manufacturing. Design for Reliability Design for Reliability is woven throughout our multi-phased, new-productdevelopment process. Design-for-reliability practices are fully documented and begin early in the new-product development cycle with the following goals: 1. To work from an approved components/vendors list ensuring the use of reliable components and the rigorous qualification of new components. 2. To design with safety margins by adhering to a strict set of derating guidelines and performing theoretical worst-case analyses. 3. To locate potential design weaknesses early in the product-development cycle by using extensive HALT (Highly Accelerated Life Testing). 4. To prove that early design improvements are effective by employing a thorough FRACA (Failure Reporting Analysis and Corrective Action) system. HALT Testing The goal of the accelerated-stress techniques used by DATEL is to force device maturity, in a short period of time, by exposing devices to excessive levels of "every stimulus of potential value." We use HALT (Highly Accelerated Life Testing) repeatedly during the design and early manufacturing phases to detect potential electrical and mechanical design weaknesses that could result in possible future field failures. During HALT, prototype and pre-production DC/DC converters are subjected to progressively higher stress levels induced by thermal cycling, rate of temperature change, vibration, power cycling, product-specific stresses (such as dc voltage variation) and combined environments. The stresses are not meant to simulate field environments but to expose any weaknesses in a product's electro/mechanical design and/or assembly processes. The goal of HALT is to make products fail so that device weaknesses can be analyzed and strengthened as appropriate. Applied stresses are continually stepped
Typical HALT Profile
100 80 60 Temperature (C) 40 20 0 -20 -40 10 20 30 40 50 60 70 80 90 0 20 Random Vibration (G's) 40
Method/Comments DATEL in-house procedure Max. rated temp., 1,000 hours 10 cycles, -55 to +125C +85C, 85% humidity, 48 hours DATEL in-house procedure +70C, 500 hours* DATEL in-house procedure Per product specification
In-Line Process Controls and Screening A combination of statistical sampling and 100% inspection techniques keeps our assembly line under constant control. Parameters such as solder-paste thickness, component placement, cleanliness, etc. are statistically sampled, charted and fine tuned as necessary. Visual inspections are performed by trained operators after pick-and-place, soldering and cleaning operations. Units are 100% electrically tested prior to potting. All devices are temperature cycled, burned-in, hi-pot tested and final-electrical tested prior to external visual examination, packing and shipping. Rapid Response to Problems DATEL employs an outstanding corrective-action system to immediately address any detected shortcomings in either products or processes. Whenever our assembly, quality or engineering personnel spot a product/process problem, or if a product is returned with a potential defect, we immediately perform a detailed failure analysis and, if necessary, undertake corrective actions. Over time, this system has helped refine our assembly operation to yield one of the lowest product defect rates in the industry.
Test Time (minutes)
(R)
(R)
INNOVATION and EXCELLENCE
ISO 9001 REGISTERED
DS-0322
02/01
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356 Internet: www.datel.com Email: sales@datel.com
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444 DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01 DATEL GmbH Munchen, Germany Tel: 89-544334-0 DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-6354-2025
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
5


▲Up To Search▲   

 
Price & Availability of BWR-12335-D5A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X