|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
BUY92SMD Dimensions in mm (inches). 0.89 (0.035) min. 3.70 (0.146) 3.41 (0.134) 3.70 (0.146) 3.41 (0.134) 3.60 (0.142) Max. 4.14 (0.163) 3.84 (0.151) Bipolar PNP Device in a Hermetically sealed Ceramic Surface Mount Package for High Reliability Applications 1 3 0.76 (0.030) min. 16.02 (0.631) 15.73 (0.619) Bipolar PNP Device. VCEO = 60V IC = 7.5A 10.69 (0.421) 10.39 (0.409) 2 9.67 (0.381) 9.38 (0.369) 11.58 (0.456) 11.28 (0.444) 0.50 (0.020) 0.26 (0.010) All Semelab hermetically sealed products can be processed in accordance with the requirements of BS, CECC and JAN, JANTX, JANTXV and JANS specifications SMD1 (TO276AB) PINOUTS 1 - Base 2 - Collector 3 - Emitter Parameter VCEO* IC(CONT) hFE ft PD Test Conditions Min. Typ. Max. 60 7.5 Units V A Hz @ 5/1 (VCE / IC) 40 60M 80 30 W * Maximum Working Voltage This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk. Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Generated 15-Aug-02 |
Price & Availability of BUY92SMD |