Part Number Hot Search : 
5250A SI4477 EPR1517S 2SC9011 381XS22D HC1G0 BZX84C15 RB731U
Product Description
Full Text Search
 

To Download BLF245C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLF245C
RF POWER MOSFET
N-Channel Enhancement Mode
DESCRIPTION:
The ASI BLF245C is a VDMOS transistor designed for large signal amplifier applications in the VHF frequency range.
PACKAGE STYLE .400 8L FLG
C D B A F U LL R
FEATURES INCLUDE:
* PG = 16 dB Typical at 175 MHz * 30:1 Load VSWR Capability * OmnigoldTM metalization system
G
F E .1925 .125 K H
O
4 x .060 R I J N LM
MAXIMUM RATINGS
ID VDS VGS PDISS TJ TSTG JC 6.0 A 65 V 20 V 68 W @ TC = 25 C -65 C to +150 C -65 C to +200 C 1.8 C/W
D IM A B C D E F G H I J K L M N O
M IN IM U M
inches / m m
M A X IM U M
inches / m m
.030 / 0.76 .115 / 2.92 .360 / 9.14 .065 / 1.65 .130 / 3.30 .380 / 9.65 .735 / 18.67 .645 / 16.38 .895 / 22.73 .420 / 10.67 .003 / 0.08 .120 / 3.05 .159 / 4.04 .395 / 10.03 .390 / 9.91 .765 / 19.43 .655 / 16.64 .905 / 22.99 .430 / 10.92 .007 / 0.18 .130 / 3.30 .175 / 4.45 .280 / 7.11 .405 / 10.29 .075 / 1.91 .125 / 3.18
COMMON SOURCE
CHARACTERISTICS
SYMBOL
BVDSS IDSS IGSS VGS(th) gfs Ciss Coss Crss PG D ID = 10 mA VDS = 28 V VDS = 0 V VDS = 10 V VDS = 10 V VDS = 28 V VDS = 28 V
NONE
TC = 25 C
TEST CONDITIONS
VGS = 0 V VGS = 20 V ID = 10 mA ID = 1.5 A VGS = 0 V IDQ = 25 mA f = 1.0 MHz Pout = 30 W f = 150 MHz
MINIMUM
65
TYPICAL MAXIMUM
2.0 1.0
UNITS
V mA A V S pF dB %
2.0 1.2 1.9 125 75 7.0 13 50 16 60
4.5
VSWR = 30:1 AT ALL PHASE ANGLES
NO DEGRADATION IN OUTPUT POWER
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1202 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of BLF245C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X