Part Number Hot Search : 
TB0900L EC3597 AT507 LPH7653 8HC05 MC44722A AD7836 UPC831
Product Description
Full Text Search
 

To Download 5SBF200-0AG-006B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T2 ANSI #5 Telephone Slide Based LEDs
Subminiature Packages 660nm Ultra Red GaAIAs/GaAIAs
1.12 MAX Polarity Mark
Replaces Incandescent 6 PSB 12 PSB 24 PSB
.285
Part Number 5SBF200-0UR-006B 5SBF200-0UR-014B 5SBF200-0UR-024B 5SBF200-0UR-028B 5SBF200-0UR-048B
Electrical-Optical Characteristics (Ta = 25C) Voltage Current Intensity mA typ mcd V typ
Angle of Illumination
Special Features Contact Polarity B = BiPolar AC/DC A = AC only Replace 5SBF200 With 5SB200 Narrow Beam (15) Intensity 1.6K mcd/52 Ft.Cd @20 mA Contact Polarity B = BiPolar AC/DC A = AC only
5/6V 12/14V 24V 28V 48V 5/6V 12/14V 24V 28V 48V 5/6V 12/14V 24V 28V 48V 120VAC 5V 24V 28V 48V 5/6V 12/14V 24V 28V 48V 5/6V 12/14V 24V 28V 48V 5/6V 12/14V 24V 28V 48V 120VAC
20 20 15 15 12 10 20 20 15 15 12 10 20 20 15 15 12 10 15 15 15 15 12 10 20 20 15 15 12 10 15 15 15 15 12 10 15 15 15 15 12 10
115 115 85 85 65 50 130 130 98 98 78 65 116 116 75 75 54 39 160 160 160 160 128 106 58 58 44 44 35 29 400 400 400 400 320 275 125 125 125 125 84 74 120 120 120 120 120 120 120
.244
28 PSB 120 PSB 6 PSB 12 PSB 24 PSB 28 PSB 120 PSB 6 PSB 12 PSB 24 PSB 28 PSB
5SBF200
5SBF200-0UR-120A 120VAC 5SBF200-0UO-006B 5SBF200-0UO-014B 5SBF200-0UO-024B 5SBF200-0UO-028B 5SBF200-0UO-048B
612nm Super Orange InGaAIP
1.12 MAX Polarity Mark
.244
.285
5SBF200
5SBF200-0UO-120A 120VAC 5SBF200-0UY-006B 5SBF200-0UY-014B 5SBF200-0UY-024B 5SBF200-0UY-028B 5SBF200-0UY-048B 5SBF200-0UY-120A 5SBF200-0CW-006B 5SBF200-0CW-024B 5SBF200-0CW-028B 5SBF200-0CW-048B
Replace 5SBF200 With 5SB200 Narrow (15) Beam Intensity 3.5K mcd@20 mA Contact Polarity B = BiPolar AC/DC A = AC only Replace 5SBF200 With 5SB200 Narrow (15) Beam Intensity 3.2K mcd@20 mA Contact Polarity B = BiPolar AC/DC A = AC only Replace 5SBF200 With 5SB200 Std. (50) Beam Intensity 750 mcd/75 Ft. cd Contact Polarity B = BiPolar AC/DC A = AC only Replace 5SBF200 With 5SB200 Narrow (12-15) Beam Intensity 1K mcd@ 20 mA Contact Polarity B = BiPolar AC/DC A = AC only Replace 5SBF200 With 5SB200 Narrow (15) Beam Intensity 7K mcd/250 Ft.Cd Contact Polarity B = BiPolar AC/DC A = AC only Replace 5SBF200 With 5SB200 Std. (15) Beam Intensity 2K mcd/60 Ft.Cd
595nm Super Yellow InGaAIP
1.12 MAX Polarity Mark
.244
.285
5SBF200
120 PSB 6 PSB
1.12 MAX Polarity Mark
8000K Cool White SiC/GaN
12 PSB 24 PSB 28 PSB
.285
5SBF200-0CW-014B 12/14V
.244
5SBF200
120 PSB 6 PSB
1.12 MAX Polarity Mark
5SBF200-0CW-120A 120VAC 5SBF200-0UG-006B 5SBF200-0UG-014B 5SBF200-0UG-024B 5SBF200-0UG-028B 5SBF200-0UG-048B
570nm Lime Green InGaAIP
12 PSB 24 PSB 28 PSB
.285
.244
5SBF200
120 PSB 6 PSB
1.12 MAX Polarity Mark
5SBF200-0UG-120A 120VAC 5SBF200-0AG-006B 5SBF200-0AG-014B 5SBF200-0AG-024B 5SBF200-0AG-028B 5SBF200-0AG-048B
525nm Aqua Green SiC/GaN
12 PSB 24 PSB 28 PSB
.285
.244
5SBF200
120 PSB 6 PSB 12 PSB
1.12 MAX Polarity Mark
5SBF200-0AG-120A 120VAC 5SBF200-0PB-006B 5SBF200-0PB-014B 5SBF200-0PB-024B 5SBF200-0PB-028B 5SBF200-0PB-048B 5SBF200-0PB-120A
470nm Super Blue SiC/GaN
24 PSB 28 PSB
.285
.244
5SBF200
120 PSB
Options
All dimensions in inches. For millimeters multiply by 25.4
1.19 MAX
1.04
.244
.285
.244
.285
Series: 5SB200 (15 Illumination) PN Example: 5SB200-0UG-024B
Series: 5SB206 (160 Illumination) PN Example: 5SB206-0UO-028B
THE FUTURE OF LIGHT
LEDTRONICS, INC.
23105 Kashiwa Court, Torrance, CA 90505 Phone: (800) 579-4875 or (310) 534-1505 Fax: (310) 534-1424 E-mail: webmaster@ledtronics.com Website: www.ledtronics.com
Log # 122S Rev 09-2000


▲Up To Search▲   

 
Price & Availability of 5SBF200-0AG-006B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X