Part Number Hot Search : 
MIC1832 B2566 RB050 B2566 IR331 LB1952 MAX3274 400BL
Product Description
Full Text Search
 

To Download 5128-2-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OEM Accelerometer
Model 5128
* TO-8 Construction * Single, Biaxial or Triaxial Configuration * Wide Bandwidth * Low Cost / OEM Applications
DESCRIPTION
ENDEVCO
MODEL 5128-X-Y
Y
Z
Y * Z X
Z
The ENDEVCO Model 5128 is a miniature piezoelectric accelerometer designed specifically for high volume OEM application. The unit can be configured as a single, biax or triax accelerometer within the same TO-8 package. The Model 5128 is designed specifically to provide high-performance integrated vibration measurement of machines, structures or vehicles. Mounting hardware and cabling are eliminated. The device is designed for integration in standard hybrid or SMT electronics packaging and may be mounted by either adhesive or soldering. The ENDEVCO Model 5128 is a hermetically sealed design capable of withstanding long-term reliability in harsh environments. Configuration for the 5128 are specified below: 5128 -x -y -1-1 -1-2 -1-3 -2-1 -2-2 -2-3 -3 x-axis only (single axis) y-axis only (single axis) z-axis only (single axis) y-and z-axes (Biaxial) x-and z-axes (Biaxial) x-and y-axes (Biaxial) x-y and z-axes (Triaxial)
Y X
X
TYPICAL AMPLITUDE RESPONSE
TYPICAL AMPLITUDE RESPONSE
20
20
15 10
TYPICAL TEMPERATURE RESPONSE
20 15 10
15 10
% DEVIATION
5 0 -5
% DEVIATION
% DEVIATION
5 0
5 0 -5 -10 -15 -20 300 (149)
-10 -5 -15
-10
1
10
100
1000
-20 -15 10000
FREQUENCY IN HERTZ
1 10 100 1000 -20 10000
-100 (-73) -50 0 (-18) 50 100 (38) 150 200 (93) 250
FREQUENCY IN HERTZ
TEMPERATURE F (C)
APPLIES TO CALIFORNIA FACILITY
ENDEVCO
OEM Accelerometer
SPECIFICATIONS
Values are typical at +23C, referenced at 100 Hz and conform to ISA-RP 37.2 (1-64) unless otherwise specified. DYNAMIC CHARACTERISTICS CHARGE SENSITIVITY RESONANCE AMPLITUDE RESPONSE 1dB TEMPERATURE RESPONSE Sensitivity deviation at -40C Sensitivity deviation at +125C TRANSVERSE SENSITIVITY AMPLITUDE LINEARITY ELECTRICAL CHARACTERISTICS CAPACITANCE RESISTANCE OUTPUT CHARACTERISTICS OUTPUT POLARITY GROUNDING ENVIRONMENTAL CHARACTERISTICS OPERATING TEMPERATURE HUMIDITY SINUSOIDAL VIBRATION LIMIT g pk SHOCK LIMIT [1] g pk BASE STRAIN SENSITIVIY eq g/ strain THERMAL TRANSIENT SENSITIVITY [2] eq g / F PHYSICAL CHARACTERISTICS DIMENSIONS WEIGHT CASE MATERIAL SUPPORT LID OUTPUT CONNECTION CALIBRATION SUPPLIED SENSITIVITY oz (gm) Units pC/g Hz Hz % % % % 5128 1.5 10,000 1 to 3500 +3.5 -3.7 <5 < 1 to full scale
MODEL 5128-X-Y
pF M
550 >1
Shown in Outline Drawing Signal Ground Connects to Case
-55C to +125C (-67F to +257F) Hermetic 500 4000 <.001 0.02
TO-8 package 0.60" dia, 0.40" tall 0.71 (2) Stainless Steel Kovar, gold plated Stainless Steel 1 Output lead 1 ground
pC/g
NOTES 1. Shock pulses of short duration may excite the transducer resonance. Shock levels above the sinusoidal vibration limit may produce temporary zero-shift, which will result in erroneous velocity or displacement data after integration of the acceleration signal. 2. This parameter is dependent on subsequent high-pass filtering. Values listed are representative of a 1 Hz high pass filter. Filters with a higher corner frequency will result in values lower than published in this data sheet. 3. Maintain high levels of precision and accuracy using Endevco's factory calibration services. Call Endevco's inside sales force at 800-982-6732 for recommended intervals, pricing and turn-around time for these services as well as for quotations on our standard products.
Continued product improvement necessitates that Endevco reserve the right to modify these specifications without notice. Endevco maintains a program of constant surveillance over all products to ensure a high level of reliability. This program includes attention to reliability factors during product design, the support of stringent Quality Control requirements, and compulsory corrective action procedures. These measures, together with conservative specifications have made the name Endevco synonymous with reliability. ENDEVCO CORPORATION, 30700 RANCHO VIEJO ROAD, SAN JUAN CAPISTRANO, CA 92675 USA (800) 982-6732 (949) 493-8181 fax (949) 661-7231 www.endevco.com Email:applications@endevco.com 1100


▲Up To Search▲   

 
Price & Availability of 5128-2-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X