Part Number Hot Search : 
240128 MKW3034 C4051 AD8188 SMDA15 MAX4756A THB61222 7660M
Product Description
Full Text Search
 

To Download 5-1542004-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8
7
6
5
4
3
2
1
REVISION(S)
LTR DESCRIPTION ECN: 0S60-0198-04 ECR-06-013536 INIT E.T 8/19/04 E.T 6/6/06 APP'D B.P 9/1/04 V.K 6/6/06
D
2
3-FIN HS:
1.000 DIA. 0.467 HT.
NOTE: 1. MATERIAL:
O A
D
HEAT SINK: ALUM. (BLACK ANODIZE) CLIP: BLACK PEI (UL94-VO)
3
1
2-LEGS CLIP SIZE: 21mm
2. BEFORE THE HEATSINK APPLICATION, THE USER SHOULD IDENTIFY THE SPECIFICATION OF MAXIMUM LOAD ON THE BGA PACKAGE. HEATSINK TORQUE SPECIFICATIONS CONVERTED TO FORCE. BARE DIE PACKAGE: 1.5 INCH - LB TORQUE = 8.5 LBS FORCE 2.0 INCH - LB TORQUE =11.4 LBS FORCE FULL SIZE LID PACKAGE: 1.5 INCH - LB TORQUE = 8.3 LBS FORCE 2.0 INCH - LB TORQUE = 11.1 LBS FORCE 3. REMOVE CLIP WITH REMOVAL TOOL P/N: 1542616-1. 4. RoHS COMPLIANT AND CERTIFIED.
C
C
.017.002
1.000.020 B .340 MAX
DETAIL A SCALE= 6X
B
B
.467 .098 B .113.005 .831 LIP LEG .946
A
A
.240.005 5/8 - 27 UNS - 2A THREAD
SECTION B-B
CUSTOMER DRAWING
SPECIFICATIONS ARE SUBJECT TO CHANGE W ITHOUT NOTICE
ITEM
1 2 3
8 7
DESCRIPTION
MOUNTING CLIP HEAT SINK INTERFACE
QTY
1 1 1
DO NOT SCALE
UNLESS OTHERWISE SPECIFIED TOLERANCES ARE: .XX .XXX .XXXX ANGLES . . .
DRAWN BY:
DATE
MATERIAL: 8/19/04 SEE NOTE
FINISH:
E.TAO
ENGINEER: DATE
CONFIDENTIAL PROPERTY OF TYCO ELECTRONICS. NOT TO BE DISCLOSED TO OTHERS. REPRODUCED OR USED FOR ANY PURPOSES EXCEPT AS AUTHORIZED IN WRITING BY AN AUTHORIZED OFFICIAL OF TYCO. MUST BE RETURNED TO TYCO ON DEMAND, ON COMPLETION OF ORDERS OR OTHER PURPOSES FOR WHICH LENT. DIMENSONS ARE IN:
TITLE:
21mm HEATSINK ASSEMBLY (HTS766-U)
5-1542004-6
SHEET:
A
B. PETROCELLI
FILENAME
9/1/04
SYSTEM
INCHES SEE NOTE
TNIRD ANGLE PROJECTION
SCALE: 2:1 SIZE:
PART NO:
1 OF 1
REV:
PROJECT
A
DWG. NO.
C-5-1542004-6
A


▲Up To Search▲   

 
Price & Availability of 5-1542004-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X