Part Number Hot Search : 
PIC16L 5KE100 H732TM 53232 29517 ATP203 SP1648 SSG4801
Product Description
Full Text Search
 

To Download 5-1542000-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8
7
6
5
4
3
2
1
REVISION(S)
LTR O DESCRIPTION ECN: 06S0-00239-04 ECR-06-005199 INIT APP'D E.T 9/24/04 B.P 10/12/04 E.T 3/2/06 C.W 3/2/06
D
A
2
2-FIN HS: 0.984 DIA. 0.357 HT.
NOTE: 1. MATERIAL: HEAT SINK: ALUM. (BLACK ANODIZE) CLIP: BLACK PEI (UL94-VO)
D
3
1
2-LEG CLIP SIZE: 25mm
2. BEFORE THE HEATSINK APPLICATION, THE USER SHOULD IDENTIFY THE SPECIFICATION OF MAXIMUM LOAD ON THE BGA PACKAGE. HEATSINK TORQUE SPECIFICATIONS CONVERTED TO FORCE.
C
BARE DIE PACKAGE: 1.5 INCH - LB TORQUE = 8.5 LBS FORCE 2.0 INCH - LB TORQUE =11.4 LBS FORCE
C
.016.002
FULL SIZE LID PACKAGE: 1.5 INCH - LB TORQUE = 8.3 LBS FORCE 2.0 INCH - LB TORQUE = 11.1 LBS FORCE 3. REMOVE CLIP WITH REMOVAL TOOL P/N: 1542616-1.
.984.020 B .095 .227 MAX
B
4. RoHS COMPLIANT AND CERTIFIED.
DETAIL A SCALE = 6X
.357 .245.005 5/8" - 27 UNS-2A THREAD SECTION B-B
B
A .115.005 B .987 LIP LEG 1.069
DO NOT SCALE
A
Power 5 Watts 10 Watts 15 Watts
C/W @ C/W @ C/W @ C/W @ Ambient 200 LFM 400 LFM 600 LFM 14.25 8.15 6.75 5.10 12.81 8.04 6.74 5.06 11.73 7.83 6.68 4.97
UNLESS OTHERWISE SPECIFIED TOLERANCES ARE: .XX .XXX .XXXX ANGLES . . .
DRAWN BY: DATE
CUSTOMER DRAWING
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
CONFIDENTIAL PROPERTY OF TYCO ELECTRONICS. NOT TO BE DISCLOSED TO OTHERS. REPRODUCED OR USED FOR ANY PURPOSES EXCEPT AS AUTHORIZED IN WRITING BY AN AUTHORIZED OFFICIAL OF TYCO. MUST BE RETURNED TO TYCO ON DEMAND, ON COMPLETION OF ORDERS OR OTHER PURPOSES FOR WHICH LENT. DIMENSONS ARE IN:
TITLE:
A
ITEM
1 2 3
8 7
DESCRIPTION
MOUNTING CLIP HEAT SINK INTERFACE
QTY
1 1 1
MATERIAL: 9/24/04 SEE NOTE
FINISH:
E.TAO
ENGINEER: DATE
25mm HS ASSEMBLY (HTS191-P)
5-1542000-6 C-5-1542000-6
SHEET:
B.PETROCELLI
FILENAME
10/12/04
PROJECT SYSTEM
INCHES SEE NOTE
TNIRD ANGLE PROJECTION
SCALE: 1.5:1 SIZE:
PART NO:
1 OF 1
REV:
A
DWG. NO.
A


▲Up To Search▲   

 
Price & Availability of 5-1542000-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X