Part Number Hot Search : 
XC4013 A12D1 P4KE110 B59101Z MB90F457 K3563 G4BH4 TC642EUA
Product Description
Full Text Search
 

To Download 484GT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : CDLE-048-072 REV.: 1
3.0mm Very Wide Angle Type LED Lamps
PART NO. :
Features :

484GT
ECN:
Page:
1/4
Package Dimensions:
Choice of various viewing angles Available on tape and reel. Reliable and robust
Descriptions :
The series is specially designed for applications requiring higher brightness
The led lamps are available with different colors, intensities,
Applications : TV set Monitor Telephone Computer PART NO. 484GT Material
GaP
Notes : 1. All dimensions are in millimeters. 2. An epoxy meniscus may extend about 1.5mm(0.059'') down to the lead. 3. Tolerances unless Dimension 0.25mm. Chip Emitted Color
Green
Lens Color
Green Trans
Office : 7C Building, Lian Hua Port Industrial District, Lian Hua Shan Bonded Pricessing Zone Pan Yu, Guang Zhou, China TEL. : (020)84860913,84860914 FAX : (020)84860600 http : //www.everlight.com
0
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : CDLE-048-072 REV.: 1
3.0mm Very Wide Angle Type LED Lamps PART NO. :
484GT
ECN:
Page:
2/4
Absolute Maximum Ratings at Ta = 25
Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Power Dissipation Peak Forward Current(Duty 1/10 @ 1KHZ) Reverse Voltage Symbol IF Topr Tstg Tsol Pd IF(Peak) VR Rating 30 -40 to +85 -40 to +100 260 5 100 160 5 Unit mA mW mA V
Electronic Optical Characteristics :
Parameter Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current Symbol Iv 21/2 p d VF IR Min. 2.5 1.7 Typ. 4.0 150 565 570 30 2.1 Max. 2.4 10 Unit Condition
mcd IF= 10 mA deg IF= 20 mA nm nm nm V IF= 20 mA IF= 20 mA IF= 20 mA IF= 20 mA
A VR= 5 V
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : CDLE-048-072 REV.: 1
3.0mm Very Wide Angle Type LED Lamps PART NO. : 484GT
ECN : Page: 3/4
Typical Electro-Optical Characteristic Curves:
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number : CDLE-048-072 REV.: 1
3.0mm Very Wide Angle Type LED Lamps PART NO. :
NO 1
484GT
ECN :
Page:
4/4
Reliability test items and conditions:
Item Solder Heat Test Conditions TEMP : 260 5 H : +85 30min 5 min L : -55 30min H : +100 5min 10 sec L : -10 5min TEMP : 100 Test Hours/Cycle 5 SEC 76 PCS Ac/Re 0/1
2
Temperature Cycle
50 CYCLES 76 PCS
0/1
3
Thermal Shock High Temperature Storage Low Temperature Storage DC Operating Life
50 CYCLES 76 PCS
0/1
4
1000 HRS
76 PCS
0/1
5
TEMP : -55 TEMP : 25 IF = 20mA
1000 HRS
76 PCS
0/1
6
1000 HRS
76 PCS
0/1
7
High Temperature / High Humidity
85 / 85% RH
1000 HRS
76 PCS
0/1


▲Up To Search▲   

 
Price & Availability of 484GT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X