Part Number Hot Search : 
EUP2471 1A239 DA12CN X9316WP 40020 NJM2206 SW4100 2SA1489
Product Description
Full Text Search
 

To Download 3C16072 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
SuperStack 3 Firewall
Key Benefits
Powerful Security
(R)
Offers your LANs the most advanced security, including stateful packet inspection to automatically thwart hacker attacks.
High Performance and Availability
to 45 Mbps; supports 168-bit encryption wherever import/export laws allows, in addition to DES 56-bit encryption.
Advanced Content Filtering
A RISC processor and 3Com(R) Fast Ethernet technology allow 100 Mbps throughput on all ports. Configuring two firewalls as a pair delivers highavailability Internet security.
Affordability
Lets you set and enforce Internet access policies; filters URLs by domain name or keyword. Optional filtering allows blocking by content category.
Ease-of-Use
Provides highly affordable state-ofthe-art ICSA-certified security along with integral, bundled Internet-based support for virtual private networks (VPNs).
Integral VPN Capability
Setting up the SuperStack 3 Firewall can take less than 15 minutes with high-level security preconfigured and a Web-based interface. 3Com Network Supervisor support provides easy custom configuration, monitoring, and remote management.
Limited Lifetime Warranty
Advanced IPSec VPN technology gives branch offices, remote workers, customers, suppliers, and partners scalable, secure, and fast access at up
Comes with one of the industry's best warranties for your peace of mind.
Cost-effective, comprehensive and customizable network protection
The 3Com SuperStack 3 Firewall secures your network from unauthorized access and other external Internet-originated threats. This ICSA Labs-certified security solution comes preconfigured to detect and thwart denial of service (DoS) and distributed denial of service (DDoS) hacker attacks, including Ping of Death, SYN Flood, Land Attack, and IP spoofing. Through its stateful packet inspection, the firewall denies all unauthorized attempts at network access and generates real-time alerts and reports.
To help track and manage your network's use, the SuperStack 3 Firewall can filter URLs by domain name or keyword, block access by time of day, and block gates for Trojan horses, including cookies and Java and ActiveX applets. The optional SuperStack 3 Firewall Web Site Filter, blocks access to any of 12 content categories, including gambling, pornography, sports or racial intolerance. This option integrates the subscription-based CyberNOT list and enrolls you for automatic weekly updates.
S U P E R S TA C K (R) 3 F I R E WA L L
Specifications
Interfaces
Standards Compliance
Three RJ-45 10/100 BASE-T Ethernet/Fast Ethernet (WAN, LAN, and DMZ) ports with autonegotiated speed and duplex mode All ports are Uplink/Normal selectable Redundant power supply connector: Type 1
Dimensions and Weight
Safety: UL 1950, EN 60950, CSA 22.2 No. 950, IEC 950 Functional: ISO/IEC 8802-3, IEEE 802.3, ICSA certified, IPSec ESP, AH, 56-bit/DES, 168bit/3DES, 56-bit/ARC4 EN55022 Class A, EN 50082-1, FCC Part 15, Subpart B, ICES-003 Class A, VCCI Class A, EN 55024, CNS 13438 Class A Environmental: EN 60068 (IEC 68)
Warranty and Non-Warranty Services
Width: Depth: Height: Weight:
440 mm (17.3 in) 230 mm (9.0 in) 44 mm (1.7 in) 2.55 kg (5.6 lb)
Performance
Up to 30,000 concurrent IP sessions Up to 1,000 concurrent VPN tunnels 100 Mbps firewall port throughput 45 Mbps VPN DES and 3DES encryption throughput 21 Mbps VPN ARC4 encryption throughput
System
Limited Lifetime Warranty, for as long as the original customer owns the product, or five years after the product is discontinued, whichever occurs first. Includes fan and power supply. After registering the product online, other free support services such as telephone support, faster hardware replacement, and software updates may also be available, depending on regional availability.
Management
Embedded Web GUI interface 3Com Network Supervisor Event Logging: e-mail Web site, client, and category blocking Automatic software upgrades WebTrends Firewall Suite compatibility
CPU: 233 MHz StrongARM RISC processor RAM: 16 MB Flash ROM: 4 MB Acceleration: VPN crypto. processor Real time clock: lithium-ion battery
Reliability
MTBF (MIL): 446,000 hours at 25 C/289,000 hours at 50 C
Environmental
Software Included
50-user software license agreement (SLA) for SafeNet-PK VPN Client 5.01 WebTrends Firewall and VPN Suite 30-day evaluation CD
Operating temperature: 0 to +50 C (32 to 122 F) Storage temperature: -10 to +70 C Humidity: 10 to 95% (noncondensing)
Power
Input voltage: 90-264 VAC Operating frequency: 47-63 Hz
Ordering Information
3Com SuperStack 3 Firewall 3CR16110-97 Ships with 168-bit (3DES) encryption firmware; available only where allowed by import/export laws. For more information go to, http://www.3com.com/firewall_global 3Com SuperStack 3 Firewall Web Site Filter 3C16111
Optional Accessories for the Firewall 3Com SuperStack 3 Advanced Redundant Power System Chassis 3C16071B 3Com SuperStack II Advanced Redundant Power System Type 1 60W Power Module 3C16072
Note: High availability and set-up wizard are features of SuperStack 3 Firewall Version 2.0 software, available in calendar 3Q 2001. Additional information may be found at http://www.3com.com.
3Com Corporation, Corporate Headquarters, 5400 Bayfront Plaza, P.O. Box 58145, Santa Clara, CA 95052-8145 To learn more about 3Com solutions, visit www.3com.com. 3Com Corporation is publicly traded on Nasdaq under the symbol COMS. Copyright (c) 2001 3Com Corporation. All rights reserved. 3Com and SuperStack are registered trademarks of 3Com Corporation. The 3Com logo is a trademark of 3Com Corporation. All other company and product names may be trademarks of their respective companies. While every effort is made to ensure the information given is accurate, 3Com does not accept liability for any errors or mistakes which may arise. All specifications are subject to change without notice. 400607-004 7/01


▲Up To Search▲   

 
Price & Availability of 3C16072

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X