|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 11/06/2009 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0250010604 Active 2.54mm (.100") Pitch Board-to-Board Ribbon Cable Jumper - 26 AWG, Stranded Topcoat, 6 Circuits, Strip and Retain, 0.102m (4.00") Length Documents: Drawing (PDF) General Product Family Series Geographic Area Product Name Physical Cable Length Circuits (Loaded) Circuits (maximum) Insulation Packaging Type Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Temperature Range - Operating Wire Size AWG Wire/Cable Type Electrical Current - Maximum Voltage - Maximum Material Info Reference - Drawing Numbers Sales Drawing RoHS Certificate of Compliance (PDF) Cable 25001 Asia Ribbon 0.102m (4.00") 6 6 PVC Bag 0.100 In 2.54 mm -20C to +105C 26 (7x34) Stranded, Topcoat N/A 300V Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 25001 Series SD-25001-001 This document was generated on 11/06/2009 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 25001-0604 |