Part Number Hot Search : 
V103AYLF 78L07 34605 ADP3625 TP3D156 TBB512 74HCU04 A393E
Product Description
Full Text Search
 

To Download 2425-544-X7R0-101M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E le perT te s t p la T
c tr ic a l u s o n ix ns and estM e
T e s tin g s ta n d a rd M il-S td -2 0 2 th o d s .
D IM E N S IO N S IN IN C H E S - D O N O T S C A L E T H IS D R A W IN G D IM E N S IO N S IN M E T R IC - [ ] O R IE N T A T IO N .1 8 7 .0 1 5 [4 .7 5 0 .3 8 ] HEX.
C IR C U IT
M A R K E T IN G
S A L E S D R A W IN G
.2 6 7 [6 .7 8 ] .0 9 3 .0 1 5 [2 .3 6 0 .3 8 ] .1 0 0 M A X . [2 .5 4 M A X .]
.2 6 6 .0 1 5 [6 .7 6 0 .3 8 ] .6 3 1 [1 6 .0 3 ] .1 0 0 M A X . [2 .5 4 M A X .]
# 8 -3 2 U N C -2 A T H R E A D S IL V E R P L A T E D B R A S S
# 1 6 A W G (.0 5 1 [1 .3 0 ]) S IL V E R P L A T E D C O P P E R
S P E C IF IC A T IO N S
T u s o n ix S ty le : C a p a c ita n c e C a p a c ita n c e R a tin g : C u rre n t (A ): O p e r a tin g DW V @ R ange: 2 S e c . M in :
W A S S K 7 5 4 0 -0 2 0 . S .M . 0 5 -1 7 -9 9 S T Y L E ,C U R R E N T (A ), UMNS ADDED R E V IS E D -0 4 T U S O N IX S T Y L E 2 4 2 5 -5 4 4 W A S 2 4 2 5 -0 4 4 L .E . 0 1 -1 8 -0 5
2 4 2 5 -5 4 4 V a lu e : T o le r a n c e : 100 pF 20% X7R
200 VDC @ + 8 5 C /100 VD C @ + 1 2 5 C
T e m p . C h a r a c te r is tic :
NOTE: 1 . S U P P L IE D HEX NUT LO C K W A 2 . M O U N T IN 5 lb - in . M
W AN SH G AX
IT H D IN ER. TOR . [.5
S IL V E R P L A T E D TERNAL TOOTH QUE NOT TO 6 5 N -m ] EXCEED
20 -5 5 C T O 600 VD C
--T O L E R A N C E S -U n le s s O th e r w is e S p e c ifie d D E C IM A L ANGLES .0 3 1 [0 .7 9 ] D ra w n A p p ro v e d T itle
+ 1 2 5 C + 2 5 C
In s u la tio n R e s is ta n c e :
1 0 ,0 0 0 m e g o h m s ( m in .) @
RECORD
D I M 'S & T O L 'S R E V 'D .2 6 7 W A S .2 6 5 L .E . 0 4 -0 1 -0 5
1 9 9 9 0 5 1 1 -1 0 -0 2
M IN IA T U R E B U S H IN G F E E D -T H R U
S .M . 0 4 -1 3 -9 9 J .M c . 0 4 -1 3 -9 9 S c a le 4X
2
0
1
2 0 0 5 0 1 1 3 -4 -0 3
O r ig in a l R e le a s e C .O .
2 0 0 4 0 5 1 4 -3 -1 4
2 0 0 5 0 3 3 1 -3 -0 1
R E V IS IO N
O N IX V COL OTE 2 . 0 5 -2 7
3
TUS DW &N L .E
T U C S O N , A R IZ O N A
A
2 4 2 5 -5 4 4 -X 7 R 0 -1 0 1 M


▲Up To Search▲   

 
Price & Availability of 2425-544-X7R0-101M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X