Part Number Hot Search : 
BD233 SPX3819M 4063B 170M4060 200CT TS25P04G LC25ETCA Z00AV
Product Description
Full Text Search
 

To Download 22-01-1054 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 12/09/2009
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0022011054 Active
2.50mm (.098") Pitch SPOXTM Wire-to-Wire and Wire-to-Board Receptacle Housing, 5 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-5045-001 (PDF) Product Specification PS-5045-002 (PDF) General Product Family Series Product Name Physical Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Electrical CSA TUV UL Material Info Old Part Number Reference - Drawing Numbers Product Specification Product Specification Product Specification Product Specification Sales Drawing
Product Specification PS-5102-002 (PDF) Product Specification PS-5102-004 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Housings 5102 SPOXTM 5 Natural 94V-0 Female No Yes Nylon 1 Bag No 0.098 In 2.50 mm Yes No -40C to +105C LR19980 R72090224 E29179 5102-05 PS-5045-001 PS-5045-002 PS-5102-002 PS-5102-004 SD-5102-001 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 5102 Series Mates With 5045 Vertical Header, 5046 Right Angle Header Use With 5103 Crimp Terminals
This document was generated on 12/09/2009
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 22-01-1054

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X