Part Number Hot Search : 
SFI9610 CERXXX 175C80B STR44115 S2GFB6 00BGI 175C80B 0E1300K0
Product Description
Full Text Search
 

To Download 13PD150-ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Performance InGaAs p-i-n Photodiode
`ST' Active Device Mount
13PD150-ST
The 13PD150-ST, an InGaAs photodiode with a 150m-diameter photosensitive region packaged in a TO-46 header and aligned in an AT&T ST active device mount, is intended for high coupling efficiency to multi-mode fiber in moderate-to-high speed applications. Planar semiconductor design and dielectric passivation provide low noise performance. Reliability is assured by hermetic sealing and a 100% purge burn-in ( 200oC, 15 hours, Vr = 20V ). The ST receptacle is suitable for bulkhead and PC board mounting.
Features
Planar Structure Dielectric Passivation 100% Purge Burn-In High Responsivity
Device Characteristics:
Parameters
Operating Voltage Dark Current Capacitance Responsivity Rise/Fall Reverse Voltage Forward Current Reverse Current Operating Temperature Storage Temperature Soldering Temperature
Test Conditions
-5V -5V 1300nm -
Min
0.5 1.5 0.7 -
Typ
-
Max
-20 nA pF 0.5
Units
Volts
2.5 2.25 0.8 -
A/W ns
Absolute Maximum Ratings
20 Volts 5 mA 1 mA o -40 C to + 85oC -40oC to + 85oC 250oC
829 Flynn Road, Camarillo, CA 93012
tel(805)445-4500
fax(805)445-4502


▲Up To Search▲   

 
Price & Availability of 13PD150-ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X