Part Number Hot Search : 
IRLS540A B39A1 STBB2 NTV1209M G23AS2 120M1T 7B3641 FC15539
Product Description
Full Text Search
 

To Download 13PD150-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Performance InGaAs p-i-n Photodiode 13PD150-S
The 13PD150-S, an InGaAs photodiode with a 150m photosensitive region mounted on a metalized ceramic substrate, is intended for moderate-to-high speed applications. Efficient coupling to multi-mode fiber in hybrid modules is enabled by the relatively large photosensitive area. Planar semiconductor design and dielectric passivation provide low noise performance. Reliability is assured by a 100% purge burn-in (200oC, 15 hours, Vr = 20V). Chips can also be attached and wire bonded to customer-supplied or other specified submounts.
Features
Planar Structure Dielectric Passivation 100% Purge Burn-In High Responsivity
Device Characteristics
Parameters
Operating Voltage Dark Current Capacitance Responsivity Rise/Fall Reverse Voltage Forward Current Reverse Current Operating Temperature Storage Temperature Soldering Temperature
Test Conditions
-5V -5V 1300nm -
Min
0.70 -
Typ
0.5 1.25 0.90 -
Max
-20 2.5 2 2
Units
Volts nA pF A/W ns
Absolute Maximum Ratings
20 Volts 5 mA 1 mA o -40 C to + 85oC -40oC to + 85oC 250oC
829 Flynn Road, Camarillo, CA 93012
tel (805) 445-4500
fax (805) 445-4502.


▲Up To Search▲   

 
Price & Availability of 13PD150-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X