Part Number Hot Search : 
T2700B 101KL 101KL 70001 433D100F 1100E TA1281F NTE70
Product Description
Full Text Search
 

To Download VRF151G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VRF151G
50V, 300W, 175MHz
RF POWER VERTICAL MOSFET
The VRF151G is designed for broadband commercial and military applications at frequencies to 175MHz. The high power, high gain, and broadband performance of this device make possible solid state transmitters for FM broadcast or TV channel frequency bands.
FEATURES
* Improved Ruggedness V(BR)DSS = 170V * 300W with 16dB Typical Gain @ 175MHz, 50V * Excellent Stability & Low IMD * Common Source Configuration * RoHS Compliant * 5:1 Load VSWR Capability at Specified Operating Conditions * Nitride Passivated * Refractory Gold Metallization * High Voltage Replacement for MRF151G
Maximum Ratings
Symbol VDSS ID VGS PD TSTG TJ Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Gate-Source Voltage Total Device dissipation @ TC = 25C Storage Temperature Range Operating Junction Temperature
All Ratings: TC =25C unless otherwise specified
VRF151G 170 36 40 500 -65 to 150 200 Unit V A V W C
Static Electrical Characteristics
Symbol V(BR)DSS VDS(ON) IDSS IGSS gfs VGS(TH) Parameter Drain-Source Breakdown Voltage (VGS = 0V, ID = 100mA) On State Drain Voltage (ID(ON) = 10A, VGS = 10V) Zero Gate Voltage Drain Current (VDS = 100V, VGS = 0V) Gate-Source Leakage Current (VDS = 20V, VDS = 0V) Forward Transconductance (VDS = 10V, ID = 10A) Gate Threshold Voltage (VDS = 10V, ID = 100mA) 5.0 2.9 3.6 4.4 Min 170 Typ 180 2.0 3.0 1.0 1.0 Max Unit V mA A mhos V
Thermal Characteristics
Symbol RJC Characteristic Junction to Case Thermal Resistance Min Typ Max 0.35 Unit C/W
050-4938 Rev G 11-2009
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
Microsemi Website - http://www.microsemi.com
Dynamic Characteristics
Symbol CISS Coss Crss Parameter Input Capacitance Output Capacitance Reverse Transfer Capacitance Test Conditions VGS = 0V VDS = 50V f = 1MHz Min Typ 375 200 12 Max
VRF151G
Unit
pF
Functional Characteristics
Symbol GPS D Parameter f = 175MHz,- VDD = 50V, IDQ = 500mA, Pout = 300W f = 175MHz, VDD = 50V, IDQ = 500mA, Pout = 300W f = 175MHz, VDD = 50V, IDQ = 500mA, Pout = 300W 5:1VSWR - All Phase Angles Min 14 50 Typ 16 55 Max Unit dB %
No Degradation in Output Power
1. To MIL-STD-1311 Version A, test method 2204B, Two Tone, Reference Each Tone Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Typical Performance Curves
25 14V 20 ID, DRAIN CURRENT (A) 10V 9V 8V 7V ID, DRAIN CURRENT (A) 30 25 TJ= -55C 20 TJ= 25C 15 TJ= 125C 10 5 0
250s PULSE TEST<0.5 % DUTY CYCLE
15
10
6V
5
5V VGS = 4V
0
0 V
DS(ON)
5
10
15
20
25
0
2
4
6
8
10
12
, DRAIN-TO-SOURCE VOLTAGE (V) FIGURE 1, Output Characteristics
VGS, GATE-TO-SOURCE VOLTAGE (V) FIGURE 2, Transfer Characteristics
1.0E-9 Ciss C, CAPACITANCE (F) Coss ID, DRAIN CURRENT (A)
100
IDMax
1.0E-10
10
Rds(on) PD Max
Crss 1.0E-11
050-4938 Rev G 11-2009
TJ = 125C TC = 75C
0
10
20
30
40
50
60
1
1
10
100
250
VDS, DRAIN-TO-SOURCE VOLTAGE (V) FIGURE 3, Capacitance vs Drain-to-Source Voltage
VDS, DRAIN-TO-SOURCE VOLTAGE (V) FIGURE 4, Forward Safe Operating Area
Typical Performance Curves
0.40 ZJC, THERMAL IMPEDANCE (C/W) 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0 10-5 0.3 0.1 0.05 10-4 SINGLE PULSE 0.7 D = 0.9
VRF151G
0.5
Note:
PDM
t1 t2
t1 = Pulse Duration Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t
10-3 10-2 10 -1 RECTANGULAR PULSE DURATION (seconds) Figure 5. Maximum Effective Transient Thermal Impedance Junction-to-Case vs Pulse Duration 400 350 OUTPUT POWER (WPEP) 300 250 200 150 100 50 0 0 2 4 6 8 INPUT POWER (WATTS PEP) Figure 6. POUT versus PIN 10
Vdd=50V, Idq = 250mA, Freq=150MHz
1.0
175MHz
150MHz 200MHz
050-4938 Rev G 11-2009
VRF151G
+ BIAS 0-6 V - D.U.T. T2 L1 OUTPUT C12 R1 C4 C5 C9 C10 L2 C11 + 50 V -
R2 C1 T1 C6 C2 C3
INPUT
C7
C8
Figure 7, 175 MHz Test Circuit
R1 - 100 Ohms, 1/2 W R2 - 1.0 k Ohm, 1/2W C1 - Arco 424 C3,C4,C7,C8,C9 - 1000 pF Chip C5, C10 - 0.1 F Chip C11 - 0.47 F Ceramic Chip, Kemet 1215 or Equivalent (100V) C12 - Arco 422 L1 - 10 Turns AWG #18 Enameled Wire. Close Wound, 1/4" I.D. L2 - Ferrite Beads of Suitable Material for 1.5 - 2.0 H Inductance Unless Otherwise Noted, All Chip Capacitors are ATC Type 100 or Equivalent.
T1 - 9:1 RF Transformer, Can be made of 15 - 18 Ohms Semirigid Co - Ax, 62 - 90 Mils O.D. T2 - 1:4 RF Transformer, Can be made of 16 - 18 Ohms Semirigid Co - Ax, 70 - 90 Mils O.D. Board Material - 0.062" Fiberglass (G10), 1 oz. Copper Clad, 2 sides, r = 5.0 NOTE: For stability, the input transformer T1 must be loaded with ferrite toroids or beads to increase the common mode inductance. For operation below 100 MHz. The same is required for the output transformer.
1.100 .435
1
0.400
2
0.390
Pin 1. Drain 2. Drain 3. Gate 4. Gate 5. Source
5
0.200
HAZARDOUS MATERIAL WARNING
The ceramic portion of the device between leads and mounting flange is beryllium oxide. Beryllium oxide dust is highly toxic when inhaled. Care must be taken during handling and mounting to avoid damage to this area. These devices must never be thrown away with general industrial or domestic waste.
3
.225
4
.065 rad 2 PL
.107
.860
.005
.060
1.340
.210
Package Dimensions (inches)
All Dimensions are .005
050-4938 Rev G 11-2009
Microsemi's products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,342,262 7,352,045 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of VRF151G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X