Part Number Hot Search : 
C1390 LM209 ZEN2901P BFXXXX 2SA56 AH304 SII9011 SMA28
Product Description
Full Text Search
 

To Download VFC1506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VFC1506
Vishay Foil Resistors
High Precision Flip Chip,
(Patents Pending in Industrialized Countries)
FEATURES
* Nominal TCR: 0.5ppm/C (- 55C to + 125C) * Resistance Range: 10 to 40k
Product may not be to scale
* Tolerance: to 0.01% * Load Life Stability: 0.01% maximum R under full rated power at + 70C for 2000 hours * Shelf Life Stability: 50ppm (0.005%) over several years * Voltage Coefficient: < 0.00001%/volt (< 0.1ppm/V) * Current Noise: < 0.010V (rms)/volt of applied voltage
The VFC1506 is a surface mountable flip chip resistor that utilizes Ultra Precision Bulk Metal(R) "Z" Foil. This product differs from other Vishay Bulk Metal(R) Foil surface mount devices in as much as it is installed with the foil side facing the PCB providing better power handling capabilities. The Foil element is isolated from the PCB by a protective overcoating. This overcoating plus the overall product design isolates the resistor from handling and installation stresses. The temperature coefficient of resistance (TCR) curve shown below compares the new revolutionary "Z" Foil with its nominal TCR of 0.5ppm/C to the original Vishay "C" Foil. The Bulk Metal(R) Foil characteristics of excellent long term stability, low noise and availability of tight tolerance are maintained in this Flip Chip configuration. The VFC1506 is available in any value within the specified resistance range. The flip chip configuration is more economical for high volume, analog applications where high precision is required.
* Non Inductive: < 0.08
TABLE 1 - RESISTANCE VALUE VS TOLERANCE AND TCR
VALUE () 100 to 40k 50 to < 100 25 to < 50 10 to < 25 STANDARD TOLERANCE (%)* 0.01 0.05 0.1 0.25 MAXIMUM TCR** 2.0ppm/C 3.0ppm/C 4.0ppm/C 5.0ppm/C
*Tighter tolerances are available. Please contact Application Engineering. **Range; - 55C to + 125C, + 25C reference.
FIGURE 1 - NOMINAL TCR COMPARISON OF Z FOIL TO C FOIL
+ 150 + 100 R R + 50 0 0.5PPM/C Z Foil
TABLE 2 - TYPICAL PERFORMANCE SPECIFICATIONS
TEST MIL-PRF-55342 VFC1506 CHARACTERISTIC E MAXIMUM R LIMITS* R LIMITS** 25ppm/C 0.10% 0.10% 0.10% 0.10% 0.20% 0.20% 0.50% See Table 1 0.02% 0.02% 0.02% 0.03% 0.02% 0.03% 0.01%
Temperature Coefficient of Resistance Thermal Shock Low Temperature Operation Short Time Overload High Temperature Exposure Resistance to Bonding Moisture Resistance Life 2000hrs at + 70C
(PPM) - 50 - 100 - 150 - 200 - 50 - 55 - 25 0 + 25 + 50 + 75 + 100 + 125 2PPM/C C Foil
Ambient Temperature (C) Z Foil 0.5PPM/C C Foil 2PPM/C
The TCR for values < 100 are influenced by the termination composition and result in a deviation from this curve.
NOTES: * As shown + 0.01 to allow for measurement error. ** As shown + 0.01 to allow for measurement error for values less than 100.
* SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA +1 610 407-4800 FAX: +1 610 640-9081
VISHAY FOIL * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
* ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.42.729.0661 FAX: +81.42.729.3400 * SINGAPORE +65.788.6668 FAX: +65.788.0988
Document Number: 63083 Revision 12-Jul-02
www.vishay.com N1
VFC1506
Vishay Foil Resistors
Bulk Metal(R) Foil Technology High Precision Flip Chip, Patent Pending
FIGURE 3 - CHIP CONFIGURATION
High Purity Alumina Substrate Resistive Bulk(R) Metal Foil
FIGURE 2 - POWER DERATING CURVE
Percent of Rated Power
125 100 75 50 25 0 -75
-55C
+70C Rated Power
Solder
-50 -25 0 +25 +50 +75 +100 +125 +150 +175
Ambient Temperature (C)
Protective Coating
FIGURE 4 - DIMENSIONS AND LAND PATTERN in inches (millimeters)
Bottom View (Showing Terminals for Mounting): Solder Terminal (2) D Land Pattern
W
W1
G
X
L - 0.003 (0.08) L CHIP SIZE 1506 L 0.150 (3.81) W 0.062 (1.57) THICKNESS 0.025 (0.64) D W1 0.059 (1.50) Z 0.150 (3.81)
Z
G 0.120 (3.05)
X 0.062 (1.57)
0.005 (0.13) 0.005 (0.13) MAXIMUM
0.003 (0.08)
0.012 (0.30)
0.003 ( 0.008) 0.003 ( 0.008) 0.003 ( 0.008) 0.003 ( 0.008)
TABLE 3 - PROPERTIES
RESISTANCE RANGE () 10R - 40K POWER + 70C (mW) 125 MAXIMUM VOLTAGE (V) 61 MAXIMUM WEIGHT (mg) 12
TABLE 4 - ORDERING INFORMATION
MODEL VFC CHIP SIZE 1506 RESISTANCE RANGE RESISTANCE VALUE LETTER MULTIPLIER DESIGNATOR FACTOR TOLERANCE T Q A B C D F 0.01% 0.02% 0.05% 0.1% 0.25% 0.5% 1.0% TERMINATION B - solderable PACKAGING T = Tape and Reel W = Waffle Pack
10 to <1K R x 1.0 Example: 249R00 = 249 1K to 40K K Example: 10K000 = 10.0K Patent Pending
VISHAY FOIL * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
x 103
* ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.42.729.0661 FAX: +81.42.729.3400 * SINGAPORE +65.788.6668 FAX: +65.788.0988
* SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA +1 610 407-4800 FAX: +1 610 640-9081
www.vishay.com N2
Document Number: 63083 Revision 12-Jul-02


▲Up To Search▲   

 
Price & Availability of VFC1506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X