Part Number Hot Search : 
091000 SDB412WS 01M2A 150LR5A PT22162 A1606 GK03N F3330
Product Description
Full Text Search
 

To Download VCS2516 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCS2516
Vishay Foil Resistors
SURFACE MOUNT
Bulk Metal(R) Foil Technology Surface Mount Current Sensing Chip Resistors
FEATURES
* Low Ohmic Values: 0.01 to 1.0 * Resistance Tolerance: to 1.0% * Low Temperature Coefficient of Resistance * Power Rating: 1 watt at + 85C
Product may not be to scale
* Current Rating: 5 Amperes maximum * Tin/Lead Coated Terminations Standard * Gold Plated Terminations Available on Special Order (Special Part Number Required)
Model VCS chip resistors have 4 tin/lead coated surface mount pads for 4-terminal connection where a current sensor is required. Utilizing Vishay Bulk Metal(R) Foil as the resistance element, they provide performance capabilities far greater than other resistor technologies can supply in a product of comparable size. These small devices dissipate the heat almost entirely through the pads so surface mount users are encouraged to be generous with the pads and board traces. Some hybrid users may want to use conductive epoxy for the interconnection and gold terminations are available on special order. (Tin/lead oxidizes on the surface and the conductive epoxy joint eventually fails electrically.)
TABLE 1 - TEMPERATURE COEFFICIENT OF RESISTANCE - 55C TO + 125C, + 25C REF.
VALUE () > 0R500 to 1R0 > 0R100 to 0R500 > 0R050 to 0R100 > 0R030 to 0R050 > 0R020 to 0R030 0R01 to 0R020 TCR (ppm/C) 10 15 20 35 50 80
TABLE 2 - CHARACTERISTICS
MODEL RESISTANCE RESISTANCE POWER RATING MAXIMUM CURRENT NUMBER RANGE TOLERANCE @ + 85C VCS2516 0.1 to 1.0 0.01 to < 0.1 to 1.0% to 5.0% 1 watt on ceramic substrate (0.5 W on PCB) 5 Amperes
FIGURE 1 - DIMENSIONS in inches and millimeters
L W
Mounting Pads (4)
I1
A
E1
B
H
I2 E2
Top View
Bottom View
I1 E1
Specify Vishay VCS2516 resistors as follows: Example: VCS2516 0R1000 1.0%
.200 (5.08) .070 (1.78)
TABLE 3 - ORDERING INFORMATION
R .070
MODEL
RESISTANCE VALUE
TOLERANCE
(1.78) .260 (6.60)
I2
Resistance Value, in ohms, is expressed by a series of 6 characters, 5 of which represent significant digits while the 6th is a dual purpose letter that designates both the multiplier and the location of the comma or decimal. RESISTANCE RANGE 0.01 to 1 LETTER DESIGNATOR R MULTIPLIER FACTOR x1
Solder Pad Layout DIMENSIONS INCHES L H 0.250 0.010 0.160 0.010 0.040 maximum 0.080 0.005 0.040 0.010
Electrical Schematic
E2
mm 6.35 0.25 4.06 0.25 1.02 maximum 2.03 0.13 1.02 0.25
EXAMPLE
W A B
0R1000 = 0.1000
VISHAY FOIL * FRANCE +33.4.93.37.28.24 FAX: +33.4.93.37.27.31 * GERMANY +49.9287.710 FAX: +49 9287.70435 * ISRAEL +972.3.557.0945 FAX: +972.3.558.9121
* ITALY + 39.2.300.11919 FAX: +39.2.300.11999 * JAPAN +81.3.5464.6411 FAX: +81.3.5464.6433 * SINGAPORE +65.788.6668 FAX: +65.788.0988
* SWEDEN +46.8.594.70590 FAX: +46.8.594.70581 * UK +44 191 514 8237 FAX: +44 1953 457 722 * USA +1 610 407-4800 FAX: +1 610 640-9081
www.vishay.com 32
Document Number: 63023 Revision 12-May-03


▲Up To Search▲   

 
Price & Availability of VCS2516

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X