Part Number Hot Search : 
WIT2400 5HDXXX 00N6T ACS10 6043468 YE152 MA3S781D HER303
Product Description
Full Text Search
 

To Download TFPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TFPT
Vishay Dale
Linear PTC Thermistors, Surface Mount Chip
FEATURES
* Solderable wraparound terminations. * Alumina substrate base with PTC thin film element. * 0603, 0805, and 1206 sizes available. * Available in tape and reel packaging. * Standard tolerances: 1%, 5%, 10%. * Contact factory for non-standard tolerance. * Operation range - 55C to + 125C.
STANDARD ELECTRICAL SPECIFICATIONS
TCR LOT PPM -55C to + 125C 4000 - 5000 TCR* TOLERANCE ppmC 100 R25 VALUE RANGE (1%, 5% and 10% TOLERANCE)** 0603 MIN. MAX. 0805 MIN. 100 - MAX. 5K 1206 MIN. MAX. 100 - 10K
100 - 1K
*Contact Vishay Dale if closer TCR lot tolerance is desired. **Other R25 values and tolerances are available upon request.
STANDARD RESISTANCE VALUES
100 120 150 180 220 270 330 390 470 560 680 820 1K 1.2K 1.5K 1.8K 2.2K 2.7K 3.3K 3.9K 4.7K 5.6K 6.8K 8.2K 10.0K
STANDARD TECHNICAL SPECIFICATIONS
PART NUMBER TFPT 0603 TFPT 0805 TFPT 1206
1Rated
POWER RATING 75mW 100mW 125mW
MAXIMUM WORKING VOLTAGE RCWV1 30V DC 40V DC 50V DC
Continuous Working Voltage is maximum working voltage or square root of the power rating times resistance value, whichever is less.
ORDERING INFORMATION
TFPT MODEL 1206 (E.I.A.) DIMENSION L LINEAR 1002 R25 First 3 digits are significant figures, 4th digit is the multiplier K TOLERANCE F = 1% J = 5%
EXAMPLE: TFPT 1206 L 1002 K
www.vishay.com 38
For technical questions, contact thermistor1@vishay.com
Document Number 33017 Revision 29-Jul-02
TFPT
Linear PTC Thermistors, Surface Mount Chip
DIMENSIONS in inches [millimeters]
A D
Vishay Dale
B
C
E
PART NUMBER TFPT0603
A 0.063 0.006 [1.60 0.15] 0.079 0.006 [2.00 0.15] 0.126 0.006 [3.20 0.15]
B 0.031 + 0.006 - 0.002 [0.80 + 0.15 - 0.05] 0.049 0.006 [1.25 0.15] 0.063 0.006 [1.60 0.15]
C 0.020 0.004 [0.50 0.10] 0.020 0.006 [0.50 0.15] 0.022 0.006 [0.56 0.15]
D 0.012 0.008 [0.30 0.20] 0.016 0.010 [0.40 0.25] 0.020 0.010 [0.50 0.25]
E 0.012 0.008 [0.30 0.20] 0.016 0.010 [0.40 0.25] 0.020 0.010 [0.50 0.25]
TFPT0805
TFPT1206
Overglaze Thermistor
Alumina Substrate Inner Electrode Nickel Barrier Solderable Coating
5000 4900 4800 4700 4600 4500 4400 4300 4200 4100 4000 3900 3800 3700 3600 3500 3400 3300 3200 3100 3000 -55
ppm
-25
0
TEMPERATURE IN C
25
50
75
100
125
CONSTRUCTION PERFORMANCE*
TEST**
TYPICAL CURVE
MAXIMUM %R*** 1K and Below Above 1K .5% 1% 2% 10% 1% 2% P P
High Temperature Exposure (100 hours @ 125C) Effects of Bonding (10 seconds solder dip @ 260C) Thermal Shock (30 minutes @ 65C, 30 minutes @ 125C, 5 cycles) Low Temperature Operation (Maximum rated power for 2 hours @ - 65C) Short Time Overload (2.5 x RCWV for 5 seconds) Load Life (1000 hours 70C, maximum rated power 1.5 hours "ON", 0.5 hours "OFF") Solderability (95% coverage P/F) Leaching (Physical damage P/F)
.5% 1% 2% 1% 1% 2% P P
*Environmental performance specifications use test procedures as outlined in MIL-R-23648D and MIL-STD-202. **Test reading accuracy of 0.3%. ***TFPTs are ESD sensitive. Document Number 33017 Revision 29-Jul-02 For technical questions, contact thermistor1@vishay.com www.vishay.com 39


▲Up To Search▲   

 
Price & Availability of TFPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X