Part Number Hot Search : 
SS526DT TDA8745H 1REEL AS1104 MAX809 N5404 OP183 BAVP19
Product Description
Full Text Search
 

To Download SDP0080Q38CB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
SDP Biased Series - 5x6 QFN
Description This new SDP Biased series provides overvoltage protection for applications such as VDSL2, ADSL2, and silicon design innovation results in a capacitive loading characteristic that is compatible with these high bandwidth applications. This surface mount QFN package provides a surge capability that exceeds most worldwide standards and recommendations for lightning surge withstand capability of secondary protectors. Features & Benefits Agency Approvals (30MHz)
Agency Agency File Number E133083
protection surged in excess of ratings
Pinout Designation
Tip in - Bias Ground Ring in
1 2 3 4 8 7 6 5
Tip out + Bias Ground Ring out
Applicable Global Standards
Schematic Symbol
Level
Line In (1) -Bias (2) Ground (3) Line In (4)
8002 tcO snevaH pillihP
(8) Line Out (7) +Bias (6) Ground (5) Line Out
Electrical Characteristics
VDRM@IDRM=5A VS@100V/s V min SDP0080Q38CB SDP0640Q38CB SDP0720Q38CB SDP0900Q38CB SDP1100Q38CB SDP1300Q38CB SDP1800Q38CB SDP2600Q38CB SDP3100Q38CB SDP3500Q38CB SDP-8C SDP06C SDP07C SDP09C SDP11C SDP13C SDP18C SDP26C SDP31C SDP35C 6 58 65 75 90 120 170 220 275 320 V max 25 77 88 98 130 160 220 300 350 400 IH mA min 50 150 150 150 150 150 150 150 150 150 IS mA max 800 800 800 800 800 800 800 800 800 800 IT A max 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 VT@IT=2.2 Amps V max 8 8 8 8 8 8 8 8 8 8
Part Number
Marking
Capacitance
See Capacitance vs Voltage Chart
Notes: - Absolute maximum ratings measured at TA= 25C (unless otherwise noted). - Devices are bi-directional (unless otherwise noted). (c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. 30 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
V-I: Characteristics
+I
Capacitance vs. Voltage*
40 Bias Voltage
0V 5V 24V 50V 3.3V 12V 30V
35
IT
Capacitance (pF)
30
IS IH IDRM -V VT VDRM VS +V
25
20
15
10
5
0 0.1
1 Line Voltage (V)
10
100
-I
* Bias voltage must be lower than VDRM
50/60Hz Ratings
Parameter Name Test Conditions Value Units
ITSM Maximum non-reptitive on-state current, 50/60Hz
0.5s 1s 2s 5s 30s 900s
6.5 4.6 3.4 2.3 1.3 0.73
A
Surge Ratings
IPP Series 2x10s A min C 500 1.2x50s/8x20s A min 400 10x700/5x310s A min 200 10x1000s A min 100 ITSM 600VRMS 1 cycle ARMS 30
Notes: - Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product. - IPP - The device must initially be in thermal equilibrium with -40C < TJ <
Thermal Considerations
Package Symbol TJ TSTG
5x6 QFN
Parameter Junction Temperature Storage Temperature Range Thermal Resistance: Junction to Ambient
Value
Unit C C
R0JA
100
C/W
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
31 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Normalized VS Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
14
2.0
Percent of VS Change - %
10 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
IH (TC = 25C)
12
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4
-40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25C
Ratio of
Junction Temperature (TJ) - C
Case Temperature (TC) - C
Soldering Parameters
Reflow Condition
- Temperature Min (Ts(min))
Pb-Free assembly (see Fig. 1)
Figure 1
Pre Heat
- Temperature Max (Ts(max)) - Time (Min to Max) (ts)
TP
Ramp-up
tP
Critical Zone TL to TP
60-180 secs.
Temperature
Average ramp up rate (Liquidus Temp (TL) to peak) TS(max) to TL - Ramp-up Rate Reflow
- Temperature (TL) (Liquidus) - Temperature (tL)
TL TS(max)
Preheat
3C/sec. Max. 3C/sec. Max. 60-150 secs.
tL
Ramp-down
TS(min)
tS
Peak Temp (TP) Time within 5C of actual Peak Temp (tp) Ramp-down Rate Time 25C to Peak Temp (TP) Do not exceed 30 secs. Max. 6C/sec. Max. 8 min. Max.
25 time to peak temperature (t 25C to peak)
Time
Environmental Specifications
High Temp Voltage Blocking 80% Rated VDRM (VAC Peak 504 or 1008 hrs. MIL-STD-750 (Method 1040) JEDEC, JESD22-A-101 cycles. MIL-STD-750 (Method 1051) EIA/JEDEC, JESD22-A104 52 VDC JEDEC, JESD22-A-101 JEDEC, JESD22-A-101 -65C, 1008 hrs. 10 cycles. MIL-STD-750 (Method 1056) JEDEC, JESD22-A-106
Physical Specifications
Lead Material Terminal Finish Body Material
Copper Alloy
Temp Cycling
100% Matte-Tin Plated UL recognized epoxy meeting flammability classification 94V-0
Biased Temp & Humidity High Temp Storage Low Temp Storage Thermal Shock Resistance to Solder Heat Moisture Sensitivity Level
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
32 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Dimensions -- 5x6 QFN
A 5 6 7 8
Dimension A B C D E F G H I J K L
Inches Min 0.187 0.226 0.054 0.165 0.027 0.011 0.047 0.032 0.027 0.100 0.027 0.015 Max 0.207 0.246 0.064 0.171 0.033 0.017 0.053 0.038 0.033 0.106 0.033 0.021
Millimeters Min 4.745 5.745 1.374 4.199 0.686 0.279 1.194 0.800 0.686 2.540 0.686 0.381 Max 5.253 6.253 1.628 4.351 0.838 0.432 1.346 0.953 0.838 2.692 0.838 0.533
B J
I
D
H
K
L
E
PIN 1 INDICATOR
4
3
2 G
I F
C
F (REF) G (REF)
PIN 1 & 8: TIP CONNECTIONS PIN 2: BIAS (-) PIN 3 & 6: GROUND CONNECTIONS PIN 4 & 5: RING CONNECTIONS PIN 7: BIAS (+)
5x6 QFN Solder Pad Layout .0200 .0500
.2920 .2050 .1180
Part Numbering
Part Marking
SDP xxx 0 Q38 C B
TYPE SIDACtor DSL Protector MEDIAN VOLTAGE CONSTRUCTION VARIABLE BIASED IPP RATING PACKAGE TYPE
XXXXXX Part Marking Code
(Refer to Electrical Characteristics Table)
XXXXX
Date Code
Packing Options
Package Type Q38 Description 5x6x1.5 QFN Tape and Reel Pack Quantity 4000 Added Suffix N/A
Industry Standard
EIA-481-D
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
33 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Broadband OptimizedTM Protection
Tape and Reel Specifications -- 5x6 QFN
Reel Dimension
Symbols
C A D B W1 N
Tape Leader and Trailer Dimensions
END
CARRIER TAPE
COVER TAPE
START
A B C D N W1 A0 B0 D0 D1 E1 E2 F
TRAILER 160mm MIN
LEADER 400mm MIN
Tape Dimension Items
K0 P0 P1
D0 T
P0 P2
CARRIER TAPE
D1
E1
P2 T W W0
W0 K0
COVER TAPE
B0 F E2 W P1 A0
Min Max Min Reel Diameter N/A 12.992 N/A Drive Spoke Width 0.059 N/A 1.50 Arbor Hole Diameter 0.504 0.531 12.80 Drive Spoke Diameter 0.795 N/A 20.20 Hub Diameter 1.969 N/A 50.00 Reel Inner Width at Hub 0.488 0.567 12.40 Pocket Width at Bottom 0.204 0.212 5.20 Pocket Length at Bottom 0.244 0.252 6.20 Feed Hole Diameter 0.059 0.063 1.50 Pocket Hole Diameter 0.059 N/A 1.50 Feed Hole Position 1 0.065 0.073 1.65 Feed Hole Position 2 0.400 0.408 10.15 Feed Hole Center 0.212 0.220 5.40 Pocket Hole Center 2 Pocket Depth 0.067 0.075 1.70 Feed Hole Pitch 0.153 0.161 3.90 Component Spacing 0.311 0.319 7 .90 Feed Hole Center 0.077 0.081 1.90 Pocket Hole Center 1 Carrier Tape Thickness 0.010 0.014 0.25 Embossed Carrier 0.460 0.484 11.70 Tape Width Cover Tape Width 0.358 0.366 9.10
Description
Inches
Millimeters Max 330.0 N/A 13.50 N/A N/A 14.40 5.40 6.40 1.60 N/A 1.85 10.35 5.60 1.90 4.10 8.10 2.10 0.35 12.30 9.30
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
34 Revised: February 22, 2011


▲Up To Search▲   

 
Price & Availability of SDP0080Q38CB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X