![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 03/29/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0940304021 Active Quick Disconnect, Female for 0.50-1.00mm (18-20 AWG) wire, Accepts 4.75mm (.187") x 0.80mm (.031") Tab Documents: Drawing (PDF) Product Specification PS-94030-001 (PDF) Product Specification PS-94030-002 (PDF) RoHS Certificate of Compliance (PDF) Series Quick Disconnects 94030 Yes N/A Quick Disconnect image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Product Name Type Physical Barrel Type Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Orientation Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Open Female No None None Brass Tin Tin Straight Reel 80 2 80 2 Yes 0.81mm (.032") 4.75mm (.187") -40C to +80C Crimp or Compression 3.30mm (.130") max. 18, 20, 22, 24 0.50-1.00 Search Parts in this Series 94030Series Use With 940956030 , 940956040 Electrical Voltage - Maximum 250V Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-94030-001, PS-94030-002 SD-94030-002 This document was generated on 03/29/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of SD-94030-002
![]() |