Part Number Hot Search : 
MBR20150 EC4A15 74ALS 10700 CT138 N4948 0805C M54HCT08
Product Description
Full Text Search
 

To Download QJE-2-312GG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QJE-2-.312GG
90 POWER DIVIDER / COMBINER
225 to 400 MHz/ Octave Bandwidths / High Power / Ruggedized / Caseless Filmbrid Stripline Pkg
PRINCIPAL SPECIFICATIONS
Model Number QJE-2-.312GG Case Style G Frequency Range, MHz 225 - 400 Isolation, Insertion dB, Loss, dB, Min. Typ. Max. 20 25 0.30 Amplitude Balance, dB, Phase Max. Tolerance 0.9 90 3 CW Weight, Power, oz. (g) Case W, Max. Nom. Style 400 0.40 (11) G
GENERAL SPECIFICATIONS
Coupling: Impedance: VSWR: Peak Power: Terminals: Operating Temperature: -- 3 dB nom. 50 nom. 1.1 typ., 1.25 max. 1 kW max. 4 Solder Tabs -- 55 to +85C
ENVIRONMENTAL QUALIFICATIONS
Exposure
Altitude* Humidity Thermal Shock Life Test Vibration Mechanical Shock Random Vibration
(15 minutes per axis)
* Tab interfaces must be sealed by customer if device is to be used at rated peak power.
Method
105C 106D 107D 108 201A 213B 214
Test Condition
B ---A D ---A 11C
General Notes:
1. The QJE-2-.312GG is ideal for high power applications. A high thermal conductivity dielectric is used to disperse heat insuring high performance and reliability. 2. The FilmbridTM Sandwich Package is sealed under heat and pressure insuring the printed substrates and low-loss dielectric laminates are permanently bonded together. This minimizes the effects of dirt and moisture and prevents separation under shock and vibration. 3. Custom units are readily available to accommodate special bandwidth and frequency requirements.
02Feb07
NOTES:
1. Tolerances on 3 place decimals 0.020(.51) except as noted. 2. Dimensions in inches over millimeters. 3. Solder Tabs: .002 .0005(.05 .01) thick iron nickel alloy, gold plated .0005(.0012) thick min.
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531


▲Up To Search▲   

 
Price & Availability of QJE-2-312GG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X