Part Number Hot Search : 
LX152M06 TA2306A MJE4352 PVC1011 MJE4352 TLS258 STM805 1N6839
Product Description
Full Text Search
 

To Download IPD04N03LA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPD04N03LA IPS04N03LA
IPF04N03LA IPU04N03LA
OptiMOS(R)2 Power-Transistor
Features * Ideal for high-frequency dc/dc converters * Qualified according to JEDEC for target applications * N-channel, logic level * Excellent gate charge x R DS(on) product (FOM) * Superior thermal resistance * 175 C operating temperature
1)
Product Summary V DS R DS(on),max (SMD version) ID 25 3.8 50 V m A
Type
IPD04N03LA
IPF04N03LA
IPS04N03LA
IPU04N03LA
Package Ordering Code Marking
P-TO252-3-11 Q67042-S4177 04N03LA
P-TO252-3-23 Q67042-S4197 04N03LA
P-TO251-3-11 Q67042-S 04N03LA
P-TO251-3-21 Q67042-S4198 04N03LA
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C2) T C=100 C Pulsed drain current Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage4) Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 I D,pulse E AS dv /dt V GS P tot T j, T stg T C=25 C T C=25 C3) I D=40 A, R GS=25 I D=50 A, V DS=20 V, di /dt =200 A/s, T j,max=175 C Value 50 50 350 890 6 20 115 -55 ... 175 55/175/56 mJ kV/s V W C Unit A
Rev. 1.6
page 1
2004-03-22
IPD04N03LA IPS04N03LA
Parameter Symbol Conditions min. Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm2 cooling area5) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=80 A V DS=25 V, V GS=0 V, T j=25 C V DS=25 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=4.5 V, I D=50 A V GS=4.5 V, I D=50 A, SMD version V GS=10 V, I D=50 A V GS=10 V, I D=50 A, SMD version Gate resistance Transconductance RG g fs |V DS|>2|I D|R DS(on)max, I D=50 A 25 1.2 1.6 0.1 Values typ.
IPF04N03LA IPU04N03LA
Unit max.
1.3 75 50
K/W
2 1
V
A
48
10 10 4.8 4.6 3.4 3.2 1.3 96
100 100 5.9 5.7 4.0 3.8 S nA m
1) 2)
J-STD20 and JESD22 Current is limited by bondwire; with an R thJC=1.3 K/W the chip is able to carry 136 A. See figure 3 T j,max=150 C and duty cycle D <0.25 for V GS<-5 V
3) 4) 5)
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.6
page 2
2004-03-22
IPD04N03LA IPS04N03LA
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics6) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total, sync. FET Output charge Reverse Diode Diode continous forward current Diode pulse current Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=50 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s 0.89 Q gs Q g(th) Q gd Q sw Qg V plateau Q g(sync) Q oss V DS=0.1 V, V GS=0 to 5 V V DD=15 V, V GS=0 V V DD=15 V, I D=25 A, V GS=0 to 5 V 12 6.3 8.1 14 31 3.0 28 32 C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=25 A, R G=2.7 V GS=0 V, V DS=15 V, f =1 MHz 3909 1488 174 14 11 44 6.6 Values typ.
IPF04N03LA IPU04N03LA
Unit max.
5199 1979 261 21 16 66 10
pF
ns
16 8.3 12 19 41 37 43
nC
V nC
50 350 1.2
A
V
Reverse recovery charge
Q rr
-
-
15
nC
6)
See figure 16 for gate charge parameter definition
Rev. 1.6
page 3
2004-03-22
IPD04N03LA IPS04N03LA
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
IPF04N03LA IPU04N03LA
140
60
120
50
100 40
P tot [W]
80
I D [A]
0 50 100 150 200
30
60
20 40 10
20
0
0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operation area I D=f(V DS); T C=25 C; D =0 parameter: t p
1000
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
10
limited by on-state resistance 10 s
1 s
1 100
100 s
0.5
0.2 DC
Z thJC [K/W]
I D [A]
1 ms
0.1
0.1
0.05 0.02 0.01 single pulse
10
10 ms
0.01
1 0.1 1 10 100
0.001
0
0
0
0
0
0
1
10-6
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.6
page 4
2004-03-22
IPD04N03LA IPS04N03LA
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
120
10 V 4.5 V 3.8 V
IPF04N03LA IPU04N03LA
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
16
2.8 V 3V 3.2 V 3.4 V 3.6 V 3.8 V
14 12
100
80
3.6 V
R DS(on) [m]
10 8 6
4.5 V
I D [A]
60
3.4 V
40
3.2 V
4 20
3V 2.8 V 10 V
2 0
0 0 1 2 3
0
20
40
60
80
100
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
100
8 Typ. forward transconductance g fs=f(I D); T j=25 C
120
80
100
80 60
g fs [S]
40 20
175 C 25 C
I D [A]
60
40
20
0 0 1 2 3 4 5
0 0 10 20 30 40 50 60
V GS [V]
I D [A]
Rev. 1.6
page 5
2004-03-22
IPD04N03LA IPS04N03LA
9 Drain-source on-state resistance R DS(on)=f(T j); I D=50 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
8 7 2 6
800 A
IPF04N03LA IPU04N03LA
2.5
R DS(on) [m]
5
98 %
V GS(th) [V]
1.5
80 A
4
typ
3 2
1
0.5 1 0 -60 -20 20 60 100 140 180
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
10000
1000
Ciss
25 C, 98%
Coss
100
25 C
175 C, 98%
C [pF]
1000
I F [A]
175 C
10
Crss
100 0 5 10 15 20 25 30
1 0.0 0.5 1.0 1.5 2.0
V DS [V]
V SD [V]
Rev. 1.6
page 6
2004-03-22
IPD04N03LA IPS04N03LA
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
25 C 100 C 150 C
IPF04N03LA IPU04N03LA
14 Typ. gate charge V GS=f(Q gate); I D=25 A pulsed parameter: V DD
12
15 V
10
5V 20 V
8
10
V GS [V]
1 10 100 1000
I AV [A]
6
4
2
1
0 0 20 40 60 80
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
29
V GS
28 27 26
Qg
V BR(DSS) [V]
25 24 23 22 21 20 -60 -20 20 60 100 140 180
V g s(th)
Q g (th) Q gs
Q sw Q gd
Q gate
T j [C]
Rev. 1.6
page 7
2004-03-22
IPD04N03LA IPS04N03LA
Package Outline P-TO252-3-11: Outline
IPF04N03LA IPU04N03LA
Footprint:
Packaging:
Dimensions in mm Rev. 1.6 page 8 2004-03-22
IPD04N03LA IPS04N03LA
Package Outline P-TO252-3-23: Outline
IPF04N03LA IPU04N03LA
Footprint:
Dimensions in mm Rev. 1.6 page 9 2004-03-22
IPD04N03LA IPS04N03LA
Package Outline P-TO251-3-11: Outline
IPF04N03LA IPU04N03LA
P-TO251-3-21: Outline
Dimensions in inch [mm] Rev. 1.6 page 10 2004-03-22
IPD04N03LA IPS04N03LA
Published by Infineon Technologies AG Bereich Kommunikation St.-Martin-Strae 53 D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved.
IPF04N03LA IPU04N03LA
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices, please contact your nearest Infineon Technologies office in Germany or our Infineon Technologies representatives worldwide (see address list). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact your nearest Infineon Technologies office. Infineon Technologies' components may only be used in life-support devices or systems with the expressed written approval of Infineon Technologies if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.6
page 11
2004-03-22


▲Up To Search▲   

 
Price & Availability of IPD04N03LA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X