Part Number Hot Search : 
AMIS30 SSW524 AN6480 TEVAL S78L18 RM4190 HD29412 LS120
Product Description
Full Text Search
 

To Download CY20AAJ-8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI IGBT MITSUBISHI IGBT
CY20AAJ-8 CY20AAJ-8
Nch IGBT STROBE FLASHER Nch IGBT for for STROBE FLASHER
CY20AAJ-8
OUTLINE DRAWING

Dimensions in mm
6.0 4.4
5.0
1.8 MAX.
0.4 1.27
EMITTER GATE COLLECTOR
G VCES ............................................................................... 400V G ICM ................................................................................... 130A G Drive voltage ..................................................................... 4V
SOP-8
APPLICATION Strobe flasher for Camera
MAXIMUM RATINGS
Symbol VCES VGES VGEM ICM Tj Tstg
(Tc = 25C)
Parameter Collector-emitter voltage Gate-emitter voltage Peak gate-emitter voltage Collector current (Pulsed) Junction temperature Storage temperature VGE = 0V VCE = 0V VCE = 0V, tw = 10s
Conditions
Ratings 400 6 8 130 -40 ~ +150 -40 ~ +150
Unit V V V A C C Sep. 2001
CM = 400F see figure1
MITSUBISHI IGBT
CY20AAJ-8
Nch IGBT for STROBE FLASHER
ELECTRICAL CHARACTERISTICS
Symbol V (BR) CES ICES IGES VGE (th) Parameter
(Tj = 25C)
Test conditions IC = 1mA, VGE = 0V VCE = 400V, VGE = 0V VGE = 6V, VCE = 0V VCE = 10V, IC = 1mA
Limits Min. 450 -- -- -- Typ. -- -- -- -- Max. -- 10 0.1 1.5
Unit V A A V
Collector-emitter breakdown voltage Collector-emitter leakage current Gate-emitter leakage current Gate-emitter threshold voltage
Figure1. MAXIMUM PULSE COLLECTOR CURRENT
PULSE COLLECTOR CURRENT ICM (A)
160
120
CM = 400F
80
40
0
0
2
4
6
8
GATE-EMITTER VOLTAGE VGE (V)
APPLICATION EXAMPLE
TRIGGER SIGNAL Vtrig
IXe CM
+
Vtrig
IGBTE GATE VG VOLTAGE
-
VCM
RG VCE
Xe TUBE CURRENT IXE
VG
IGBT
Recommended operation conditions Maximum operation conditions VCM = 350V VCM = 330V ICP = 120A ICP = 130A CM = 400F CM = 300F VGE = 5V Notice 1. Gate drive voltage during on-state must be applied to satisfy the rating of maximum pulse collector current. And peak reverse gate current during turn-off must become less than 0.1A. (In general, when RG (off) = 30, it is satisfied.) Notice 2. IGBT has MOS structure and its gate is insulated by thin silicon oxide. So please handle carefully not to give static electricity. Notice 3. The operation life should be endured 5,000 shots under the charge current (Ixe 130A : full luminescence condition) of main condenser (CM = 400F). Repetitive period under the full luminescence conditions is over 3 seconds. Notice 4. Total gate operation time must be applied within 5,000 hours. Sep. 2001


▲Up To Search▲   

 
Price & Availability of CY20AAJ-8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X