Part Number Hot Search : 
MB91F267 MB961F 000950 41500 VCO55CL 10C221 MM3S0530 S87C51FB
Product Description
Full Text Search
 

To Download CR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CR
Vishay Techno
Thick Film Chip Resistors
FEATURES
* * * * * * * Flow solderable. Custom sizes available. Burn-in data available. Automatic placement capability. Top and wraparound terminations. Tape and reel packaging available. Internationally standardized sizes.
STANDARD ELECTRICAL SPECIFICATIONS
RESISTANCE RANGE (Ohms) 100 - 500K 100 - 500K 100 - 1M 100 - 1M 100 - 1M 100 - 1M 100 - 1M 100 - 1M POWER RATING* (mW) 100 100 200 250 450 300 325 525
ELECTRICAL SPECIFICATIONS
Resistance Range: 100 ohms to 1 Megohm (Higher values available). Resistance Tolerance: 1%, 2%, 5%, 10%, 20%. Temperature Coefficient: (- 55C to + 150C) 100ppm/C: Standard thru 1 Megohm. 200ppm/C: 1.1 Megohms thru 10 Megohms. Power Rating: 100mW thru 575mW. Short Time Overload: Less than 0.5% R.
MODEL CR1 CR5050 CR2 CR3 CR1010 CR1206 CR4 CR5
MECHANICAL SPECIFICATIONS Construction: 96% alumina substrate with proprietary
cermet resistance element and specified termination material.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature: - 55C to + 150C. Moisture Resistance: Less than .5% change when tested per Method 106 of MIL-STD-202. Life: Less than 1% change when tested per Method 108D (+ 85C) of MIL-STD-202.
CR2010 100 - 1M 575 *Higher values available. Please consult our application engineer at 909-923-3313.
DIMENSIONS in inches [millimeters]
Termination Style A (3 sided wraparound)
W L T .025 [.635] Max. T .025 [.635] Max. L
Termination Style B (Top conductor only)
W
MODEL CR1 CR5050 CR2 CR3 CR1010 CR1206
0.006 [0.152]
0.050 [1.27] 0.050 [1.27] 0.075 [1.90] 0.100 [2.54] 0.100 [2.54] 0.125 [3.18] 0.150 [3.81] 0.225 [5.72] 0.200 [5.08]
LENGTH (L)*
0.006 [0.152]
0.040 [1.02] 0.050 [1.27] 0.050 [1.27] 0.050 [1.27] 0.100 [2.54] 0.062 [1.57] 0.050 [1.27] 0.075 [1.90] 0.100 [2.54]
WIDTH (W)*
THICKNESS (T)* 0.002 [0.051] 0.012 [0.305] 0.010 [0.254] 0.015 [0.381] 0.015 [0.381] 0.020 [0.508] 0.025 [0.635] 0.015 [0.381] 0.015 [0.381] 0.020 [0.508]
Termination Style C (5 sided wraparound)
W L T .025 [.635] Max.
*All dimensions are before solder coating.
CR4 CR5 CR2010
ORDERING INFORMATION
CR A 5050 MODEL SIZE TERMINATION STYLE CR = Standard A = 3 sided B = Top only C = 5 sided A TERMINATION MATERIAL A = Palladium Silver B = Platinum Gold C = Gold D = Platinum Silver E = Palladium Gold 1001 VALUE The first 3 digits are significant figures. Last digit specifies the number of zeros to follow. Example: 1001 = 1 kilohm. F TOLERANCE F = 1% G = 2% J = 5% K = 10% M = 20% 100 TCR 100 = 100ppm/C 150 = 150ppm/C 200 = 200ppm/C 350 = 350ppm/C S2 SOLDER TERMINATION S2 = Sn62
www.vishay.com 10
Document Number 68013 Revision 12-Feb-03


▲Up To Search▲   

 
Price & Availability of CR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X