Part Number Hot Search : 
BDW52C CR200 00TTS SQZ300 PE38752H 24LC01B 15U48S15 EC12E12
Product Description
Full Text Search
 

To Download CE-1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/4)
DC to DC Converters Non-insulation Type, Wide Input, SMD
CE-1003/1004/1005 Series
FEATURES * Input voltage is wide renge: 6 to 16V(CE-1003/1004). * This series are high conversion efficiency design. * A thickness dimension is a low height of 4.5mm. * It is available in the wide temperature range from -40 to +85C. * ON/OF control and external signal control are possible. * It has over-current protection by an auto-recovery. * Output voltage adjustment by external resistor(CE-1005). * It is possible to set eight different output voltage patterns without using external resistance (refer to the output voltage setting method). * Due to the shielding structure of five-side in metal, this series feature low EMI. * SMD type is available for feeding with both tray and taping. * It is a product conforming to RoHS directive. SPECIFICATIONS AND STANDARDS
Part No. Input voltage range Output voltage range Output voltage setting range Output voltage setting precision Output voltage total variation Oscillating frequency Output ripple noise voltage Efficiency Vin Iout Vout V A V % % kHz mVp-p % % % % V V A CE-1003 +6 to +16 1.5 max. +1.5 to +3.3 3 5 430 max./330 min. 100 max./50 typ. -- 83 min./86.5 typ. 80 min./83.5 typ. 73.5 min./76.5 typ. 6 max./2 min. 0.6 max./0 min. 2 typ. CE-1004 +6 to +16 1.5 max. +3.3 to +5.0 3 5 430 max./320 min. 100 max./30 typ. 86.5 min./90 typ. 83 min./86.5 typ. -- -- 6 max./2 min. 0.6 max./0 min. 2 typ.
Conformity to RoHS Directive
ON/OFF control voltage Overcurrent protection Vin=3 to 3.6V: 1.25+0.5xVout(A) Vin>3.6V: 0.83+0.67xVout(A)
[5V] [3.3V] [2.5V] [1.5V] ON OFF
CE-1005 +3 to +5.25 2.5 max. +1 to +3.3 3 4 550 typ. 50 max./20 typ. -- -- 88 min./91.5 typ. -- 0.5 max./0 min. 2.0 min. 3 typ.
OUTPUT POWER - AMBIENT TEMPERATURE(DERATING) CE-1003/1004
100 80 60 40 20 0 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 Ambient temperature(C)
COMMON SPECIFICATIONS
Operating temperature range Storage temperature range Humidity range -40 to +85C -40 to +85C 10 to 90(%)RH
CE-1005 does not have derating.
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. * All specifications are subject to change without notice. 003-02 / 20060214 / ea381_ce_10.fm
Output power(%)
(2/4)
SHAPES AND DIMENSIONS
0.7 1 2 3 4 5 10 9 8 7 6
CIRCUIT DIAGRAMS CE-1003/1004
1 10 9 8 7 6 0.1 Load Load +Vout
PPPP
12.30.3
12V
0.1
2 3 4 ON 5
18.30.3
1.4 1.4
4.5max.
OFF
When does not use ON/OFF control, please make it opening.
CE-1005
1 P=2.00.3 Tolerance: 0.1 Dimensions in mm 3.3V 0.1 OFF 2 3 4 5 10 9 8 7 6 0.1
RECOMMENDED PWB PATTERN[TOP VIEW]
1.4
ON
When does not use ON/OFF control, please make it a low or opening.
15.7 (20.1)
Dimensions in mm
Input start-up time: less than 5ms (When it cannot satisfy this condition, please use ON/OFF terminal. And start with the conditions that input voltage was applied.) Added input inductor: less than 2.2H if added Added input condenser: added capacity 10 times or more of input inductor Added output capacity: Less than 100F If capacity is large, it may not start up. TERMINAL CONNECTIONS
No. 1 2 3 4 5 6 7 8 9 10 CE-1003 Vin Vin GND GND ON/OFF GND Vs-0 Vs-1 Vs-2 Vout CE-1004 Vin Vin GND GND ON/OFF GND Vs-0 Vs-1 Vs-2 Vout CE-1005 Vin Vin GND GND ON/OFF GND GND Vset Vout Vout
* All specifications are subject to change without notice. 003-02 / 20060214 / ea381_ce_10.fm
0.6
(3/4)
OUTPUT VOLTAGE SETTING METHOD CE-1003/1004
7-pin 8-pin 9-pin 0 1 0 1 0 1 0 1 Vout CE-1003 3.3V 3.0V 2.8V 2.5V 2.3V 2.0V 1.8V 1.5V CE-1004 5.0V 4.8V 4.5V 4.3V 4.0V 3.8V 3.5V 3.3V
CE-1005 The output current voltage may differ depending upon the output voltage setting.
Output voltage 1.0V 1.2V 1.5V 1.8V 2.0V 2.5V 3.3V Rated output current 3.3V input 1.75A 1.85A 2.00A 2.15A 2.25A 2.50A -- 5V input 1.5A 1.65A 1.85A 2.0A 2.2A 2.5A 2.5A
0 0 0 0 0 1 0 1 1 0 1 0 1 1 1 1 0: Short to GND 1: OPEN
* When the setting is under 2.5V: Set the output voltage by connecting resistance between the pins 8 and 9.
Vout = 5.78+2.5xRex 5.78+Rex 5.78x(Vout-1) 2.5-Vout Unit: V, k
Rex =
Unit: V, k
1 3.3V 0.1 OFF ON 2 3 4 5
10 9 8 7 6 Load Load Rex 0.1
* When the setting is over 2.5V: Set the output voltage by connecting resistance between the pins 7 and 8.
Vout = 5.78+2.5xRex 0.68+Rex 5.78-0.68xVout Vout-2.5 Unit: V, k
Rex =
Unit: V, k
1 3.3V 0.1 OFF ON 2 3 4 5
10 9 8 7 6 Rex 0.1
* All specifications are subject to change without notice. 003-02 / 20060214 / ea381_ce_10.fm
(4/4)
Component surface temperature(C)
PACKAGING STYLES AND QUANTITIES TAPING SPECIFICATIONS Carrier tape dimensions
1.750.1
RECOMMENDED REFLOW SOLDERING CONDITIONS
245 225 180 150 50s max.
o1.50.1
40.1
160.1
0.30.05
28.40.2
18.80.2
320.3
40 to 100s
Reflow time
12.80.2
o1.5x1.7
4.50.2
Peak temperature: 245C max. Reflow temperature: over 225C, 50s min. Preheating temperature: 150 to 180C, 100s min.
Dimensions in mm
Reel dimensions
(2) 33.50.5
2.5 o21 2 o13.5
o1001
o3302
PRECAUTIONS * Cleaning of this product is inhibited. Store this product indoors, in a room where temperature variation is slight, and away from direct sunlight. Caution should be taken not to store this product in an environment of high temperature and high humidity, or where temperature variation is large, which may cause the formation of condensation on the product, deterioration of properties, and deterioration of solderability. * Less-residue or non-cleaning type flux should be used so as to omit the cleaning. This product cannot be cleaned. Use low-residue or non-cleaning type flux and refrain from cleaning.
120 (37.5)
Dimensions in mm
* The rise time of the input voltage must be 40ms max. TAPING DIRECTION View from cover tape
TDK JAPAN Lot.No
TDK JAPAN Lot.No
Reel side
Drawing direction
TDK JAPAN Lot.No
CE - 10
CE - 10
CE - 10
Terminal No. 1 side
PACKAGE QUANTITY 500 pieces per reel Maximum 3 reels are packed in a reel box. The following items are indicated on the packing box: 1. Part No. 2. Quantity 3. Lot No. or manufacturing date 4. Name of manufacturing company
* All specifications are subject to change without notice. 003-02 / 20060214 / ea381_ce_10.fm


▲Up To Search▲   

 
Price & Availability of CE-1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X