Part Number Hot Search : 
K1225 SI4940DY MAX13 BAV70W PL3843B PE4149 45F2R0 E1300
Product Description
Full Text Search
 

To Download CD7607CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicore
VIDEO IF AMPLIFIER FOR COLOR AND MONOCHROME TELEVISION RECEIVER CHMC
FUNCTION
Three Controlled IF Amplifier stages Vi d e o D e m o d u l a t o r C o n t r o l l e d b y P i c t u r e Carrier Black Noise and White Noise Inverter Peak AGC DC Amplifier for RF AGC Output DC Amplifier for AFT Quadrature Detector for AFT
CD7607CP/CD7611CP
Outline Drawing
F E AT U R E
H i g h G a i n , Wi d e B a n d I F A m p l i f i e r : 5 0 d B ( Ty p . ) a t 5 8 M H z G a i n R e d u c t i o n w i t h E x c e l l e n t St a b i l i t y : 5 5 d B ( Ty p . ) a t 5 8 M H z E x c e l l e n t D G / D P C h a r a c t e r i s t i c s : D G 7 % ( Ty p . ) , D P 3 . 5 d e g . ( Ty p . ) Excellent S/N Characteristics Due to Delayed 3 Stage AGC action. Fast AGC Action Due to Noise Inverter and Peak AGC. S w i t c h O f f t h e Vi d e o p a r t w i t h V T R S w i t c h . Dual Differential AFT Output. N e g a t i v e Vi d e o O u t p u t S i g n a l .
SHAOXING SILICORE TECHNOLOGY CO.,LTD www. Silicore. com. cn
1/8
CHMC
Silicore
PIN CONNECTION
CD7607CP/CD7611CP
IF IN 1 FIL 2 RFAGC CON 3 RFAGC OUT 4 AFT1 OUT 5 AFT2 OUT 6 AFT TA 7 IF TA 8
9 IF TA 10 AFT TA 11 Vcc 12 VF OUT 13 GND 14 AGC FIL 15 FIL 16 IF IN
BLOCK DIAGRAM
11 5 6
7.7K BIAS CIRCUIT 15 16 1 2 1nd IF 2nd IF 3nd IF LIMITER
7.7K AFT DET 7 10 9 VIDEO AMP 8
12 4 AGC3 3 14 AGC2 AGC1 NOISE INVERTER 13
SHAOXING SILICORE TECHNOLOGY CO.,LTD www. Silicore. com. cn
2/8
CHMC
Silicore
M A X I M U M R AT I N G S ( Ta = 2 5 ae
CHARACTERISTIC S u p p l y Vo l t a g e O p e n L o o p Vo l t a g e Vi d e o D C O u t p u t C u r r e n t Power Dissipation A m b i e n t Te m p e r a t u r e St o r a g e Te m p e r a t u r e (Note) D e r a t e d a b o v e Ta = 2 5 ae (note)
CD7607CP/CD7611CP
)
SYMBOL Vcc V4 I12 PD Ta Ts t g R AT I N G 15 15 6 1.4 -20~65 ae ae -55~150 UNIT V V mA W
i n t h e p r o p o r t i o n o f 11 . 2 m W / ae
E L E C T R I C A L C H A R A C T E RI S T I C S ( Ta = 2 5 ae
CHARACTERISTIC Recommended S u p p l y Vo l t a g e Supply Current VIDEO DC O u t p u t Vo l t a g e AFT DC Output Vo l t a g e AFT DC Output Vo l t a g e AFT Output O f f s e t Vo l t a g e RF AGC Residual Output Vo l t a g e RF AGC Leak Current Vi d e o Sensitivity AGC Range S y n c Ti p L e v e l Vo l t a g e Maximum IF I n p u t Vo l t a g e White Noise Threshold White Noise Clamp Level SYMTEST BOL CIRCUIT Vcc ( V 11 ) Icc 1 ( I 11 ) V12 V5 V6 V5-V6 V4 S AT I4 LEAK Vi Pin1-16 | A (IF) VSYNC (V12) VIN MAX PIF Vw TH (V12) Vw CL (V12) 2 2 2 2 2 2 1 1 1 1 1
)
M I N . T Y P. M A X . U N I T 10.8 12.0 42 5.2 5.3 5.3 -1.5 51 5.5 6.8 6.8 0 13.2 63 5.8 8.3 8.3 1.5 0.5 V mA V V V V V
TEST CONDITION Vcc=12V Vcc=12V Vcc=12V SW1:ON, SW2:ON Vcc=12V SW1:ON, SW2:ON Vcc=12V SW1:ON,SW2:ON V c c = 1 2 V, S W 3 : 2 S W 4 : 1 D 7 6 0 7 S W 4 : 2 D 7 6 11 V c c = 1 2 V, S W 3 : 1 S W 4 : 1 D 7 6 11 S W 4 : 2 D 7 6 0 7 V c c = 1 2 V, f p = 5 8 . 7 5 M H z V12=0.8Vp-p,AM:30% V c c = 1 2 V, f p = 5 8 . 7 5 M H z V 1 4 = 11 . 5 V u 4 . 0 V V c c = 1 2 V, fp=58.75MHz V c c = 1 2 V, fp=58.75MHz V c c = 1 2 V, fp=58.75MHz V c c = 1 2 V, fp=58.75MHz
100 60 2.3 100 5.8 3.7
200 64 2.5 120 6.2 4.1
1 |I 3 0 0 |I 2.7 6.6 4.5
A Vr m s dB V
m Vr m s V V
SHAOXING SILICORE TECHNOLOGY CO.,LTD www. Silicore. com. cn
3/8
CHMC
Silicore
E L E C T R I C A L C H A R A C T E RI S T I C S
CHARACTERISTIC
CD7607CP/CD7611CP
CONTINUE
TEST SYMTEST M I N . T Y P. M A X . U N I T CONDITION BOL CIRCUIT VB TH V c c = 1 2 V, Black Noise Threshold 2 1.4 1.6 1.8 V (V12) fp=58.75MHz Black Noise Clamp VB CL V c c = 1 2 V, 2 2.9 3.3 3.7 V Level (V12) fp=58.75MHz Vi d e o F r e q u e n c y Input 58.75MHz 2 4.5 5.5 MHz fBW +Sweep Generator Response S G 1 = 1 0 0 m Vr m s Suppression of carrier 4 40 50 dB SG2, SG3 OFF Suppression of 2nd S G 1 = 1 0 0 m Vr m s I2nd 4 40 50 dB carrier SG2, SG3 OFF Suppression of Sound S G 1 = 1 0 0 m Vr m s Carrier Color I920 4 S G 2 = 3 2 m Vr m s 33 38 dB Subcarrier S G 3 = 3 2 m Vr m s Differential Phase DP 3 3.5 5 deg Differential Gain Input Impedance AFT Sensitivity | AFT Output Upper Vo l t a g e AFT Output Lower Vo l t a g e M a x Av a i l a b l e C u r r e n t RF AGC Delay Point Range | DG RIN CIN F/ V5-6 V5, V6 U V5,V6 L I4 MAX VIN Delay 3 2 2 2 (Note 10) f=58.75MHz Between Pin16-1 f=58.75MHz f=58.75MHz f=58.75MHz D7607 D 7 6 11 f=58.75MHz 3.0 7 4.5 2.0 16 10 6.0 5.0 % k | pF kHz/V V V mA mA --
11 . 7 11 . 9 1 2 . 0 1.8 0.3 7 2.3 2.8 -
SHAOXING SILICORE TECHNOLOGY CO.,LTD www. Silicore. com. cn
4/8
CHMC
Silicore
TEST CIRCUIT 1.DC TEST CIRCUIT
5.1K 3.3K 1 SW4 0.01uF 2 1.6K A 0.01uF 820K 0.01uF 16 0.01uF 15 0.01uF 3.9K
CD7607CP/CD7611CP
Vcc +12V 4.7uF
0.01uF 0.01uF 13 14 12 11 10
9 SW1 SW2
68PF
0.01uF
0.01uF
0.01uF 0.01uF
0.01uF
1
2
3
4
5
6
7
8 0.01uF
2 1 +15V A 39K(TA7607AP) 1.6K(TA7611AP) 0.01uF SW3
2.DYNAMIC TEST CIRCUIT
2 S-1 RFin 1:1 0.01uF 0.22uF 820K 47uF 0.01uF 16 15 14 13 1000uF 12 11 10 9 3.9K 1 2 3 4 1000PF 5 1M 0.01uF S-2 39K (TA7607AP) 1.6K (TA7611AP) 1K 1 2 AFT OUT 6 7 1000PF 8 2PF 75PF 8PF 0.01uF VAGC 1 VIDEO 1.6K Vcc=12V
5K
1K
SHAOXING SILICORE TECHNOLOGY CO.,LTD www. Silicore. com. cn
5/8
CHMC
Silicore
3 . DG DP TEST CIRCUIT
DG DP MEASURING EQUIPMENT VIDEO OUT SIGNAL IN SINGAL OUT
CD7607CP/CD7611CP
OSC ILLOSCOPE Vcc 12V 0.01uF 75pF 11 16 1000pF 15 2 1 820K 13 14 V AGC 0.22uF Vcc
75pF 75PF 11 25 A.T.T 25 0.01uF 15 12 2 14 50 1 0.01uF 13 820K VAGC 0.22uF Vcc 25 SG 3 55.17MHz 0.01uF 16 9 3.9K 8
0.01uF RF SG 58.75MHz MODULATOR A. T. T.
9
3.9K 8 12
50
VAGC : GAIN REDUCTION 40Db ADJUST A . T. T : S Y N C T I P L E V E L D C 2 . 5 V A D J U S T A . P. L : 5 0 %
4 . I N T E R M O D U L ATI O N T E S T CI R C UI T
0.01uF
SG
1
25
58.75MHz SG 2
54.25MHz
0.01uF
SHAOXING SILICORE TECHNOLOGY CO.,LTD www. Silicore. com. cn
6/8
CHMC
Silicore
A P P L I C ATI O N C I R C U I T
CD7607CP/CD7611CP
VIDEO OUT
+B 12.0V
4.5MHz TRAP
68pF 8pF
75pF 1.5pF
2pF 3.9K 390 8
2.2uF 1M 2 3
11
12
47pF
0.22uF
820K
13
4
TO SIF
14
47pF
24uH 0.01uF
15
2
1uF
16
TO TUNER
1
0.01uF 0.001uF 220 TP 33 TR 2SC388A
2.2uF
820
0.25uH FROM TUNER 330 0.33uH 390
5.6K
0.01uF
0.01uF
0.01uF 100
1.1K
P.S.F
1K
7/8
SHAOXING SILICORE TECHNOLOGY CO.,LTD www. Silicore. com. cn
CHMC
5K
3
1K
0.01uF
D7607/D7611
1K
5
6
0.001uF
47uF
10
9
7
0.01uF
0.01uF
TO TUNER
AFT OUT
Silicore
C H A R A C T E R I S T I C C U RV E S
AFT OUTPUT V O LTA G E AS A FUNCTION OF
CD7607CP/CD7611CP
FREQUENCY
FOR
THE
C D 7 6 0 7 C P / C D 7 6 11 C P
SHAOXING SILICORE TECHNOLOGY CO.,LTD www. Silicore. com. cn
8/8
CHMC


▲Up To Search▲   

 
Price & Availability of CD7607CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X