Part Number Hot Search : 
RFP450 CJ110 2SD12 TK40J60U 2SB766 55NF03 85230 MHW932
Product Description
Full Text Search
 

To Download CD4504B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4504BT
Data Sheet July 1999 File Number
4623.1
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
Intersil's Satellite Applications FlowTM (SAF) devices are fully tested and guaranteed to 100kRAD total dose. These QML Class T devices are processed to a standard flow intended to meet the cost and shorter lead-time needs of large volume satellite manufacturers, while maintaining a high level of reliability. CD4504BT Hex Voltage Level Shifter consists of six circuits which shift input signals from the VCC logic level to the VDD logic level. To shift TTL signals to CMOS logic levels, the SELECT input is at the VCC HIGH logic state. When the SELECT input is at a LOW logic state, each circuit translates signals from one CMOS level to another.
Features
* QML Class T, Per MIL-PRF-38535 * Radiation Performance - Gamma Dose () 1 x 105 RAD(Si) - SEP Effective LET > 75 MEV/gm/cm2 * Independence of Power Supply Sequence Considerations - VCC Can Exceed VDD - Input Signals can Exceed Both VCC and VDD * Up and Down Level Shifting Capability * Shiftable Input Threshold for Either CMOS or TTL Compatibility * 100% Tested for Quiescent Current at 20V * 5V, 10V and 15V Parametric Ratings * Standardized Symmetrical Output Characteristics
Specifications
Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed below must be used when ordering. Detailed Electrical Specifications for the CD4504BT are contained in SMD 5962-96665. A "hot-link" is provided from our website for downloading. www.intersil.com/spacedefense/newsafclasst.asp Intersil's Quality Management Plan (QM Plan), listing all Class T screening operations, is also available on our website. www.intersil.com/quality/manuals.asp
Pinouts
CD4504BT (SBDIP), CDIP2-T16 TOP VIEW
VCC AOUT AIN BOUT BIN COUT CIN 1 2 3 4 5 6 7 8 16 VDD 15 FOUT 14 FIN 13 SELECT 12 EOUT 11 EIN 10 DOUT 9 DIN
Ordering Information
ORDERING NUMBER 5962R9666501TEC 5962R9666501TXC PART NUMBER CD4504BDTR CD4504BKTR TEMP. RANGE (oC) -55 to 125 -55 to 125
VCC AOUT AIN BOUT BIN COUT CIN VSS
VSS
CD4504BT (FLATPACK), CDFP4-16 TOP VIEW
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VDD FOUT FIN SELECT EOUT EIN DOUT DIN
NOTE: Minimum order quantity for -T is 150 units through
distribution, or 450 units direct.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999 Satellite Applications FlowTM (SAF) is a trademark of Intersil Corporation.
CD4504BT Functional Diagram
VDD VCC VDD LEVEL SHIFTER OUT (2, 4, 6, 10, 12, 15)
IN
(3, 5, 7, 9, 11, 14)
ALL INPUTS ARE PROTECTED BY CMOS PROTECTION NETWORK SELECT
13
VSS
TTL/CMOS MODE SELECT
VCC = PIN 1 VDD = PIN 16 VSS = PIN 8
2
CD4504BT Die Characteristics
DIE DIMENSIONS: (2540m x 1753m x 533m 25.4m) 100 x 69 x 21mils 1mil METALLIZATION: Type: Al Thickness: 12.5kA 1.5kA SUBSTRATE POTENTIAL: Leave Floating or Tie to VDD Bond Pad #16 (VDD) First BACKSIDE FINISH: Silicon PASSIVATION: Type: Phosphorus Doped Silox (SiO2) Thickness: 13.0kA 2.6kA WORST CASE CURRENT DENSITY: < 2.0e5 A/cm2 TRANSISTOR COUNT: 72 PROCESS: Bulk CMOS
Metallization Mask Layout
CD4504BT
69mils
100mils
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
3


▲Up To Search▲   

 
Price & Availability of CD4504B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X