Part Number Hot Search : 
MR700 74HC238 IRL3705 SD2333 LC75834W IRF730AL M3004L STK4873
Product Description
Full Text Search
 

To Download CD4011BT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4011BT
Data Sheet July 1999 File Number
4620.1
CMOS Quad 2-Input NAND Gate
Intersil's Satellite Applications FlowTM (SAF) devices are fully tested and guaranteed to 100kRAD total dose. These QML Class T devices are processed to a standard flow intended to meet the cost and shorter lead-time needs of large volume satellite manufacturers, while maintaining a high level of reliability. The CD4011BT, Quad 2-Input NAND gate provides the system designer with direct implementation of the NAND function and supplements the existing family of CMOS gates. All inputs and outputs are buffered.
Features
* QML Class T, Per MIL-PRF-38535 * Radiation Performance - Gamma Dose () 1 x 105 RAD(Si) - SEP Effective LET > 75 MEV/gm/cm2 * Propagation Delay Time = 60ns (typ.) at CL = 50pF, VDD = 10V * Buffered Inputs and Outputs * Standardized Symmetrical Output Characteristics * 100% Tested for Maximum Quiescent Current at 20V
Specifications
Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed below must be used when ordering. Detailed Electrical Specifications for the CD4011BT are contained in SMD 5962-96621. A "hot-link" is provided from our website for downloading. www.intersil.com/quality/manuals.asp Intersil's Quality Management Plan (QM Plan), listing all Class T screening operations, is also available on our website. www.intersil.com/quality/manuals.asp
* 5V, 10V and 15V Parametric Ratings
Pinouts
CD4011BT (SBDIP), CDIP2-T14 TOP VIEW
A1 B2 J = AB 3 K = CD 4 C5 D6 VSS 7 14 VDD 13 H 12 G 11 M = GH 10 L = EF 9E 8F
Ordering Information
ORDERING NUMBER 5962R9662101TCC 5962R9662101TXC PART NUMBER CD4011BDTR CD4011BKTR TEMP. RANGE (oC) -55 to 125 -55 to 125
A B J = AB K = CD C D VSS
CD4011BT (FLATPACK), CDFP3-F14 TOP VIEW
1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD H G M = GH L = EF E F
NOTE: Minimum order quantity for -T is 150 units through
distribution, or 450 units direct.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
CD4011BT Schematic and Logic Diagram
p 1 n (8, 6, 13) 2 (9, 5, 12) n p
14
VDD
p
p
p 3 (10, 4, 11)
n VDD
n
n
7
VSS
VSS
ALL INPUTS ARE PROTECTED
BY CMOS PROTECTION NETWORK
1 OF 4 GATES (NUMBERS IN PARENTHESES ARE TERMINAL NUMBERS FOR OTHER GATES) 1(8, 6,13) 3 (10, 4, 11) 2(9, 5, 12) LOGIC DIAGRAM
2
CD4011BT Die Characteristics
DIE DIMENSIONS: (1143m x 1626m x 533m 25.4m) 45 x 64 x 21mils 1mil METALLIZATION: Type: Al Thickness: 12.5kA 1.5kA SUBSTRATE POTENTIAL: Leave Floating or Tie to VDD Bond Pad #14 (VDD) First BACKSIDE FINISH: Silicon PASSIVATION: Type: Phosphorus Doped Silox (SiO2) Thickness: 13kA 2.6kA WORST CASE CURRENT DENSITY: < 2.0e5 A/cm2 TRANSISTOR COUNT: 10 PROCESS: Bulk CMOS
Metallization Mask Layout
CD4011BT
45mils
64mils
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
3


▲Up To Search▲   

 
Price & Availability of CD4011BT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X