Part Number Hot Search : 
APA0713 MMSTA55 6KE10A O2155A GL317 677003 LHF32J06 8385A01
Product Description
Full Text Search
 

To Download 9905-062 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 nylon tubular spacers
Nylon Spacers for Standard Screw Sizes
* Screw Spacers give users an extremely wide selection of tubular spacers for PCB support in almost any elevation * Six basic ID/OD combinations with heights ranging from 1/16" (1.6mm) through 1.0" (25.4mm), are available from factory stock or within two weeks * Such a broad selection permits the user to choose the most suitable sizes for strength, elevation and ease of assembly
Material Specifications: Natural Nylon, per ASTM D4066 PA225, UL Rated 94V-2 Oxygen Rating Index: Over 23% Standard Drawing Tolerances: (unless otherwise indicated) _ O.D. + .005 (.13) + .005 (.13) _ I.D. _ "H" Dim: 1/16-1/2 (1.6-12.7) is +.005 (.13) _ "H" Dim: 9/16-1.0 (14.3-25.4) is + .010 (.25)
99XX Series
Series Screw Size
Color: Natural
I.D. O.D. "H" DIM. 1/16 (1.6) Dash No. -062 -125 -187 -250 -312 -375 -437 -500 -562 -625 -750 -812 -875 -937 -1000 Price Code U U U U U V V V V W W X X X X
9913 9910
#2 #2
.091 (2.3) .091 (2.3)
.187 (4.7) .250 (6.4)
1/8 (3.2) 3/16 (4.8) 1/4 (6.4) 5/16 (7.9) 3/8 (9.5)
9908
#4
.125 (3.2)
.187 (4.7)
7/16 (11.1) 1/2 (12.7) 9/16 (14.3)
9911 9905 9912
#4 #6 #8
.125 (3.2) .147 (3.7) .171 (4.3)
.250 (6.4) .250 (6.4) .250 (6.4)
5/8 (15.9) 3/4 (19.1) 13/16 (20.6) 7/8 (22.2) 15/16 (23.8) 1.0 (25.4)
Examples: 9913-250 is for a #2 Screw, O.D. is .187 (4.7) Length is 1/4 (6.4), price code U. 9910-125 is for a #2 Screw, O.D. is .250 (6.4) Length is 1/8 (3.2), price code U.
65
www.bivar.com
cage code (FSCM) 32559 (c) copyright 2004 Bivar Inc.


▲Up To Search▲   

 
Price & Availability of 9905-062

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X