Part Number Hot Search : 
14005 2SC2362 07416 SF104C PP2368 L78M20CP FBL2040 02P15
Product Description
Full Text Search
 

To Download 5TC-TT-J-30-36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ready-Made Insulated Thermocouples
with Stripped Leads
Starts at
ANSI color code shown
To order IEC color code see omega.com
Custom L Insulati engths, ons, an d Configu rati Availab ons le
$
33
5 Pack
Shown smaller than actual size.
Available from Stock in Convenient 5-Packs PFA Teflon(R), Kapton(R), or Glass Braid Insulation 20, 24, 30, 36 and 40 AWG Wires 1 and 2 m (40 and 80") Lengths Standard NIST Calibration Available
"TT" PFA Teflon(R) insulation
"GG" Glass braid insulation
ALL MODELS AVAILABLE FOR FAST DELIVERY!
To Order (Specify Model Number)
Model No. ANSI Color Code
5TC-GG-(*)-20-(**) 5TC-GG-(*)-24-(**) 5TC-GG-(*)-30-(**) 5TC-TT-(*)-20-(**) 5TC-TT-(*)-24-(**) 5TC-TT-(*)-30-(**) 5TC-TT-(*)-36-(**) 5TC-TT-(*)-40-(**) 5TC-KK-(*)-20-(**) 5TC-KK-(*)-24-(**) 5TC-KK-(*)-30-(**)
New! New! Fine 40-Gage KAPTON Teflon Wire Insulation
AWG Gage
20 24 30 20 24 30 36 40 20 24 30
Diameter mm (in)
0.81 (0.032") 0.51 (0.020") 0.25 (0.010") 0.81 (0.032") 0.51 (0.020") 0.25 (0.010") 0.13 (0.005") 0.08 (0.003") 0.81 (0.032") 0.51 (0.020") 0.25 (0.010")
Insulation
Glass Braid Glass Braid Glass Braid Teflon Teflon Teflon
(R)
Price, Pack of 5 1m 2m (40") (80")
$39 33 33 50 39 44 50 60 50 39 60 $49 43 43 70 49 64 70 80 70 49 80
Also Available TAP Adhesive Labels!
Thermocouple Adhesive Labels secure wire probes to surfaces. TAP adhesive labels have a thickness of 0.064 mm (0.0022") and can be used at a maximum temperature of 180C (356F). They are made of a polymide film with a silicone pressure sensitive adhesive.
Please see page F-16 for additional details and ordering information.
Teflon(R)
(R)
Teflon(R)
(R)
Kapton(R) Kapton
(R)
Kapton(R)
* Insert calibration J, K, T, or E. **Specify length, insert "36" for 1 m or "72" for 2 m length. Note - For GG or TT wire, add $5 per additional 300 mm (12") per package of 5. For KK wire, add $8 per additional 300 mm (12") per package of 5. Ordering Example: 5TC-TT-K-36-36, 5 each, Teflon insulated Thermocouples, Type K calibration (CHROMEGA(R)-ALOMEGA(R)), 36 AWG, 1 m (40") long, stripped lead termination, $50.
Model TAP, roll of 100 adhesive labels, $28, shown smaller than actual size.
A-19
One Omega Drive | Stamford, CT 06907 | 1-888-TC-OMEGA (1-888-826-6342) |
info@omega.com
www.omega.com
UNITED KINGDOM www. omega.co.uk Manchester, England 0800-488-488 UNITED STATES www.omega.com 1-800-TC-OMEGA Stamford, CT. CANADA www.omega.ca Laval(Quebec) 1-800-TC-OMEGA GERMANY www.omega.de Deckenpfronn, Germany 0800-8266342 FRANCE www.omega.fr Guyancourt, France 088-466-342 CZECH REPUBLIC www.omegaeng.cz Karvina, Czech Republic 596-311-899 BENELUX www.omega.nl Amstelveen, NL 0800-099-33-44
More than 100,000 Products Available!
Temperature
Calibrators, Connectors, General Test and Measurement Instruments, Glass Bulb Thermometers, Handheld Instruments for Temperature Measurement, Ice Point References, Indicating Labels, Crayons, Cements and Lacquers, Infrared Temperature Measurement Instruments, Recorders Relative Humidity Measurement Instruments, RTD Probes, Elements and Assemblies, Temperature & Process Meters, Timers and Counters, Temperature and Process Controllers and Power Switching Devices, Thermistor Elements, Probes and Assemblies,Thermocouples Thermowells and Head and Well Assemblies, Transmitters, Wire
Data Acquisition
Auto-Dialers and Alarm Monitoring Systems, Communication Products and Converters, Data Acquisition and Analysis Software, Data Loggers Plug-in Cards, Signal Conditioners, USB, RS232, RS485 and Parallel Port Data Acquisition Systems, Wireless Transmitters and Receivers
Pressure, Strain and Force
Displacement Transducers, Dynamic Measurement Force Sensors, Instrumentation for Pressure and Strain Measurements, Load Cells, Pressure Gauges, Pressure Reference Section, Pressure Switches, Pressure Transducers, Proximity Transducers, Regulators, Strain Gages, Torque Transducers, Valves
Flow and Level
Air Velocity Indicators, Doppler Flowmeters, Level Measurement, Magnetic Flowmeters, Mass Flowmeters, Pitot Tubes, Pumps, Rotameters, Turbine and Paddle Wheel Flowmeters, Ultrasonic Flowmeters, Valves, Variable Area Flowmeters, Vortex Shedding Flowmeters
Heaters
Band Heaters, Cartridge Heaters, Circulation Heaters, Comfort Heaters, Controllers, Meters and Switching Devices, Flexible Heaters, General Test and Measurement Instruments, Heater Hook-up Wire, Heating Cable Systems, Immersion Heaters, Process Air and Duct, Heaters, Radiant Heaters, Strip Heaters, Tubular Heaters
pH and Conductivity
Conductivity Instrumentation, Dissolved Oxygen Instrumentation, Environmental Instrumentation, pH Electrodes and Instruments, Water and Soil Analysis Instrumentation
click here to go to the omega.com home page
EPG05


▲Up To Search▲   

 
Price & Availability of 5TC-TT-J-30-36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X