Part Number Hot Search : 
PP1DM S1201 32HDVA 89HR1KTR B1236A SDS20WM BL2000 MP7610BP
Product Description
Full Text Search
 

To Download 5T512CD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9 Watt CD Triple Series DC/DC Converters
Specifications
Model Features Power Input Parameters Voltage Range Efficiency Switching Frequency Output Parameters Voltage Accuracy Rated Current Load Regulation Min to Max Load Line Regulation Vin = Min to Max VDC Noise, 0 to 20 MHz bw min typ max min max typ max typ max typ min typ max typ typ +5V 5.10 VDC 5.20 VDC 5.30 VDC 350 mA 850 mA 0.8% 1.2% 0.05% 0.1% 60 mV p-p 5.5 VDC 6.5 VDC 14.5 VDC 74% 100 kHz +12V 11.76 VDC 12.00 VDC 12.24 VDC 150 mA 200 mA 0.6% 1.0% 0.2% 0.5% 30 mV p-p -12V 11.76 VDC 12.00 VDC 12.24 VDC 150 mA 200 mA 0.6% 1.0% 0.2% 0.5% 30 mV p-p 5T5.12CD Automotive Application 9.25 Watts
Case Dimension
0.000 1.800
General Specifications
0.040o PINS 0.70 3 1 2 4 5 6 0.500 0.100 0.300 0.700
Isolation Isolation Voltage Input to Output Input to Output Capacitance Environmental Case Operating Temperature Range No Derating Storage Temperature Range min typ 700 V D C 250 pF
0.000 0.200 0.90
min max min max
0C 90C -55C 105C
0.25 MAX 0.000
0.10
1.90
0.48
Note: Requires input caps, 2 ea, 220F, 0.12 ESR NOTES (1) Specifications subject to change without notice. (2) Water Washability - Calex DC/DC converters are designed to withstand most solder/wash processes. Careful attention should be used when assessing the applicability in your specific manufacturing process. Converters are not hermetically sealed.
BOTTOM VIEW
SIDE VIEW
XX.XX = 0.02 XX.XXX = 0.005
PIN 1 2 3 4 5 6
FUNCTION +INPUT -INPUT -12V OUTPUT +12V OUTPUT OUTPUT CMN +5.2V OUTPUT
A
2401 Stanwell Drive * Concord, California 94520 * Ph: 925/687-4411 or 800/542-3355 * Fax: 925/687-3333 * www.calex.com * Email: sales@calex.com
1
3/2001, eco# 041007-1


▲Up To Search▲   

 
Price & Availability of 5T512CD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X