Part Number Hot Search : 
PV100 SK372 01612 N4749 2SD1296 AA101 ND3049 AN7586
Product Description
Full Text Search
 

To Download 5HN01SP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN6639
5HN01SP
N-Channel Silicon MOSFET
5HN01SP
Ultrahigh-Speed Switching Applications
Features
* * *
Package Dimensions
unit : mm 2180
4.0
Low ON-resistance. Ultrahigh-speed switching. 4V drive.
[5HN01SP]
3.0
2.2
0.4 0.5
0.6
1.8 15.0
0.4
0.4
12 1.3
0.7
3
1.3
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% Conditions
1 : Source 2 : Drain 3 : Gate SANYO : SPA
Ratings 50 20 0.1 0.4 0.25 150 --55 to +150 Unit V V A A W C C
3.0 3.8nom
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Sourse Leakage Current Cutoff Voltage Symbol V(BR)DSS IDSS IGSS VGS(off) Conditions ID=1mA, VGS=0 VDS=50V, VGS=0 VGS=16V, VDS=0 VDS=10V, ID=100A Ratings min 50 10 10 1 2.4 typ max Unit V A A V
0.7
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
82200 TS IM TA-2034 No.6639-1/4
5HN01SP
Continued from preceding page.
Parameter Forward Transfer Admittance Static Drain-to-Source On-State Resistance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol yfs RDS(on)1 RDS(on)2 Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions VDS=10V, ID=50mA ID=50mA, VGS=10V ID=30mA, VGS=4V VDS=10V, f=1MHz VDS=10V, f=1MHz VDS=10V, f=1MHz See specified Test Circuit See specified Test Circuit See specified Test Circuit See specified Test Circuit VDS=10V, VGS=10V, ID=100mA VDS=10V, VGS=10V, ID=100mA VDS=10V, VGS=10V, ID=100mA IS=100mA, VGS=0 Ratings min 85 typ 120 5.8 7.5 6.2 4.4 1.5 10 11 105 75 1.40 0.21 0.34 0.85 1.2 7.5 10.5 max Unit mS pF pF pF ns ns ns ns nC nC nC V
Marking : YC
Switching Time Test Circuit
10V 0V VIN VIN VDD=25V ID=50mA RL=500
PW=10s D.C.1%
D G
VOUT
5HN01SP P.G 50
S
0.10
ID -- VDS
8.0 V
0.20 0.18
ID -- VGS
VDS=10V
Ta= --25 C 75C
0 1 2 3
6.
0V
0.08
0.16
Drain Current, ID -- A
Drain Current, ID -- A
.0V
0.14 0.12 0.10 0.08 0.06 0.04
0.06
0.04
10
2.5V
0.02
VGS=2.0V
0 0 0.2 0.4 0.6 0.8 1.0 IT00042
0.02 0 4 5 IT00043
Drain-to-Source Voltage, VDS -- V
12
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
100
RDS(on) -- ID
25
4.
0V
3.0
V
C
Ta=25C
Static Drain-to-Source On-State Resistance, RDS(on) --
11 10 9
7
VGS=10V
Static Drain-to-Source On-State Resistance, RDS(on) --
5 3 2
50mA
8
10 7 5 3 2
ID=30mA
7 6 5 4 0 1 2 3 4 5 6 7 8 9 10
Ta=75C 25C --25C
1.0 0.01
2
3
5
7
0.1
2
3
Gate-to-Source Voltage, VGS -- V
IT00044
Drain Current, ID -- A
IT00045
No.6639-2/4
5HN01SP
100 7
RDS(on) -- ID
VGS=4V Static Drain-to-Source On-State Resistance, RDS(on) --
14
RDS(on) -- Ta
Static Drain-to-Source On-State Resistance, RDS(on) --
5 3 2
12
10
10 7 5 3 2
Ta=75C
25C
8
6
4V S= , VG 10V mA S= =30 , VG A ID 50m I D=
--25C
4
2 0 --60
1.0 0.01
2
3
5
7
0.1
2
3 IT00046
--40
--20
0
20
40
60
80
100
120
140
160
Drain Current, ID -- A
1.0
yfs -- ID
Ambient Temperature, Ta -- C
3 2
IT00047
IF -- VSD
VGS=0
Forward Transfer Admittance, yfs -- S
7 5 3 2
VDS=10V
25C
Forward Current, IF -- A
0.1 7 5
Ta=
0.1 7 5 3 2
--25C
75C
3
Ta= 7 5C
0.5 0.6
2
0.01 0.01
2
3
5
7
0.1
2
3
0.01 0.4
0.7
25C --25C
0.8 0.9
1.0
1.1
1.2
Drain Current, ID -- A
1000 7 5
IT00048 100 7 5 3 2 10 7 5 3 2 1.0 7 5 3 2 0.1
SW Time -- ID
Diode Forward Voltage, VSD -- V
IT00049
Ciss, Coss, Crss -- VDS
f=1MHz
VDD=25V VGS=10V td(off) tf tr td(on) Ciss, Coss, Crss -- pF
Switching Time, SW Time -- ns
3 2 100 7 5 3 2 10 7 5 3 2 1.0 0.01 2 3 5 7
Ciss Coss
Crss
Drain Current, ID -- A
10 9
0.1 IT00050 0.30
0
5
10
15
20
25
30
35
40
45
50
VGS -- Qg
Drain-to-Source Voltage, VDS -- V
IT00051
PD -- Ta
Allowable Power Dissipation, PD -- W
Gate-to-Sourse Voltage, VGS -- V
VDS=10V ID=0.1A
0.25
8 7 6 5 4 3 2 1 0 0 0.3 0.6 0.9 1.2 1.5 IT00052
0.20
0.15
0.10
0.05
0 0 20 40 60 80 100 120 140 160
Total Gate Charge, Qg -- nC
Ambient Temperature, Ta -- C
IT02382
No.6639-3/4
5HN01SP
Note on usage : Since the 5HN01SP is designed for high-speed switching applications, please avoid using this device in the vicinity of highly charged objects.
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be expor ted without obtaining the expor t license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of August, 2000. Specifications and information herein are subject to change without notice.
PS No.6639-4/4


▲Up To Search▲   

 
Price & Availability of 5HN01SP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X