Part Number Hot Search : 
1SS383 N4005 10001 04470 EN25F051 FAMDM30G 114111 ATS1380
Product Description
Full Text Search
 

To Download 52892-2695-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 11/06/2009
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0528922695 Active
0.50mm (.020") Pitch Easy-OnTM Type FFC/FPC Connector, Right Angle, SMT, ZIF, Bottom Contact Style, Cable Retention Guide, 26 Circuits, Lead-free
Documents: 3D Model Drawing (PDF) General Product Family Series Comments Product Name Physical Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type Electrical Current - Maximum Voltage - Maximum Material Info Reference - Drawing Numbers Product Specification Product Specification Product Specification Product Specification Product Specification Sales Drawing
Product Specification PS-52892-038 (PDF) RoHS Certificate of Compliance (PDF)
FFC/FPC Connectors 52892 Hinge, Cable Guide Easy-OnTM 26 Natural Bottom 20 90 Angle 0.079 In 2.00 mm Phosphor Bronze Tin-Bismuth Tin-Bismuth High Temperature Thermoplastic 1 Right Angle No Yes Embossed Tape on Reel 0.020 In 0.50 mm 40 1 40 1 No No N/A -25C to +85C Surface Mount FFC/FPC 0.5A 50V
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 52892 Series
PS-52892-038 RPS-52892-036 RPS-52892-039 RPS-52892-045 RPS-52892-049 SD-52892-040
Sales Drawing
SD-52892-041
This document was generated on 11/06/2009
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 52892-2695-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X