|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 11/04/2009 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0510150500 Active 2.00mm (.079") Pitch Board-In Crimp Housing, Low Profile, 5 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-51015-001 (PDF) General Product Family Series Product Name Physical Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Temperature Range - Operating Electrical UL Material Info Reference - Drawing Numbers Product Specification Product Specification Product Specification Product Specification Product Specification Product Specification Sales Drawing Product Specification PS-51015-002 (PDF) RoHS Certificate of Compliance (PDF) Crimp Housings 51015 Board-In 5 Natural 94V-0 Male No Nylon 1 Bag No 0.079 In 2.00 mm No -40C to +105C E29179 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 51015 Series Use With 50034 PS-51015-001 PS-51015-002 RPS-51015-001 RPS-51015-003 RPS-51015-004 RPS-51015-006 SD-51015-**00 This document was generated on 11/04/2009 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 51015-0500 |