Part Number Hot Search : 
SPR12 GCX1217 SR3080PT 1N4933G MBR840D SP720 1901X001 C3858
Product Description
Full Text Search
 

To Download 510-13-012-05-001001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PIN GRID ARRAY SOCKETS Standard, Long Solder Tail & Low Profile
* Series 510, 511, & 515 PGA sockets are available in three solder tail lengths: standard, long and low profile. * Choice of three low force clips to cover all applications. * Hi-Temp PCT polyester insulator material suitable for all forms of soldering.
Series 510, 511, 515
STANDARD SOLDER TAIL SERIES 510
Ordering Information
1. Select pin type for PGA socket at left (standard, long, or low profile) to determine series number. 2. Specify 2-digit plating code from chart at bottom of page
3. Locate footprint pattern from pages 107 to 111, the middle 8 digits of the part number will be located under the pattern. 4. Determine the last 2 digits of part number from the Contact Chart below.
Series
LONG SOLDER TAIL SERIES 511
Plating Code
Window
Clip Type
51
-
No. of pins
Grid size
Pattern #
0
Determined from footprint pattern pages 107 to 111 EXAMPLE OF COMPLETE PART NUMBER: 510-43-068-11-061001 This is a 68 pin (11x11 grid) insulator with a .6" square window and fitted with standard solder tail socket pins. Pins are tin plated, inner contacts are Mill-Max #32 and are plated 30" gold.
LOW PROFILE SOLDER TAIL SERIES 515
Clip Type 01 02 03
Contact (Clip) Chart Mill-Max #32 clip, standard low force, recommended for devices with less than 150 pins. See page 208 for details. Mill-Max #35 clip, ultra low force, recommended for devices with more than 150 pins, but less than 250 pins. See page209 for details. Mill-Max #43 clip, "ultra lite", recommended for devices with more than 250 pins. See page 209 for details.
13
10" Au 30" Au
SPECIFY PLATING CODE XX=
91
10" Au
93
30" Au
99
200"Sn/Pb
41
10" Au
43
44
Sleeve (Pin) Contact (Clip)
200" Sn/Pb 200" Sn/Pb 200"Sn/Pb 200"Sn 200"Sn 200"Sn 30" Au 200"Sn
w w w. m i l l - m a x . c o m
98
516-922-6000


▲Up To Search▲   

 
Price & Availability of 510-13-012-05-001001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X