Part Number Hot Search : 
K9XXG08 HCF45 FST7340L NXA66 DT28F160 WSR5RDEK L9107 SIHFD320
Product Description
Full Text Search
 

To Download 3100-40Q9999A7-1611021-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Catalog 1308242 Issued 3-03
PRODUCTS UNLIMITED
Model 93 - 3100 series
Definite Purpose Contactor 4-pole, 25-40 FLA AC Coil
File E75492 File EN60947-4-1:1991 IEC 947-4-1
Users should thoroughly review the technical data before selecting a product part number. It is recommended that users also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application.
Features
* 4-pole contactors. * Convenient "universal" mounting plate. * Optional interlock/auxiliary switches available.
Environmental Data
Temperature Range: Storage and Operating: -40C - +65C. Flammability: UL 94-HB housing.
Mechanical Data Contact Data @ 25C
Arrangements: 4 Form X (4PST-NO-DM). Maximum Ratings: See Contact Ratings Table. Material: Silver Cadmium Oxide. Contact Termination: 25, 30 FLA Models Type: #10-32 Screw with quad 0.250" (6.35 mm) quick connects. Wire Size: 16-8 AWG (Stranding must be split for 8 AWG wire.) Tightening Torque: 25 in.-lbs. 40 FLA Models Type: Box Lug with dual 0.250" (6.35 mm) quick connects. Wire Size: 14-4 Cu/Al AWG Tightening Torque: 40 in.-lbs. Coil Termination: Dual 0.250" (6.35 mm) quick connects, standard. A 0.250" quick connect and a #6-32 screw, optional. Arc Cover: Optional on 25-30 FLA models, standard on 40 FLA models. Weight: 24 oz. (683 g) approximately
Coil Data @ 25C
Voltage: 24 - 480 VAC, 50/60 Hz. See Coil Data Table below. Insulation Class: UL Class B (130C). Duty Cycle: Continuous.
Contact Ratings
Full Load Amps 25 Number of Poles 3 Line Voltage 240/277 480 600 240/277 480 600 240/277 480 600 Locked Rotor Amps 150 125 100 180 150 120 240 200 160 Resistive Amps Rating 35 35 35 40 40 40 50 50 50 Voltage 110/120 200/208 240/277 480 110/120 200/208 240/277 480 110/120 200/208 240/277 480 Maximum Horsepower Single Phase 2 5 2 5 3 7.5 Three Phase 7.5 10 15 10 10 15 10 10 20
30
3
40
3
Coil Data
Nominal Coil Voltage Maximum Pickup Volts Drop-Out Volts Range Nominal Inrush VA @ 50 Hz Nominal Inrush VA @ 60 Hz Nominal Sealed VA @ 50 Hz Nominal Sealed VA @ 60 Hz Nominal DC Resistance - Ohms 24 19.2 6 -15 68 60 14 9 5 120 93 20 - 70 68 60 14 9 148 208/240 177 40 - 140 68 60 14 9.5 520 277 220 50-185 58 52 11 9.5 750 480 384 150 - 270 48 52 11 9 2700
Dimensions are shown for
836 reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.
Specifications and availability subject to change.
www.tycoelectronics.com Technical support: Refer to inside back cover.
Catalog 1308242 Issued 3-03
PRODUCTS UNLIMITED
Ordering Information
Typical Part No.
B
3100
-
40
Q
9
999
1. Series: 3100 = 4-pole, 25-40 FLA contactor 2.Packaging: Y = Individual Pack - = Bulk Pack A-ZZZ = Customer specific information (assigned by factory) 3.Pole Configuration: 40 = 4 Form X (4PST-NO-DM) 4.Coil Voltage (50/60 Hz.): Q = 24VAC U = 208/240VAC H = 480VAC J = 120VAC, molded M = 277VAC, molded T = 120VAC V = 277VAC I = 24VAC, molded K = 208/240VAC, molded W = 480VAC, molded 5.Contact Ratings (Inductive): 8 = 25 FLA 9 = 30 FLA 10 = 40 FLA 6.Customer ID Suffix: 999 = Standard Model 000-998 = Factory assigned customer ID 7. Option Code: Leave Blank = No customer-specific options A - ZZ = Factory assigned customer-specific options.
Standard part numbers listed below are more likely to be available from stock.
None at present.
Outline Dimensions
3.055 (77 .6) .250 (6.35) 2.00 (50.8) .250 (6.35)
Termination Options
.253 (6.43)
3.25 (82.55) 3.75 (95.25) 3.125 (79.38)
Standard on 25, 30 FLA #10-32 Combination Phillips, Slotted & 5/16 Hex Head #12 Washer
Special on 25, 30 FLA #10-32 Sems Screw with Pressure Plate
Standard on 40 FLA Lug accepts 14-4 Cu/Al AWG
2.493 (63.3) 2.633 (66.9)
.203 TYP (5.156)
.203 TYP (5.156)
ORDERING NOTE: "Standard" terminals need not be specified in the "Ordering Information" chart above. "Special" terminals are offered on a special order basis. Special order items may be subject to extended leadtimes and significant minimum order quantities. Your Tyco Electronics sales engineer must consult with the factory before providing price and availability information regarding items with these options.
Shown with Optional Auxiliary Switch
Auxiliary Switches
Various interlock / auxiliary switches are available for the Model 93 contactor. Equipped with 0.250" (6.35) Quick Connect Terminals Description Factory Modifications Contact Config. NO NC Single unit interlock 1 0 configurations listed. 0 1 Maximum of two. Must 1 1 be same polarity. 2 0 See footnote (1) for ratings. 0 2 2 2 SPDT Circuit 1 1 See footnote (2) for ratings. 2 2 SPDT Dry Circuit, 0.1 amp max. 1 1 Gold Flashed Contacts 2 2 Field Added Kits Kit Catalog Number of Number Kits Required 34220-303N 1 34220-331N 1 34220-332N 1 34220-303N 2 34220-331N 2 34220-332N 2 34220-337N 1 34220-337N 2 34220-341N 1 34220-340N 1
NORMALLY OPEN -303 STYLE
NORMALLY CLOSED -331 STYLE
NORMALLY OPEN & CLOSED -332 STYLE
SPDT -337 & -341 STYLE
Equipped with #6-32 Screw Terminals & Saddle Clamps Factory Modifications Field Added Kits Description Contact Config. Kit Catalog Number of NO NC Number Kits Required Single unit interlock 1 0 34220-342N 1 configurations listed. 0 1 34220-343N 1 Maximum of two. Must 1 1 34220-344N 1 be same polarity. (note 1) Footnotes: Ratings of Auxiliary Interlocks / Switches (1) Contact Rating Single Circuit NO or NC (2) Contact Rating SPDT (337): and two circuit NO/NC: 10A, 1/3 HP 125 or 250 VAC , 1/2A, 125 VDC; 1/4A, 250 VDC: 120V 240V 480V 600V Break 3.0A 1.5A 0.75A 0.6A 4A 120 VAC on Lamp Load Make 30A 15A 7.5A 6A Continuous 10A 10A 10A 10A
W/ #6-32 SCREW & SADDLE CLAMP -344 STYLE
Dimensions are shown for reference purposes only.
Dimensions are in inches over (millimeters) unless otherwise specified.
Specifications and availability subject to change.
www.tycoelectronics.com Technical support: Refer to inside back cover.
837


▲Up To Search▲   

 
Price & Availability of 3100-40Q9999A7-1611021-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X