Part Number Hot Search : 
UPD8255A 028100 SSH60N10 AXXAB1 CD74HC 300PPM X1205S8Z 38HC44YM
Product Description
Full Text Search
 

To Download 3100-0-15-01-34-01-10-0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PR E CI
PIN RECEPTACLES for .032" - .046" diameter pins (#34 contact)
M
ON S I CHI A
PINS
NED
8838
3100
8853
6800
8838-0-15-XX-34-XX-10-0
Solder mount in .086 min. mounting hole
3100-0-15-XX-34-XX-10-0
Solder mount in .074 min. mounting hole
8853-0-15-XX-34-XX-10-0
Press-fit in .071 mounting hole
6800-0-15-XX-34-XX-04-0
Solder mount in .080 min. mounting hole
8206
.145 DIA. .125 DIA. .018 .127 .180 .206
0739
.075 .100
8206-0-15-XX-34-XX-40-0
Surface mount
0739-0-15-XX-34-XX-10-0
Hex press-fit in .078.002 plated thru hole
SPECIFICATIONS
SHELL MATERIAL: Brass Alloy 360, 1/2 Hard CONTACT MATERIAL: Beryllium Copper Alloy 172, HT DIMENSION IN INCHES TOLERANCES ON: LENGTHS: .005 DIAMETERS: .002 ANGLES: .002
ORDER CODE: XXXX - 0 - 15 - XX - 34 - XX - 10 - 0
BASIC PART # SPECIFY SHELL FINISH: 01 200" TIN/LEAD OVER NICKEL 80 200" TIN OVER NICKEL 15 10" GOLD OVER NICKEL RoHS
SPECIFY CONTACT FINISH: 01 200" TIN/LEAD OVER NICKEL 80 200" TIN OVER NICKEL 27 30" GOLD OVER NICKEL
2002/95/EC
CONTACT #34 CONTACT (DATA ON PAGE 222)
w w w. m i l l - m a x . c o m
155
516-922-6000


▲Up To Search▲   

 
Price & Availability of 3100-0-15-01-34-01-10-0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X