Part Number Hot Search : 
10405 M6823TA ATS01 PSU6465A LT1019 AN2110S PI6C102 01M10
Product Description
Full Text Search
 

To Download 2SJ104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SJ104
TOSHIBA Field Effect Transistor Silicon P Channel Junction Type
2SJ104
For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
* * * High input impedance: IGSS = 1.0 nA (max) (VGS = 25 V) Low RDS (ON) = 40 (typ.) (IDSS = -5 mA) Complimentary to 2SK364 Unit: mm
Maximum Ratings (Ta = 25C)
Characteristics Gate-drain voltage Gate current Drain power dissipation Junction temperature Storage temperature range Symbol VGDS IG PD Tj Tstg Rating 25 -10 400 125 -55~125 Unit V mA mW C C
JEDEC JEITA TOSHIBA
TO-92 SC-43 2-5F1D
Electrical Characteristics (Ta = 25C)
Characteristics Gate cut-off current Gate-drain breakdown voltage Drain current Gate-source cut-off voltage Forward transfer admittance Input capacitance Reverse transfer capacitance Drain-source ON resistance Symbol IGSS V (BR) GDS IDSS (Note 1) VGS (OFF) iYfsi Ciss Crss RDS (ON) Test Condition VGS = 25 V, VDS = 0 VDS = 0, IG = 100 mA VDS = -10 V, VGS = 0 VDS = -10 V, ID = -0.1 mA VDS = -10 V, VGS = 0, f = 1 kHz
Weight: 0.21 g (typ.)
Min 3/4 25 -2.6 0.2 12 3/4 3/4 (Note 2) 3/4
Typ. 3/4 3/4 3/4 3/4 30 105 32 40
Max 1.0 3/4 -20 2.0 3/4 3/4 3/4 3/4
Unit nA V mA V mS pF pF W
(Note 2) VDS = -10 V, VGS = 0, f = 1 MHz VDG = -10 V, ID = 0, f = 1 MHz VDS = -10 mV, VGS = 0
Note 1: IDSS classification
GR: -2.6~-6.5 mA, BL: -6~-12 mA, V: -10~-20 mA
Note 2: Condition of the typical value IDSS = -5 mA
1
2003-03-25
2SJ104
2
2003-03-25
2SJ104
3
2003-03-25
2SJ104
4
2003-03-25
2SJ104
RESTRICTIONS ON PRODUCT USE
000707EAA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
5
2003-03-25


▲Up To Search▲   

 
Price & Availability of 2SJ104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X